Part Number Hot Search : 
LG1030 2SB1018A 4X337M00 IS42S164 BCR3AS CT100 12K8EC PER100
Product Description
Full Text Search
 

To Download HMC392LC4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC392LC4
v00.0607
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
5
AMPLIFIERS - SMT
Typical Applications
The HMC392LC4 is ideal for: * Point-to-Point Radios * VSAT * LO Driver for HMC Mixers * Military EW, ECM, * Space C3 I
Features
Gain: 16 dB Noise Figure: 2.5 dB Single Supply Voltage: +5V No External Matching Components Required 50 Ohm Matched Input/Output RoHS Compliant 4x4 mm SMT Package
Functional Diagram
General Description
The HMC392LC4 is a GaAs MMIC Low Noise Amplifier which operates between 3.5 and 7.0 GHz. Housed in a leadless 4x4 mm SMT package, this amplifier provides 16 dB of gain, 2.5 dB noise figure and 30 dBm IP3 from a +5V supply voltage. HMC392LC4 functions well as a low noise front end or as a driver amplifier. The RF I/Os are DC blocked and matched to 50 Ohms for ease of use. The HMC392LC4 allows the use of surface mount manufacturing techniques and is suitable for high reliability military, industrial and space applications.
Electrical Specifications, TA = +25 C, Vdd= 5V
Parameter Frequency Range Gain Gain Variation Over Temperature Input Return Loss Output Return Loss Output Power for 1 dB Compression (P1dB) Saturated Output Power (Psat) Output Third Order Intercept (IP3) Noise Figure Supply Current (Idd) 25 13 13.5 Min. Typ. 4.0 - 6.0 16 0.018 15 18 16 20 30 2.5 65 3.1 23 12 0.025 12.5 Max. Min. Typ. 3.5 - 7.0 14.5 0.018 12 12 16 20 30 2.9 65 3.5 0.025 Max. Units GHz dB dB/ C dB dB dBm dBm dBm dB mA
5 - 148
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC392LC4
v00.0607
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
Broadband Gain & Return Loss
20 15 10 RESPONSE (dB) 5 0 -5 -10 -15 -20 -25 -30 2 3 4 5 6 7 8 9 FREQUENCY (GHz)
S21 S11 S22
Gain vs. Temperature
20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 3 3.5 4 4.5 5 5.5
5
AMPLIFIERS - SMT
5 - 149
GAIN (dB)
+25C +85C -40C
6
6.5
7
7.5
8
FREQUENCY (GHz)
Input Return Loss vs. Temperature
0
+25C +85C -40C
Output Return Loss vs. Temperature
0
+25C +85C -40C
-5 RETURN LOSS (dB)
-5 RETURN LOSS (dB)
-10
-10
-15
-15
-20
-20
-25 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
-25 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
Noise Figure vs. Temperature
5 4.5 4 NOISE FIGURE (dB) 3.5 3 2.5 2 1.5 1 0.5 0 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
+25C +85C -40C
Reverse Isolation vs. Temperature
0 -10 ISOLATION (dB) -20 -30 -40 -50 -60 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
+25C +85C -40C
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC392LC4
v00.0607
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
5
AMPLIFIERS - SMT
P1dB vs. Temperature
22 21 20 19 P1dB (dBm) 17 16 15 14 13 12 11 10 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
+25C +85C -40C
Psat vs. Temperature
22 21 20 19 Psat (dBm) 18 17 16 15 14 13 12 11 10 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
+25C +85C -40C
18
Output IP3 vs. Temperature
32 31 30 29 OIP3 (dBm) 28 27 26 25 24 23 22 21 20 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 FREQUENCY (GHz)
+25C +85C -40C
Gain, Noise Figure & Power vs. Supply Voltage @ 5.5 GHz
GAIN (dB), NOISE FIGURE (dB), P1dB (dBm) 20 18 16 14 12 10 8 6 4 2 0 4.5 4.7 5 VOLTAGE SUPPLY (Volts) 5.2 5.5
Gain Noise Figure P1dB
Power Compression @ 5.5 GHz
25 Pout (dBm), GAIN (dB), PAE (%)
20
15
10
Pout Gain PAE
5
0 -10
-8
-6
-4
-2
0
2
4
6
8
INPUT POWER (dBm)
5 - 150
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC392LC4
v00.0607
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
Absolute Maximum Ratings
Drain Bias Voltage (Vdd) RF Input Power (RFin)(Vdd = +5.0 Vdc) Channel Temperature Continuous Pdiss (T= 85 C) (derate 6.5 mW/C above 85 C) Thermal Resistance (channel to ground paddle) Storage Temperature Operating Temperature +7 Vdc +11 dBm 175 C 0.42 W 155 C/W -65 to +150 C -40 to +85 C
Typical Supply Current vs. Vdd
Vdd (Vdc) +4.5 +5.0 +5.5 Idd (mA) 59 60 60
5
AMPLIFIERS - SMT
5 - 151
Note: Amplifier will operate over full voltage ranges shown above.
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Outline Drawing
NOTES: 1. PACKAGE BODY MATERIAL: ALUMINA. 2. LEAD AND GROUND PADDLE PLATING: 30-80 MICROINCHES GOLD OVER 50 MICROINCHES MINIMUM NICKEL 3. DIMENSIONS ARE IN INCHES (MILLIMETERS). 4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE. 5. CHARACTERS TO BE HELVETICA MEDIUM, .025 HIGH, BLACK INK, OR LASER MARK LOCATED APPROX. AS SHOWN. 6. PACKAGE WARP SHALL NOT EXCEED 0.05MM DATUM - C - 7. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC392LC4
v00.0607
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
5
AMPLIFIERS - SMT
Pin Descriptions
Pin Number 1, 5 - 14, 18 - 20, 22 - 24 Function N/C Description No connection required. These pins may be connected to RF/DC ground without affecting performance. Package bottom has an exposed metal paddle that must also be connected to RF/DC ground. This pin is AC coupled and matched to 50 Ohms from 3.5 - 7.0 GHz. This pin is AC coupled and matched to 50 Ohms from 3.5 - 7.0 GHz. Interface Schematic
2, 4, 15, 17
GND
3
RFIN
16
RFOUT
21
Vdd
Power Supply Voltage for the amplifier. External bypass capacitors of 100 pF, 1000pF, and 2.2 F are required.
5 - 152
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC392LC4
v00.0607
GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
Evaluation PCB
5
AMPLIFIERS - SMT
List of Materials for Evaluation PCB 117490 [1]
Item J1, J2 J3 - J4 C1 C2 C3 U1 PCB [2] SMA DC Pin 100 pF capacitor, 0402 pkg. 1,000 pF Capacitor, 0603 pkg. 2.2F Capacitor, Tantalum HMC392LC4 Amplifier 117858 Evaluation PCB Description
[1] Reference this number when ordering complete evlaution PCB [2] Circuit Board Material: Rogers 4350.
The circuit board used in this application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and bottom ground planes. The evaluation board should be mounted to an appropriate heat sink. The evaluation circuit board shown is available from Hittite upon request.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
5 - 153


▲Up To Search▲   

 
Price & Availability of HMC392LC4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X