Part Number Hot Search : 
CT1G0 T1210 T1210 HYS64T KBU8G Z15D681 26000 045SPBF
Product Description
Full Text Search
 

To Download HMC341 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROWAVE CORPORATION
v00.0301
HMC341
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
Features
Excellent Noise Figure: 2.5 dB Gain: 13 dB Single Supply : +3V @ 30 mA Small Size: 1.06 mm x 1.42 mm
1
AMPLIFIERS - CHIP
Typical Applications
The HMC341 is ideal for: * Millimeterwave Point-to-Point Radios * LMDS * VSAT & SATCOM
Functional Diagram
General Description
The HMC341 chip is a GaAs MMIC Low Noise Amplifier (LNA) which covers the frequency range of 24 to 30 GHz. The chip can easily be integrated into Multi-Chip Modules (MCMs) due to its small (1.51 mm2) size. The chip utilizes a GaAs PHEMT process offering 13 dB gain from a single bias supply of + 3V @ 30 mA with a noise figure of 2.5 dB. All data is with the chip in a 50 ohm test fixture connected via 0.025 mm (1 mil) diameter wire bonds of minimal length 0.31 mm (<12 mils).
Electrical Specifications, TA = +25 C, Vdd = +3V
Parameter Frequency Range Gain Gain Variation Over Temperature Noise Figure Input Return Loss Output Return Loss Reverse Isolation Output Power for 1dB Compression (P1dB) Saturated Output Power (Psat) Output Third Order Intercept (IP3) Supply Current (Idd) 26 - 30 GHz 24 - 26 GHz 9 9 25 2 6 12 10 Min. Typ. 24 - 30 13 .03 2.5 2.9 13 13 30 6 10 16 30 16 .04 3.5 3.9 Max. Units GHz dB dB/C dB dB dB dB dB dBm dBm dBm mA
1 - 18
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v00.0301
HMC341
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
GaAs MMIC SUB-HARMONICALLY Gain vs. Temperature @ Vdd = +5V PUMPED MIXER 17 - 25 GHz Gain vs. Temperature @ Vdd = +3V
20 20
+25C -55C +85C
1
AMPLIFIERS - CHIP
1 - 19
15
15
GAIN (dB)
10
GAIN (dB)
+25C -55C +85C
10
5
5
0 22 24 26 28 30 32 FREQUENCY (GHz)
0 22 24 26 28 30 32 FREQUENCY (GHz)
Return Loss @ Vdd = +3V
0 -5
S11 S22
Return Loss @ Vdd = +5V
0 -5
S11 S22
RETURN LOSS (dB)
-15 -20 -25 -30 -35 22 24 26 28 30 32 FREQUENCY (GHz)
RETURN LOSS (dB)
-10
-10 -15 -20 -25 -30 -35 22 24 26 28 30 32 FREQUENCY (GHz)
Noise Figure vs. Temperature @ Vdd = +3V
7 6
+25C -55C +85C
Noise Figure vs. Temperature @ Vdd = +5V
7 6
+25C -55C +85C
NOISE FIGURE (dB)
4 3 2 1 0 22 24 26 28 30 32 FREQUENCY (GHz)
NOISE FIGURE (dB)
5
5 4 3 2 1 0 22 24 26 28 30 32 FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v00.0301
HMC341
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
1
AMPLIFIERS - CHIP
Gain & Noise Figure vs. Supply Voltage @ 28 GHz
13.6 13.4 13.2 3.8 3.6 3.4 3.2 3 2.8 2.6 2.4 2.2 3 3.5 4 4.5 5 5.5 Vdd SUPPLY VOLTAGE (Vdc)
Isolation
0 -10
Vdd = +3V Vdd = +5V
NOISE FIGURE (dB)
-20
GAIN dB)
13 12.8 12.6 12.4 12.2 12 2.5
ISOLATION (dB)
-30 -40 -50 -60 -70 22 24 26 28 30 32 FREQUENCY (GHz)
Output P1dB @ Vdd = +3V
16 14 12
+25 C -55 C +85 C
Output P1dB @ Vdd = +5V
16 14 12
+25 C -55 C +85 C
P1dB (dBm)
8 6 4 2 0 22 24 26 28 30 32 FREQUENCY (GHz)
P1dB (dBm)
10
10 8 6 4 2 0 22 24 26 28 30 32 FREQUENCY (GHz)
Output IP3 @ Vdd = +3V
25
Output IP3 @ Vdd = +5V
25
20
20
IP3 (dBm)
10
+25 C -55 C +85 C
IP3 (dBm)
15
15
10
5
5
+25 C -55 C +85 C
0 22 24 26 28 30 32 FREQUENCY (GHz)
0 22 24 26 28 30 32 FREQUENCY (GHz)
1 - 20
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v00.0301
HMC341
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
Outline Drawing
NOTES: 1. ALL DIMENSIONS ARE IN INCHES [MM] 2. DIE THICKNESS IS .004" 3. TYPICAL BOND IS .004" SQUARE 4. BACKSIDE METALLIZATION: GOLD 5. BOND PAD METALLIZATION: GOLD 6. BACKSIDE METAL IS GROUND. 7. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
Absolute Maximum Ratings
Drain Bias Voltage (Vdd) RF Input Power (RFin)(Vdd = +3.0 Vdc) Channel Temperature Continuous Pdiss (T = 85 C) (derate 3.44 mW/C above 85 C) Thermal Resistance (channel to die bottom) Storage Temperature Operating Temperature +5.5 Vdc +5 dBm
1
AMPLIFIERS - CHIP
1 - 21
175 C 0.310 W
290 C/W -65 to +150 C -55 to +85 C
Pad Descriptions
Pad Number Function Description Interface Schematic
1
RF Input
This pad is AC coupled and matched to 50 Ohm from 24 - 30 GHz
2
RF Output
This pad is AC coupled and matched to 50 Ohm from 24 - 30 GHz
3
Vdd
Power Supply for the 2-stage amplifier. An external RF bypass capacitor of 100 - 300 pF is required. The bond length to the capacitor should be as short as possible. The ground side of the capacitor should be connected to the housing ground.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v00.0301
HMC341
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
1
AMPLIFIERS - CHIP
Assembly Diagrams
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane eutectically or with conductive epoxy (see HMC general Handling, Mounting, Bonding Note). 50 Ohm Microstrip transmission lines on 0.127mm (5 mil) thick alumina thin film substrates are recommended for bringing RF to and from the chip (Figure 1). If 0.254mm (10 mil) thick alumina thin film substrates must be used, the die should be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. One way to accomplish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane (Figure 2). Microstrip substrates should brought as close to the die as possible in order to minimize bond wire length. Typical dieto-substrate spacing is 0.076mm to 0.152 mm (3 to 6 mils). An RF bypass capacitor should be used on the Vdd input. A 100 pF single layer capacitor (mounted eutectically or by conductive epoxy) placed no further than 0.762mm (30 Mils) from the chip is recommended.
1 - 22
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
MICROWAVE CORPORATION
v00.0301
HMC341
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz Handling Precautions
Follow these precautions to avoid permanent damage.
1
AMPLIFIERS - CHIP
1 - 23
Cleanliness:
Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems.
Static Sensitivity:
Follow ESD precautions to protect against > 250V ESD strikes.
Transients:
Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize inductive pick-up.
General Handling:
Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mounting surface should be clean and flat.
Eutectic Die Attach:
A 80/20 gold tin preform is recommended with a work surface temperature of 255 deg. C and a tool temperature of 265 deg. C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 deg. C. DO NOT expose the chip to a temperature greater than 320 deg. C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for attachment.
Epoxy Die Attach:
Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer's schedule.
Wire Bonding
Ball or wedge bond with 0.025 mm (1 mil) diameter pure gold wire. Thermosonic wirebonding with a nominal stage temperature of 150 deg. C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on the package or substrate. All bonds should be as short as possible <0.31 mm (12 mils).
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com


▲Up To Search▲   

 
Price & Availability of HMC341

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X