Part Number Hot Search : 
4815D PA035XUJ 133AI 1N6029A 6DQ6B 14002 F300R F300R
Product Description
Full Text Search
 

To Download HMC-C043 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC-C043
v00.0307
GaAs MMIC I/Q MIXER MODULE 11 - 16 GHz
Features
Wide IF Bandwidth: DC - 3.5 GHz Image Rejection: 30 dB LO to RF Isolation: 35 dB High Input IP3: +28 dBm Hermetically Sealed Module
Typical Applications
Field Replaceable SMA Connectors -55 to +85 C Operating Temperature
5
MIXERS
The HMC-C043 is ideal for: * Point-to-Point Radios * Point-to-Multi-Point Radios & VSAT * Test Equipment & Sensors * Military End-Use
General Description
The HMC-C043 is a passive I/Q MMIC mixer housed in a miniature hermetic module which can be used as either an Image Reject Mixer or a Single Sideband Upconverter. The module utilizes two standard Hittite double balanced mixer cells and a 90 degree hybrid fabricated on a GaAs MESFET process. A low frequency quadrature hybrid was used to produce a 100 MHz USB IF output. This MMIC based module is a more reliable and consistent alternative to hybrid style I/Q Mixers and Single Sideband Converter assemblies. The module features removable SMA connectors which can be detached to allow direct connection of the I/O pins to a microstrip or coplanar circuit.
Functional Diagram
Electrical Specifications, TA = +25 C, IF= 100 MHz, LO = +19 dBm*
Parameter Frequency Range, RF/LO Frequency Range, IF Conversion Loss (As IRM) Image Rejection 1 dB Compression (Input) LO to RF Isolation LO to IF Isolation IP3 (Input) Amplitude Balance Phase Balance * Unless otherwise noted, all measurements performed as downconverter. 30 18 15 Min. Typ. 11 - 16 DC - 3.5 9 30 +20 35 25 +28 0.5 5 12 Max. Units GHz GHz dB dB dBm dB dB dBm dB Deg
5 - 40
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
HMC-C043
v00.0307
GaAs MMIC I/Q MIXER MODULE 11 - 16 GHz
Data taken As IRM With External IF Hybrid Conversion Gain vs. Temperature
0
Image Rejection vs. Temperature
60 50
CONVERSION GAIN (dB)
-5
IMAGE REJECTION (dB)
40 30 20 10 0
+25 C +85 C -55 C
-10
-15
+25C +85C -55C
-20 10 11 12 13 14 15 16 17 RF FREQUENCY (GHz)
10
11
12
13
14
15
16
17
5
MIXERS
RF FREQUENCY (GHz)
Conversion Gain vs. LO Drive
0
Return Loss
0
CONVERSION GAIN (dB)
-10
RETURN LOSS (dB)
-5
+17dBm +19dBm +21dBm
-5
-10
-15
-15
RF LO
-20 10 11 12 13 14 15 16 17 RF FREQUENCY (GHz)
-20 10 11 12 13 14 15 16 17 FREQUENCY (GHz)
Input P1dB vs. Temperature
26 24 22 P1dB (dBm)
Input IP3 vs. LO Drive
35 30 25 IP3 (dBm) 20 15 10 5
LO = +17 dBm LO = +19 dBm LO = +21 dBm
20 18 16 14 12 10 10 11 12 13 14 15 16 17 RF FREQUENCY (GHz)
+25C +85C -55C
10
11
12
13
14
15
16
17
RF FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
5 - 41
HMC-C043
v00.0307
GaAs MMIC I/Q MIXER MODULE 11 - 16 GHz
Quadrature Channel Data Taken Without IF Hybrid Isolations
-10 LOF/IF2 -5 ISOLATION (dB) LO/IF1 -30 LO/RF RF/IF1 RESPONSE (dB)
IF Bandwidth*
0
-20
RETURN LOSS CONVERSION GAIN
-10
-40
-15 -50 RF/IF2
5
MIXERS
-60 10 11 12 13 14 15 16 17 RF FREQUENCY (GHz)
-20 0.5
1
1.5
2
2.5
3
3.5
IF FREQUENCY (GHz)
Amplitude Balance vs. LO Drive
8 6 AMPLITUDE BALANCE (dB) 4 2 0 -2 -4 -6 -8 10 11 12 13 14 15 16 17 RF FREQUENCY (GHz)
LO = +17 dBm LO = +19 dBm LO = +21 dBm
Phase Balance vs. LO Drive
15 10 5 0 -5 -10 -15 10 11 12 13 14 15 16 17 RF FREQUENCY (GHz)
LO = +17 dBm LO = +19 dBm LO = +21 dBm
Upconverter Performance Conversion Gain vs. LO Drive*
0
Upconverter Performance Sideband Rejection vs. LO Drive*
0 SIDEBAND REJECTION (dBc) -10 -20 -30 -40 -50 -60
LO = +17 dBm LO = +19 dBm LO = +21 dBm
CONVERSION GAIN (dB)
-5
-10
-15
LO = +17 dBm LO = +19 dBm LO = +21 dBm
-20 10 11 12 13 14 15 16 17 RF FREQUENCY (GHz)
PHASE BALANCE (degrees)
10
11
12
13
14
15
16
17
RF FREQUENCY (GHz)
* Conversion gain data taken with external IF hybrid
5 - 42
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
HMC-C043
v00.0307
GaAs MMIC I/Q MIXER MODULE 11 - 16 GHz
MxN Spurious Outputs
Harmonics of LO
nLO Spur at RF Port LO Freq. (GHz) 1 10.5 11.5 12.5 13.5 14.5 15.5 32 32 32 34 35 34 2 49 47 51 52 48 54 3 58 61 63 67 69 71 4 79 61 53 xx xx xx
nLO mRF 0 1 2 3 4 0 xx 24 79 87 xx 1 -12 0 73 102 84 2 7 51 74 99 102 3 14 59 79 86 97 4 xx 70 91 97 105
RF = 13.6 GHz @ -10 dBm LO = 13.5 GHz @ +19 dBm Data taken without IF hybrid All values in dBc below IF power level
LO = +19 dBm Values in dBc below input LO level measured at RF Port.
5
MIXERS
5 - 43
Absolute Maximum Ratings
RF / IF Input LO Drive Channel Temperature Continuous Pdiss (T=85C) (derate 6.9 mW/C above 85C) Thermal Resistance (RTH) (junction to die bottom) Storage Temperature Operating Temperature +20 dBm +27 dBm 150C 448 mW
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
145 C/W -65 to +150 C -55 to +85 C
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
HMC-C043
v00.0307
GaAs MMIC I/Q MIXER MODULE 11 - 16 GHz
Outline Drawing
5
MIXERS
Typical Package Weight
Package Spacer +/- 1 gms Tolerance 20.0 gms 2.6 gms
NOTES: 1. PACKAGE, LEADS, COVER MATERIAL: KOVARTM 2. PLATING: ELECTROLYTIC GOLD 50 MICROINCHES MIN., OVER ELECTROLYTIC NICKEL 75 MICROINCHES MIN. 3. SPACER MATERIAL: NICKEL PLATED ALUMINUM 4. ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. TOLERANCES 0.010 [0.25] UNLESS OTHERWISE SPECIFIED. 6. FIELD REPLACEABLE SMA CONNECTORS. TENSOLITE 5602-5CCSF OR EQUIVALENT.
5 - 44
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
HMC-C043
v00.0307
GaAs MMIC I/Q MIXER MODULE 11 - 16 GHz
Pin Descriptions
Pin Number 1 Function RF Description This pin is AC coupled and matched to 50 Ohms from 11 to 16 GHz. This pin is DC coupled. For applications not requiring operation to DC, this port should be DC blocked externally using a series capacitor whose value has been chosen to pass the necessary IF frequency range. For operation to DC, this pin must not source/ sink more than 3mA of current or part non-function and possible part failure will result. This pin is AC coupled and matched to 50 Ohms from 11 to 16 GHz. Interface Schematic
2
IF1
3
IF2
5
MIXERS
4
LO
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com
5 - 45


▲Up To Search▲   

 
Price & Availability of HMC-C043

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X