Part Number Hot Search : 
AES1A TGH16A TA200118 MT9174AE ZL30415 MAX40 474J400 IZ1238M
Product Description
Full Text Search
 

To Download HMBTH10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200101 Issued Date : 2000.02.01 Revised Date : 2002.10.25 Page No. : 1/3
HMBTH10
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HMBTH10 is designed for use in VHF & UHF oscillators and VHF mixer in tuner of a TV receiver.
Features
* High frequency * Very low capacitance
SOT-23
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ........................................................................................... -55 ~ +150 C Junction Temperature.................................................................................................... +150 C * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ............................................................................... 225 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ......................................................................................... 20 V VCEO Collector to Emitter Voltage...................................................................................... 15 V VEBO Emitter to Base Voltage.............................................................................................. 3 V IC Collector Current ......................................................................................................... 50 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) VBE(on) *hFE Cob fT Min. 20 15 3 60 650 Typ. 1.5 Max. 100 100 500 0.95 Unit V V V nA nA mV V pF MHz Test Conditions IC=100uA IC=1mA IC=10uA VCB=20V VEB=2V IC=4mA, IB=0.4mA VCE=10V, IC=4mA VCE=10V, IC=4mA VCB=10V, f=1MHz VCB=10V, IC=4mA, f=100MHz
*Pulse Test: Pulse Width 380us, Duty Cycle2%
HMBTH10
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 1000
Spec. No. : HN200101 Issued Date : 2000.02.01 Revised Date : 2002.10.25 Page No. : 2/3
Current Gain & Collector Current
hFE
100 hFE @ VCE=5V
hFE
100 hFE @ VCE=10V
10 0.1 1 10 100
10 0.1 1 10 100
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
1000 1000
On Voltage & Collector Current
VBE(on) VCE=10V
Saturation Voltage (mV)
100 VCE(sat) @ IC=10IB
On Voltage (mV)
100 0.1
10 0.1 1 10 100
1
10
100
Collector Current-IC (mA)
Collector Current-IC (mA)
Cutoff Frequency & Collector Current
10000 10
Capacitance & Reverae-Biased Voltage
1000
Cutoff Frequency (GHz)
fT @ VCE=10V 100
Capacitance (pF)
1
COb
10
1
0.1 1 10 100
0.1 0.1 1 10 100
Collector Current-IC (mA)
Reverae Biased Voltage (V)
HMBTH10
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
SOT-23 Dimension
Spec. No. : HN200101 Issued Date : 2000.02.01 Revised Date : 2002.10.25 Page No. : 3/3
A L
Marking:
3 BS 1 V G 2
3E
Rank Code Control Code
3-Lead SOT-23 Plastic Surface Mounted Package HSMC Package Code: N
C
D
H
K
J
Style: Pin 1.Base 2.Emitter 3.Collector *: Typical
DIM A B C D G H
Inches Min. Max. 0.1102 0.1204 0.0472 0.0630 0.0335 0.0512 0.0118 0.0197 0.0669 0.0910 0.0005 0.0040
Millimeters Min. Max. 2.80 3.04 1.20 1.60 0.89 1.30 0.30 0.50 1.70 2.30 0.013 0.10
DIM J K L S V
Inches Min. Max. 0.0034 0.0070 0.0128 0.0266 0.0335 0.0453 0.0830 0.1083 0.0098 0.0256
Millimeters Min. Max. 0.085 0.177 0.32 0.67 0.85 1.15 2.10 2.75 0.25 0.65
Notes: 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HMBTH10
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HMBTH10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X