Part Number Hot Search : 
SM5168CX GUF10 73L6B SD235 ISL9228 BAVP20 MP4504 DTA115UE
Product Description
Full Text Search
 

To Download HMBTA92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6845 Issued Date : 1994.07.29 Revised Date : 2002.10.25 Page No. : 1/3
HMBTA92
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HMBTA92 is designed for application as a video output to drive color CRT, or as a dialer circuit in electronics telephone.
Absolute Maximum Ratings
SOT-23
* Maximum Temperatures Storage Temperature ........................................................................................... -55 ~ +150 C Junction Temperature.................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ............................................................................... 225 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ...................................................................................... -300 V VCEO Collector to Emitter Voltage................................................................................... -300 V VEBO Emitter to Base Voltage............................................................................................. -5 V IC Collector Current ...................................................................................................... -500 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *VBE(sat) *hFE1 *hFE2 *hFE3 fT Cob Min. -300 -300 -5 25 40 25 50 Typ. Max. -250 -100 -500 -900 6 Unit V V V nA nA mV mV Test Conditions IC=-100uA IC=-1mA IE=-10uA VCB=-200V VEB=-3V IC=-20mA, IB=-2mA IC=-20mA, IB=-2mA VCE=-10V, IC=-1mA VCE=-10V, IC=-10mA VCE=-10V, IC=-30mA VCE=-20V, IC=-10mA, f=100MHz VCB=-20V, f=-1MHz
*Pulse Test: Pulse Width 380us, Duty Cycle2%
MHz pF
HMBTA92
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
100 VCE=10V 10
Spec. No. : HE6845 Issued Date : 1994.07.29 Revised Date : 2002.10.25 Page No. : 2/3
Saturation Voltage & Collector Current
Saturation Voltage (mV)
1 VBE(sat) @ IC=10IB
hFE
10
0.1
VCE(sat) @ IC=10IB
1 0.01 0.1 1 10 100 1000
0.01 1 10 100 1000
Collector Current-IC (mA)
Collector Current-IC (mA)
Capacitance & Reverse-Biased Voltage
100 100
Cutoff Frequeny & Collector Current
VCE=20V
Cutoff Frequency (MHz)
Capacitance (pF)
10 Cob
10
1 0.1 1 10 100
1 1 10 100
Reverse-Biased Voltage (V)
Collector Current-IC (mA)
Safe Operating Area
10000 PT=1ms 1000
Collector Current (mA)
PT=100ms 100 PT=1s
10
1 1 10 100
Forward Voltage (V)
HMBTA92
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
SOT-23 Dimension
Spec. No. : HE6845 Issued Date : 1994.07.29 Revised Date : 2002.10.25 Page No. : 3/3
A L
Marking:
3 BS 1 V G 2
2D
Rank Code Control Code
3-Lead SOT-23 Plastic Surface Mounted Package HSMC Package Code: N
C
D
H
K
J
Style: Pin 1.Base 2.Emitter 3.Collector *: Typical
DIM A B C D G H
Inches Min. Max. 0.1102 0.1204 0.0472 0.0630 0.0335 0.0512 0.0118 0.0197 0.0669 0.0910 0.0005 0.0040
Millimeters Min. Max. 2.80 3.04 1.20 1.60 0.89 1.30 0.30 0.50 1.70 2.30 0.013 0.10
DIM J K L S V
Inches Min. Max. 0.0034 0.0070 0.0128 0.0266 0.0335 0.0453 0.0830 0.1083 0.0098 0.0256
Millimeters Min. Max. 0.085 0.177 0.32 0.67 0.85 1.15 2.10 2.75 0.25 0.65
Notes: 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HMBTA92
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HMBTA92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X