Part Number Hot Search : 
XC61FN27 BPC30 PE6818 P2020 01M46VQA 70280 A019301 70280
Product Description
Full Text Search
 

To Download HMBD2004S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6858 Issued Date : 1994.01.25 Revised Date : 2002.10.25 Page No. : 1/2
HMBD2004\C\S
Description
The HMBD2004\C\S are general purpose diodes fabricated in planar technology, and encapsulated in small plastic SMD SOT-23 package.
Features
* Small plastic SMD package * Switching speed: max. 50 nS * General application: Continuous reverse voltage: Max. 240 V Repetitive peak reverse voltage: Max. 300 V Repetitive peak forward current: Max. 625 mA
SOT-23
Absolute Maximum Ratings (Ta=25C)
Characteristic HMBD2004 Repetitive Peak Reverse Voltage HMBD2004C Repetitive Peak Reverse Voltage HMBD2004S Repetitive Peak Reverse Voltage HMBD2004 Continuous reverse voltage HMBD2004C Continuous reverse voltage HMBD2004S Continuous reverse voltage Forward Continuous Current at Ta=25C Repetitive Peak Forward Current at Ta=25C Surge Forward Current at t =1mS, Ta=25C Power Dissipation Junction Temperature Storage Temperature Range Symbol VRRM Value 300 300 300 240 240 240 225 625 1 250 Max 150 -65~+150 Unit V
VR lF IFRM IFSM PD Tj Tstg
V mA mA A mV C C
Characteristics (Ta=25C)
Characteristic Forward Voltage HMBD2004 Reverse Current HMBD2004C Reverse Current HMBD2004S Reverse Current Total Capacitance Reverse Recovery Time BVR Symbol VF IR CT Trr BVR Condition IF=100mA VR=240V VR=240V VR=240V VR=0V, f=1MHz IF=30mA to IR=30mA RL=100 measured at IR=3mA IR=100uA Min 5 50 250 Max 1 100 100 100 Unit V nA pF nS V
HMBD2004, HMBD2004C, HMBD2004S
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
SOT-23 Dimension
Diagram:
L
1 3
Spec. No. : HE6858 Issued Date : 1994.01.25 Revised Date : 2002.10.25 Page No. : 2/2
A
Marking:
D53
2
1 2
3
3
HMBD2004
3
HMBD2004
BS 1 V G 2
1 2 1 2
DB7
DB6
HMBD2004C
HMBD2004S
HMBD2004C
HMBD2004S
3-Lead SOT-23 Plastic Surface Mounted Package HSMC Package Code: N
C
D
H
K
J
*: Typical
DIM A B C D G H
Inches Min. Max. 0.1102 0.1204 0.0472 0.0630 0.0335 0.0512 0.0118 0.0197 0.0669 0.0910 0.0005 0.0040
Millimeters Min. Max. 2.80 3.04 1.20 1.60 0.89 1.30 0.30 0.50 1.70 2.30 0.013 0.10
DIM J K L S V
Inches Min. Max. 0.0034 0.0070 0.0128 0.0266 0.0335 0.0453 0.0830 0.1083 0.0098 0.0256
Millimeters Min. Max. 0.085 0.177 0.32 0.67 0.85 1.15 2.10 2.75 0.25 0.65
Notes: 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HMBD2004, HMBD2004C, HMBD2004S
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HMBD2004S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X