Part Number Hot Search : 
MMBF4118 LS356AB LPV1620 F1030 V470M 152M10 AMS336AS EPR1106
Product Description
Full Text Search
 

To Download HM7550R78LFTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electrical / Environmental
High Current Surface Mount Inductors
RoHil aSt n Comp
Specifications @ 25C
Part Number HM75-10R47LF HM75-101R0LF HM75-101R5LF HM75-102R2LF HM75-103R3LF HM75-104R7LF HM75-106R8LF HM75-10100LF HM75-10150LF HM75-10220LF HM75-10330LF HM75-10470LF HM75-20R33LF HM75-20R68LF HM75-201R0LF HM75-201R5LF HM75-202R2LF HM75-202R7LF HM75-203R3LF HM75-204R7LF HM75-20100LF HM75-20150LF HM75-20220LF HM75-20330LF HM75-20470LF HM75-20680LF HM75-20101LF HM75-30R47LF HM75-301R0LF HM75-302R2LF HM75-303R3LF HM75-304R7LF HM75-306R8LF HM75-30150LF
Notes:
* * * *
Operating Temperature Range Ambient Temperature, Maximum Insulation System Temperature Rise, Maximum
-40C to +125C 85C Class B, 130C 40C
Rated Inductance L w/o DC LDC LO (1) H Typ. H 20% 0.47 0.47 1.0 1.0 1.5 1.6 2.2 2.26 3.3 3.45 4.7 4.85 6.8 6.9 10 10.4 15 15.3 22 23 33 33.6 47 48.5 0.33 0.33 0.68 0.80 1.0 1.1 1.5 1.5 2.2 2.3 2.7 2.9 3.3 3.3 4.7 4.8 10 10.0 15 15.43 22 22.5 33 33.2 47 48.7 68 68.2 100 103 0.47 0.45 1.0 1.34 1.5 1.65 2.2 2.3 3.3 3.44 4.7 5.0 6.8 6.9 10 11 15 16.4
DCR Max. m 7.9 12.5 14.5 24.1 31.8 54.7 57.1 81.3 124 183 265 334 2.0 3.5 4.6 6.1 7.8 10.0 11.0 15.1 35 45 62 92 139 177 237 2.1 3.8 4.9 5.1 10 11.4 17.8 22.8 35.0
Rated Current IRMS (2) Amps 6.0 4.4 4.2 3.1 2.9 2.2 1.7 1.5 1.2 1.0 0.82 0.72 16 12 10 9 7.4 6.6 5.9 4.8 3.3 3.1 2.8 2.1 1.7 1.5 1.2 16 12.5 10 9.2 8.0 6.5 5.8 4.3 3.9
ISAT (3) Amps 7.7 5.3 4.5 3.5 3.0 2.6 2.2 1.9 1.5 1.2 0.99 0.87 20 13 11 9 7.8 7.0 6.4 5.4 4.3 3.0 2.0 1.7 1.4 1.2 0.95 25.1 15.3 12 10.2 9.3 7.7 6.2 5.2 4.36
Part Number HM75-30220LF HM75-30330LF HM75-30470LF HM75-30680LF HM75-30101LF HM75-40R47LF HM75-401R0LF HM75-401R3LF HM75-402R2LF HM75-403R3LF HM75-403R9LF HM75-404R7LF HM75-406R0LF HM75-407R8LF HM75-40100LF HM75-40150LF HM75-40220LF HM75-40330LF HM75-40470LF HM75-40680LF HM75-40101LF HM75-50R78LF HM75-501R0LF HM75-501R5LF HM75-502R2LF HM75-503R3LF HM75-503R9LF HM75-504R7LF HM75-507R5LF HM75-50100LF HM75-50150LF HM75-50220LF HM75-50330LF HM75-50470LF HM75-50680LF HM75-50101LF
Rated Inductance L w/o DC LDC LO (1) H Typ. H 20% 22 23.9 33 33.9 47 51 68 69.5 100 101.4 0.47 0.47 1.0 0.92 1.3 1.3 2.2 2.2 3.3 3.3 3.9 3.9 4.7 5.3 6.0 6.0 7.8 7.8 10 10.0 15 15.6 22 22.6 33 34.5 47 48.0 68 69.2 100 103 0.78 0.78 1.0 0.92 1.5 1.52 2.2 2.27 3.3 3.2 3.9 4.0 4.7 4.7 7.5 7.5 10 10 15 15 22 22 33 33 47 47 68 68 100 100
DCR Max. m 49.1 69 108.2 156 205.5 1.7 2.5 3.5 4.7 8.4 7.5 9.5 13.7 15.4 22.0 29.5 34 52 71 104 156 2.6 3.1 4.0 5.6 7.0 10 9.5 15 40 50 66 80 110 170 220
Rated Current IRMS (2) Amps 3.1 2.4 1.9 1.6 1.4 19.2 17.3 15 12 10 9 8.5 7.5 7.5 6.0 5.5 4.5 3.7 3.1 2.4 2.0 15 17.3 15 12 11 9 6.5 6 3.5 3.0 2.5 2.0 1.6 1.2 1.2
ISAT (3) Amps 3.7 3.0 2.4 2.0 1.8 51.7 37.3 25 20 17 15 15 12 11 10 9.1 7.6 6.1 5.2 4.3 3.6 30 37.3 28.9 23.7 20.0 15 10.7 9.8 8.0 7.0 5.5 4.0 3.8 3.0 2.5
(1) Inductance is measured at 100kHz, 100 mVrms, OADC. (2) RMS current is the approximate current at which inductance will decrease by 10% from its initial value (zero DC) or the DC current at which T = 40C, whichever is lower. (3) Saturation current for approximately 30% roll-off.
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE www.bitechnologies.com
We reserve the right to change specifications without prior notice
79
Outline Dimensions (Inch/mm)
Packaging
Standard: Embossed Tape and Reel Reel: Diameter: Capacity: = = = = = = 13" (330.2mm) 1,000 Units 550 Units 450 Units 275 Units 250 Units
Case size 10 Case size 20 Case size 30 Case size 40 Case size 50
Ordering Information
HM75
Model Series Case Size:
20
101
LF
TR
Tape & Reel Packing Lead Free
Inductance Code: First 2 digits are significant. Last digit denotes the number of trailing zeros. For values below 10H, "R" denotes the decimal point.
80
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
www.bitechnologies.com


▲Up To Search▲   

 
Price & Availability of HM7550R78LFTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X