Part Number Hot Search : 
4093B 073642 SC502 CP2120 KAD0712D UPD72 PN3563 10L60CFP
Product Description
Full Text Search
 

To Download HM74R85TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL HM74 SERIES
High Frequency High Current Low Profile Surface Mount Inductors
FEATURES AND BENEFITS
NEW PRODUCT
* * * * * *
Closed magnetic circuit for high density board assembly High performance, low loss ferrite core up to 5 MHz Low profile designed for machine placement Low DCR and high current up to 27 amps continuous Class F design is compatible with vapor phase and infrared reflow soldering Custom designs available
APPLICATIONS
* Laptop and notebook computers * DC/DC converters in distributed power systems or VRM applications * Inductor for general purpose use
ELECTRICAL / ENVIRONMENTAL
Operating Temperature Range Storage Temperature Range Ambient Temperature, Maximum Insulation System
Specifications subject to change without notice.
-25C to +135C -40C to +85C 80C Class F, 155C
6
6-121
Model HM74 Series
SPECIFICATIONS
Part Number HM74-R47 HM74-R85 HM74-1R4 HM74-2R1 HM74-3R0 HM74-4R0 HM74-5R1 HM74-6R3
Inductance (1) Nominal H 20% 0.47 0.85 1.40 2.10 3.00 4.00 5.10 6.30
Rated (2) DC Current Amps 26.0 19.0 14.5 12.5 8.0 7.5 7.0 6.5
DC Resistance m Max. 1.1 2.1 3.6 4.4 11.9 13.7 15.5 17.2
DC (3) Resistance m Typ. 0.9 1.8 3.0 3.7 9.9 11.4 12.9 14.3
Notes: (1) Inductance measured at 100kHz, 0.25V without DC current. (2) Rated DC current is the approximate current at which inductance will be decreased by 20% from its initial (zero DC) value or the DC current at which T = 50C, whichever is lower. (3) DC resistance measured at 20C. ORDERING INFORMATION
HM74 Model Series
1RO
TR Packaging Option: TB = Tubes (32 Units /Tube) TR = Tape & 13" Reel (250 Units /Reel) Inductance Code: First two digits are significant. Last digit denotes number of trailing zeros. Values below 10H "R" denotes decimal point.
6-122
Model HM74 Series
OUTLINE DIMENSIONS (Inch/mm)
.583 Max. 14.8
Recommended Solder Pad Layout Top View
.173 4.40 .622 15.8 Max. .276 7.00 .449 11.40
.173 4.40
.197 Max. 5.0
.472 12.00
6
6-123
Model HM74 Series


▲Up To Search▲   

 
Price & Availability of HM74R85TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X