Part Number Hot Search : 
1N1341B V612ME01 V612ME01 EM55000 DS2050W TC74VHCT DS2045W SEMIX
Product Description
Full Text Search
 

To Download HLMP-M551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4 mm FLAT TOP LAMPS
HER YELLOW GREEN
PACKAGE DIMENSIONS
.100 (2.54)
HLMP-M200/M201 HLMP-M300/M301 HLMP-M500/M501
FEATURES
* Wide viewing angle
HLMP-M250/M251 HLMP-M350/M351 HLMP-M550/M551
* Excellent for backlighting small areas * Solid state reliability
.050 (1.27)
.246 (6.24) .226 (5.74)
* Choice of tinted clear or tinted diffused package
1.00 (25.4) MIN
DESCRIPTION
Bright illumination and wide viewing angle are two outstanding features of the 4 mm flat top lamps. The cylindrical shape and flat emitting surface make these lamps particularly well suited for applications requiring high light output in minimal space. .050 (1.27) REF. .050 (1.27) .100 (2.54) .162 (4.11) .152 (3.86)
DIA
.100 (2.54)
INDICATES CATHODE
.020 (0.50) SQ. TYP. (2X) NOTES: ALL DIMENSIONS ARE IN INCHES (mm).
ABSOLUTE MAXIMUM RATING
Parameters Power Dissipation Peak Forward Current (1 S pulse width, 0.3% duty cycle) Reverse Voltage Lead Soldering Time at 260 C Continuous Forward Current Operating Temperature Storage Temperature
(TA =25C) HER 135 90 5 5 30 -55 to +100 -55 to +100 YELLOW 120 60 5 5 20 -55 to +100 -55 to +100 GREEN 135 90 5 5 30 -55 to +100 -55 to +100 UNITS mW mA V sec mA C C
2001 Fairchild Semiconductor Corporation DS300015 3/14/01
1 OF 4
www.fairchildsemi.com
4 mm FLAT TOP LAMPS
ELECTRICAL / OPTICAL CHARACTERISTICS
HER Pararmeter Luminous Intensity (mcd) Minimum Typical Forward Voltage (V) Maximum Typical Peak Wavelength (nm) Reverse Voltage (V) Viewing Angle () 3.0 2.2 635 5 135 3.0 2.2 585 5 135 3.0 2.3 565 5 135 IF = 20mA IR = 100A IF = 20mA 3.4 / 5.4 5.0 / 7.0 3.6 / 5.7 5.0 / 7.0 4.2 / 6.7 7.0 / 10.0 IF = 20mA HLMP-M200/M201 (TA =25C) YELLOW HLMP-M300/M301 GREEN HLMP-M500/M501 Condition IF = 20mA
ELECTRICAL / OPTICAL CHARACTERISTICS
HER Pararmeter Luminous Intensity (mcd) Minimum Typical Forward Voltage (V) Maximum Typical Peak Wavelength (nm) Reverse Voltage (V) Viewing Angle () 3.0 2.2 635 5 80
(TA =25C) YELLOW HLMP-M350/M351 3.6 / 5.7 5.0 / 7.0 3.0 2.2 585 5 80 GREEN HLMP-M550/M551 4.2 / 6.7 10.0 / 16.0 IF = 20mA 3.0 2.3 565 5 80 IF = 10mA IR = 100A IF = 10mA Condition IF = 10mA
HLMP-M250/M251 3.4 / 5.4 5.0 / 7.0
www.fairchildsemi.com
2 OF 4
3/14/01
DS300015
4 mm FLAT TOP LAMPS
TYPICAL PERFORMANCE CURVES
90
(TA =25C)
2.5
RELATIVE LUMNOUS INTENSITY (NORMALIZED AT 20 mA)
80
IF - FORWARD CURRENT (mA)
70 60 50 40 30 20 10 GREEN 0 1.0 2.0 3.0 4.0 5.0 YELLOW HER
2.0 HER YELLOW GREEN 1.5
1.0
0.5
0.0 0 5 10 15 20 25 30
VF - FORWARD VOLTAGE (V)
IF - DC FORWARD CURRENT (mA)
Fig. 1 Forward Current vs. Forward Voltage
Fig. 2 Relative Luminous Intensity vs. DC Forward Current
1.0
GREEN
YELLOW
HER
RELATIVE INTENSITY
0.5
0 500 550 600 650 700 750
WAVELENGTH (nm)
Fig. 3 Relative Intensity vs. Peak Wavelength
50
-20 -30 -40 -50 -60 -70 -80 -90 1.2
20 30 40 50 60 70
DIFFUSED NON-DIFFUSED
IF - FORWARD CURRENT (mA)
-10
0
10
40
HER, GREEN 30
20
YELLOW
80
10
1.0
0.8
0.6 0.4
0.2
0
0.2
0.4 0.6
0.8
90 1.0 1.2
0
REL. LUMINOUS INTENSITY (%)
0
20
40
60
80
100
Fig.4 Radiation Diagram
TA - AMBIENT TEMPERATURE (C)
Fig. 5 Current Derating Curve
DS300015
3/14/01
3 OF 4
www.fairchildsemi.com
4 mm FLAT TOP LAMPS
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body,or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
4 OF 4
3/14/01
DS300015


▲Up To Search▲   

 
Price & Availability of HLMP-M551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X