Part Number Hot Search : 
BNP22 A2003G 24005 IRFP25 EHS4Z1 6417750R SI7840DP LBT11803
Product Description
Full Text Search
 

To Download HLMP-K640-FGNXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps Technical Data
HLMP-3707, -3807, -3907 HLMP-3750, -3850, -3950, -3960 HLMP-3390, -3490, -3590 HLMP-1340, -1440, -1540 HLMP-D640 HLMP-K640 Applications
* Lighted Switches * Backlighting Front Panels * Light Pipe Sources * Keyboard Indicators
Features
* Improved Brightness * Improved Color Performance * Available in Popular T-1 and T-13/4 Packages * New Sturdy Leads * IC Compatible/Low Current Capability * Reliable and Rugged * Choice of 3 Bright Colors High Efficiency Red High Brightness Yellow High Performance Green
Description
These non-diffused lamps outperform conventional LED lamps. By utilizing new higher intensity material, we achieve superior product performance. The HLMP-3750/-3390/-1340 Series Lamps are Gallium Arsenide Phosphide on Gallium Phosphide red light emitting diodes. The HLMP-3850/
-3490/-1440 Series are Gallium Arsenide Phosphide on Gallium Phosphide yellow light emitting diodes. The HLMP-3950/-3590/3960/-1540/-D640/-K640 Series Lamps are Gallium Phosphide green light emitting diodes.
2
Selection Guide
Luminous Intensity Iv (mcd) @ 20mA Package Description T-13 /4 Red Color Device HLMP3707-L00xx 3750 3750-L00xx Yellow 3807-K00xx 3850 3850-K00xx 3850-KL0xx Green 3907-K00xx 3914-K00xx 3950 3950-K00xx 3950-LM0xx 3960-K0xxx Emerald Green T-13 /4 Low Profile Red Yellow D640-E00xx 3390 3490 3490-I00xx Green 3590 3590-I00xx T-1 Red 1340 1340-H00xx 1340-J00xx 1340-JK0xx Yellow 1440 1440-H00xx 1440-HI0xx 1440-HIB00 Green 1540 1540-H00xx 1540-IJ0xx Emerald Green K640 K640-D00xx K640-FGNxx Min. 90.2 90.2 90.2 96.2 96.2 96.2 96.2 111.7 111.7 111.7 111.7 170.0 111.7 6.7 35.2 37.6 37.6 43.6 43.6 35.2 8.6 35.2 35.2 23.5 23.5 23.5 23.5 27.3 27.3 43.6 4.2 4.2 10.6 Typ. 125.0 125.0 140.0 140.0 150.0 265.0 265.0 300.0 265.0 21.0 55.0 55.0 55.0 55.0 55.0 55.0 15.0 55.0 55.0 45.0 45.0 45.0 45.0 60.0 21.0 21.0 20.0 Max. 294.0 490.0 27.6 112.8 75.2 75.2 139.6 34.0 21/2 Degree 24 24 24 24 24 24 24 24 24 24 24 24 24 24 32 32 32 32 32 45 45 45 45 45 45 45 45 45 45 45 45 45 45 Package Outline F A A F A A A F D A A A E D B B B B B C C C C C C C C C C C C C C
3
5.08 (0.200) 4.57 (0.180)
5.08 (0.200) 4.78 (0.188)
5.08 (0.200) 4.78 (0.188)
9.19 (0.362) 8.43 (0.332)
9.07 (0.357) 8.56 (0.337) 12.47 (0.491) 11.71 (0.461)
13.11 (0.516) 12.34 (0.486)
9.07 (0.357) 8.56 (0.337)
0.89 (0.035) 0.64 (0.025) 25.40 (1.00) MIN.
0.89 (0.035) 0.64 (0.025)
1.02 (0.040) MAX.
0.89 (0.035) 0.64 (0.025) 1.02 (0.040) MAX. EPOXY MENISCUS
1.32 (0.052) 1.02 (0.040)
0.102 (0.004) MAX. TYP. 22.86 MIN. (0.900)
0.10 (0.004) MAX.
23.0 MIN. (0.900)
CATHODE LEAD (NOTE 1)
1.27 (0.050) NOM.
0.46 (0.018) SQUARE NOMINAL
1.52 (0.060) 1.02 (0.040)
0.74 (0.029) 0.58 (0.023) SQUARE
1.52 (0.060) 1.02 (0.040)
0.53 (0.021) SQ. 0.43 (0.017)
6.10 (0.240) 5.59 (0.220) CATHODE FLAT 2.54 (0.100) NOM.
6.10 (0.240) 5.60 (0.220)
6.10 (0.240) 5.60 (0.220) CATHODE FLAT
2.79 (0.110) 2.29 (0.090)
2.54 (0.100) NOM.
PACKAGE OUTLINE "D" HLMP-D640
PACKAGE OUTLINE "E" HLMP-3960
PACKAGE OUTLINE "F" HLMP-3707/-3807/-3907
4
Part Numbering System
HLMP - x x xx - x x x xx Mechanical Options 00: Bulk 01: Tape & Reel, Crimped Leads 02, Bx: Tape & Reel, Straight Leads A1,B1: Right Angle Housing, Uneven Leads A2,B2: Right Angle Housing, Even Leads Dx, Ex: Ammo Pack, Straight Leads FH: 2 Iv bin select with Inventory Control Vx: Ammo Pack, Crimped Leads Color Bin Options 0: Full color bin distribution B: Color bin 2&3 only N: Color bin 6&7 only Maximum Iv Bin Options 0: Open (No. max. limit) Others: Please refer to the Iv bin table Minimum Iv Bin Options Please refer to the Iv bin table Color Options 3,7: GaP HER 4,8: GaP Yellow (except K4xx series) 5,9: GaP Green 6: GaP Emerald Green Package Option 1,K: T-1 (3 mm) 3,D: T-13/4 (5 mm)
Absolute Maximum Ratings at TA = 25C
Parameter Peak Forward Current Average Forward DC Current[2] Current[3] Current[1] Red 90 25 30 500 5 110 -55 to +100 Yellow 60 20 20 500 5 110 -55 to +100 Green/Emerald Green 90 25 30 500 5 110 -20 to +100 -55 to +100 260C for 5 seconds Units mA mA mA mA V C C
Transient Forward (10 s Pulse)
Reverse Voltage (IR = 100 A) LED Junction Temperature Operating Temperature Range Storage Temperature Range Lead Soldering Temperature [1.6 mm (0.063 in.) from body]
Notes: 1. See Figure 2 to establish pulsed operating conditions. 2. For Red and Green series derate linearly from 50C at 0.5 mA/C. For Yellow series derate linearly from 50C at 0.2 mA/C. 3. The transient peak current is the maximum non-recurring peak current the devices can withstand without damaging the LED die and wire bonds. It is not recommended that the device be operated at peak currents beyond the Absolute Maximum Peak Forward Current.
5
Electrical/Optical Characteristics at TA = 25C Symbol Description PEAK Peak Wavelength T-13 /4 37xx 38xx 39xx D640 37xx 38xx 39xx D640 37xx 38xx 39xx D640 37xx 38xx 39xx D640 37xx 38xx 39xx D640 37xx 38xx 39xx D640 T-13/4 Low Dome 3390 3490 3590 3390 3490 3590 3390 3490 3590 3390 3490 3590 3390 3490 3590 3390 3490 3590 1340 1440 1540 K640 VF Forward Voltage 37xx 38xx 39xx D640 37xx 38xx 39xx D640 37xx 38xx 39xx D640 3390 3490 3590 3390 3490 3590 3390 3490 3590 1340 1440 1540 K640 1340 1440 1540 K640 1340 1440 1540 K640 1.5 1.5 1.5 5.0 T-1 1340 1440 1540 K640 1340 1440 1540 K640 1340 1440 1540 K640 1340 1440 1540 K640 1340 1440 1540 K640 Min. Typ. 635 583 565 558 626 585 569 560 40 36 28 24 90 90 500 3100 11 15 18 35 210 210 210 510 290 290 290 290 1.9 2.1 2.2 2.2 2.6 2.6 3.0 3.0 Max. Units nm Test Conditions Measurement at Peak
d
Dominant Wavelength
nm
Note 1
3/4
Spectral Line Halfwidth
nm
s
Speed of Respond
ns
C
Capacitance
pF
VF = 0, f = 1 MHz
RJ-PIN
Thermal Resistance
C/W
Junction to Cathode Lead
V
IF = 20 mA (Figure 3)
VR
Reverse Breakdown Voltage Luminous Efficacy
V
IF = 100 A
v
145 500 595 655
Lumens Note 2 Watt
Notes: 1. The dominant wavelength, ld , is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 2. The radiant intensity, Ie , in watts per steradian, may be found from the equation Ie = IV /hV , where IV is the luminous intensity in candelas and hV is the luminous efficacy in lumens/watt.
6
Red, Yellow, and Green
1.0 EMERALD GREEN TA = 25 C
RELATIVE INTENSITY
GREEN HIGH EFFICIENCY RED
0.5 YELLOW
0 500
550
600 WAVELENGTH - nm
650
700
Figure 1. Relative Intensity vs. Wavelength.
Figure 2. Maximum Tolerable Peak Current vs. Pulse Duration. (IDC MAX as per MAX Ratings).
Figure 3. Forward Current vs. Forward Voltage.
Figure 4. Relative Luminous Intensity vs. Forward Current.
Figure 5. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
7
Figure 6. Relative Luminous Intensity vs. Angular Displacement. T-13/4 Lamp.
Figure 7. Relative Luminous Intensity vs. Angular Displacement. T-13/4 Low Profile Lamp.
Intensity Bin Limits
Intensity Bin Limits
Color Red Bin G H I J K L M N O P Q R S T U V W X Y Z Intensity Range (mcd) Min. Max. 9.7 15.5 15.5 24.8 24.8 39.6 39.6 63.4 63.4 101.5 101.5 162.4 162.4 234.6 234.6 340.0 340.0 540.0 540.0 850.0 850.0 1200.0 1200.0 1700.0 1700.0 2400.0 2400.0 3400.0 3400.0 4900.0 4900.0 7100.0 7100.0 10200.0 10200.0 14800.0 14800.0 21400.0 21400.0 30900.0
Figure 8. Relative Luminous Intensity vs. Angular Displacement. T-1 Lamp.
Maximum tolerance for each bin limit is 18%.
8
Intensity Bin Limits (continued)
Intensity Range (mcd) Min. Max. 26.5 42.3 42.3 67.7 67.7 108.2 108.2 173.2 173.2 250.0 250.0 360.0 360.0 510.0 510.0 800.0 800.0 1250.0 1250.0 1800.0 1800.0 2900.0 2900.0 4700.0 4700.0 7200.0 7200.0 11700.0 11700.0 18000.0 18000.0 27000.0 1.1 1.8 1.8 2.9 2.9 4.7 4.7 7.6 7.6 12.0 12.0 19.1 19.1 30.7 30.7 49.1 49.1 78.5 78.5 125.7 125.7 201.1 201.1 289.0 289.0 417.0 417.0 680.0 680.0 1100.0 1100.0 1800.0 1800.0 2700.0 2700.0 4300.0 4300.0 6800.0 6800.0 10800.0 10800.0 16000.0 16000.0 25000.0 25000.0 40000.0
Color Categories
Color Emerald Green Cat # 9 8 7 6 6 5 4 3 2 1 3 2 4 5 1 2 3 4 5 6 7 8 Lambda (nm) Min. Max. 552.5 555.5 555.5 558.5 558.5 561.5 561.5 564.5 561.5 564.5 564.5 567.5 567.5 570.5 570.5 573.5 573.5 576.5 582.0 584.5 584.5 587.0 587.0 589.5 589.5 592.0 592.0 593.0 597.0 599.5 599.5 602.0 602.0 604.5 604.5 607.5 607.5 610.5 610.5 613.5 613.5 616.5 616.5 619.5
Color Yellow
Green/ Emerald Green
Bin H I J K L M N O P Q R S T U V W A B C D E F G H I J K L M N O P Q R S T U V W
Green
Yellow
Orange
Maximum tolerance for each bin limit is 0.5nm.
Maximum tolerance for each bin limit is 18%.
9
Mechanical Option Matrix Mechanical Option Code 00 01 02 A1 A2 B1 B2 BJ EG FH VR Definition Bulk Packaging, minimum increment 500 pcs/bag Tape & Reel, crimped leads, min. increment 1300 pcs/bag for T-13/4, 1800 pcs/bag for T-1 Tape & Reel, straight leads, min. increment 1300 pcs/bag for T-13/4 , 1800 pcs/bag for T-1 T-1, Right Angle Housing, uneven leads, minimum increment 500 pcs/bag T-1, Right Angle Housing, even leads, minimum increment 500 psc/bag T-13/4, Right Angle Housing, uneven leads, minimum increment 500 pcs/bag T-13/4, Right Angle Housing, even leads, minimum increment 500 psc/bag T-1, Tape & Reel, straight leads, minimum increment 2000 pcs/bag Ammo Pack, straight leads in 5 K increment Devices that require inventory control and 2 Iv bin select Ammo Pack, crimped leads, min. increment 2 k for T-13/4 and T-1
Note: All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent representative for further clarification/information.
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (408) 654-8675 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2003 Agilent Technologies, Inc. Obsoletes 5988-8520EN April 8, 2003 5988-9363EN


▲Up To Search▲   

 
Price & Availability of HLMP-K640-FGNXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X