Part Number Hot Search : 
19C20 41HF40 LM7809CT 41HF40 EL6247C LS07D 41HF40 DMN6066
Product Description
Full Text Search
 

To Download HLB125HE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE200214 Issued Date : 2002.09.01 Revised Date : 2004.11.08 Page No. : 1/5
HLB125HE
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HLB125HE is designed for lighting applications and low switch-mode power supplies. And it is high voltage capability and high switching speeds. TO-220
Features
* High Speed Switching * Low Saturation Voltage * High Reliability
Absolute Maximum Ratings (TA=25C)
* Maximum Temperatures Storage Temperature ........................................................................................................................... -50 ~ +150 C Junction Temperature ..................................................................................................................... 150 C Maximum * Maximum Power Dissipation Total Power Dissipation (TC=25C) .................................................................................................................... 75 W * Maximum Voltages and Currents (TA=25C) VCEX Collector to Emitter Voltage ...................................................................................................................... 700 V VCEO Collector to Emitter Voltage ...................................................................................................................... 400 V VEBO Emitter to Base Voltage ................................................................................................................................ 9 V IC Collector Current (Continuous) .......................................................................................................................... 4 A IB Base Current (Continuous) ................................................................................................................................ 2 A
Electrical Characteristics (TA=25C)
Symbol BVCEX BVCEO IEBO ICEX *VCE(sat)1 *VCE(sat)2 *VCE(sat)3 *VBE(sat) *VBE(sat) *hFE Min. 700 400 15 Typ. Max. 1 1 500 0.6 1 1.2 1.6 25 Unit V V mA mA mV V V V V IC=10mA VEB=9V VCE=700V, VBE(off)=1.5V IC=1A, IB=200mA IC=2A, IB=500mA IC=4A, IB=1A IC=1A, IB=200mA IC=2A, IB=500mA IC=2A, VCE=5V
*Pulse Test: Pulse Width 380us, Duty Cycle2%
Test Conditions IC=1mA, VBE(off)=1.5V
HLB125HE
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
100
Spec. No. : HE200214 Issued Date : 2002.09.01 Revised Date : 2004.11.08 Page No. : 2/5
Saturation Voltage & Collector Current
10000
125 C
o
75 C
o
VCE(sat) @ IC=5IB
Saturation Voltage (mV)
1000 75 C
o
25 C
o
hFE
10
hFE @ VCE=5V
100
125 C
o
25 C
o
1 1 10 100 1000 10000
10 1 10 100 1000 10000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
1000 10000
Saturation Voltage & Collector Current
VCE(sat) @ IC=4IB
VBE(sat) @ IC=5IB
Saturation Voltage (mV)
75 C 100 125 C 25 C
o o
o
Saturation Voltage (mV)
75 C 1000 25 C
o
o
125 C
o
10
100
1
10
100 1000 Collector Current-IC (mA)
10000
10
100
1000
10000
Collector Current-IC (mA)
Saturation Voltage & Collector Current
10000 VBE(sat) @ IC=4IB 1000
Capacitance & Reverse-Biased Voltage
Saturation Voltage (mV)
Capacitance (pF)
100
75 C 1000 25 C
o
o
Cob 10
125 C
o
100 10 100 1000 10000
1 0.1 1 10 100
Collector Current-IC (mA)
Reverse-Biased (V)
HLB125HE
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE200214 Issued Date : 2002.09.01 Revised Date : 2004.11.08 Page No. : 3/5
Switching time vs Collector Current
10.0 Vcc=125V, IC=2A, IB1=IB2=0.4A 10
Safe Operating Area
Tstg
PT=10uS
Collector Current-IC (A)
Switching Time(us).. .
1
PT=1s
1.0
Ton
0.1
PT=1ms
PT=100ms Toff 0.1 0.1 1 10 0.01 1 10 100 1000 10000
Collector Current(A)
Forward Voltage-VCE (V)
HLB125HE
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-220AB Dimension
Marking:
A D B E C F
Pb Free Mark
Pb-Free: " . " (Note) Normal: None H
Spec. No. : HE200214 Issued Date : 2002.09.01 Revised Date : 2004.11.08 Page No. : 4/5
LB
1 2 5 HE Date Code Control Code
H I G Tab P L J M 3 2 1 O N K
Note: Green label is used for pb-free packing Pin Style: 1.Base 2.Collector 3.Emitter Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
DIM A B C D E F G H I J K L M N O P
Min. 5.58 8.38 4.40 1.15 0.35 2.03 9.66 3.00 0.75 2.54 1.14 12.70 14.48
Max. 7.49 8.90 4.70 1.39 0.60 2.92 10.28 *16.25 *3.83 4.00 0.95 3.42 1.40 *2.54 14.27 15.87
*: Typical, Unit: mm
3-Lead TO-220AB Plastic Package HSMC Package Code: E
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HLB125HE
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Soldering Methods for HSMC's Products
1. Storage environment: Temperature=10oC~35oC Humidity=65%15% 2. Reflow soldering of surface-mount devices Figure 1: Temperature profile
tP TP Ramp-up TL Tsmax Temperature tL
Spec. No. : HE200214 Issued Date : 2002.09.01 Revised Date : 2004.11.08 Page No. : 5/5
Critical Zone TL to TP
Tsmin tS Preheat
Ramp-down
25 t 25oC to Peak Time
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintained above: - Temperature (TL) - Time (tL) Peak Temperature (TP) Time within 5oC of actual Peak Temperature (tP) Ramp-down Rate Time 25oC to Peak Temperature 3. Flow (wave) soldering (solder dipping) Products Pb devices. Pb-Free devices.
Sn-Pb Eutectic Assembly <3 C/sec 100oC 150oC 60~120 sec <3oC/sec 183oC 60~150 sec 240 C +0/-5 C 10~30 sec <6oC/sec <6 minutes
o o o
Pb-Free Assembly <3oC/sec 150oC 200oC 60~180 sec <3oC/sec 217oC 60~150 sec 260oC +0/-5oC 20~40 sec <6oC/sec <8 minutes
Peak temperature 245 C 5 C
o o
Dipping time 5sec 1sec 5sec 1sec
260 C +0/-5 C
o
o
HLB125HE
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HLB125HE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X