Part Number Hot Search : 
A8920SLR XXXBA HY5DU SK22X LSC2606 VR203 MPO40S03 74H78
Product Description
Full Text Search
 

To Download HJ350 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6008 Issued Date : 1996.04.12 Revised Date : 2002.04.18 Page No. : 1/3
HJ350
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HJ350 is designed for line operated audio output amplifier, switch mode power supply drivers and other switching applications.
Absolute Maximum Ratings (Ta=25C)
TO-252
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................................... +150 C * Maximum Power Dissipation Total Power Dissipation (Tc=25C) ..................................................................................... 15 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage.................................................................................... -300 V BVCEO Collector to Emitter Voltage................................................................................. -300 V BVEBO Emitter to Base Voltage........................................................................................... -3 V IC Collector Current....................................................................................................... -500 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *hFE Min. -300 -300 -3 30 Typ. Max. -100 -100 240 Unit V V V uA uA Test Conditions IC=-100uA, IE=0 IC=-1mA, IB=0 IE=-0.1mA, IC=0 VCB=-300V, IE=0 VEB=-3V, IC=0 VCE=-10V, IC=-50mA
*Pulse Test: Pulse Width 380us, Duty Cycle2%
HJ350
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 hFE @ VCE=10V 1000 VCE(sat) @ IC=10IB
o
Spec. No. : HE6008 Issued Date : 1996.04.12 Revised Date : 2002.04.18 Page No. : 2/3
Saturation Voltage & Collector Current
75 C 125 C
o
Saturation Voltage (mV)
75 C 100 125 C
o o
o
hFE
100 25 C
o
25 C
10 0.1 1 10 100 1000
10 0.1 1 10 100 1000
Collector Current-IC (mA)
Collector Current-IC (mA)
HJ350
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-252 Dimension
A C
Spec. No. : HE6008 Issued Date : 1996.04.12 Revised Date : 2002.04.18 Page No. : 3/3
Marking:
H 350 Date Code J
B
D
Control Code
L
F
G
Style: Pin 1.Base 2.Collector 3.Emitter
3 H E K 2 I 1 J
3-Lead TO-252 Plastic Surface Mount Package HSMC Package Code: J *: Typical
DIM A B C D E F
Inches Min. Max. 0.0177 0.0217 0.0650 0.0768 0.0354 0.0591 0.0177 0.0236 0.2520 0.2677 0.2125 0.2283
Millimeters Min. Max. 0.45 0.55 1.65 1.95 0.90 1.50 0.45 0.60 6.40 6.80 5.40 5.80
DIM G H I J K L
Inches Min. Max. 0.0866 0.1102 *0.0906 0.0354 0.0315 0.2047 0.2165 0.0551 0.0630
Millimeters Min. Max. 2.20 2.80 *2.30 0.90 0.80 5.20 5.50 1.40 1.60
Notes: 1.Dimension and tolerance based on our Spec. dated May. 05,1996.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HJ350
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HJ350

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X