|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HI-SINCERITY MICROELECTRONICS CORP. Spec. No. : HE6012-B Issued Date : 1996.04.12 Revised Date : 2000.11.01 Page No. : 1/3 HJ340 NPN EPITAXIAL PLANAR TRANSISTOR Description The HJ340 is designed for line operated audio output amplifier, switch mode power supply drivers and other switching applications. Absolute Maximum Ratings (Ta=25C) * Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................................... +150 C * Maximum Power Dissipation Total Power Dissipation (Tc=25C) .................................................................................... 15 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage .................................................................................... 300 V BVCEO Collector to Emitter Voltage................................................................................. 300 V BVEBO Emitter to Base Voltage ........................................................................................... 3 V IC Collector Current ....................................................................................................... 500 mA Characteristics (Ta=25C) Symbol BVCBO BVCEO BVEBO ICBO IEBO *hFE Min. 300 300 3 30 Typ. Max. 100 100 240 Unit V V V uA uA Test Conditions IC=100uA, IE=0 IC=1mA, IB=0 IE=0.1mA, IC=0 VCB=300V, IE=0 VEB=3V, IC=0 VCE=10V, IC=50mA *Pulse Test : Pulse Width 380us, Duty Cycle2% HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. Characteristics Curve Current Gain & Collector Current 1000 10000 Spec. No. : HE6012-B Issued Date : 1996.04.12 Revised Date : 2000.11.01 Page No. : 2/3 Saturation Voltage & Collector Current 100 hFE @ VCE=4V Saturation Voltage (mV) 1000 VBE(sat) @ IC=8IB hFE 10 100 VCE(sat) @ IC=8IB 1 1 10 100 1000 10000 10 1 10 100 1000 10000 Collector Current (mA) Collector Current (mA) On Voltage & Collector Current 1000 10.0 Switching Time & Collector Current VCC=30V, IC=10IB1=-10IB2 VBE(on) @ VCE=4V Switching Times (us) On Voltage (mV) 1.0 Tstg Ton Tf 100 1 10 100 1000 10000 0.1 0.1 1.0 10.0 Collector Current (mA) Collector Current (A) Capacitance & Reverse-Biased Voltage 100 10000 Safe Operating Area Cob 10 Collector Current-IC (mA) 1000 Capacitance (pF) PT=1ms 100 PT=100ms PT=1s 10 1 0.1 1 10 100 1 1 10 100 1000 Reverse-Biased Voltage (V) Forward Voltage-VCE (V) HSMC Product Specification HI-SINCERITY MICROELECTRONICS CORP. TO-252 Dimension A C Spec. No. : HE6012-B Issued Date : 1996.04.12 Revised Date : 2000.11.01 Page No. : 3/3 Marking : HSMC Logo Part Number Date Code Product Series Rank B D L F G Ink Mark Style : Pin 1.Base 2.Collector 3.Emitter 3 H E K 2 I 1 J 3-Lead TO-252 Plastic Surface Mount Package HSMC Package Code : J *:Typical DIM A B C D E F Inches Min. Max. 0.0177 0.0217 0.0650 0.0768 0.0354 0.0591 0.0177 0.0236 0.2520 0.2677 0.2125 0.2283 Millimeters Min. Max. 0.45 0.55 1.65 1.95 0.90 1.50 0.45 0.60 6.40 6.80 5.40 5.80 DIM G H I J K L Inches Min. Max. 0.0866 0.1102 *0.0906 0.0354 0.0315 0.2047 0.2165 0.0551 0.0630 Millimeters Min. Max. 2.20 2.80 *2.30 0.90 0.80 5.20 5.50 1.40 1.60 Notes : 1.Dimension and tolerance based on our Spec. dated May. 05,1996. 2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office. Material : * Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0 Important Notice: * All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory : * Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220 HSMC Product Specification |
Price & Availability of HJ340 |