Part Number Hot Search : 
120SC MCF52230 K1200S W83877F 50N60 MSL1064 SR1100 NT681
Product Description
Full Text Search
 

To Download HIF3BB-64D-254R-CL21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cover (HIF3B Series) against EMI (Electromagnetic Interference)
sFeatures
1. Electromagnetic Shielding Effect
This product enhances shielding effects with a metallic cover over the ribbon cable connector (HIF3B series).
sApplications
Peripheral and termination equipment, control machines, measuring instruments etc.
sOrdering Information
2. Screw Locking Mechanism
The locking mechanism is designed in a stubborn and steady structure for the screw type.
3. Assembling
The ribbon cable connector (HIF3B series) can be easily assembled.
HIF 3 - * CVFA
q q Series Name e CVFA : HIF 3 : Cover case for EMI w e
w Number of contacts : 10, 16, 20, 26, 30, 34, 40, 50, 64
sI/O Cable Termination
sMaterial
Material Zinc alloy Finish Nickel plated
As shown above, bend the shield knitted cord, wind the conductive tape 1 to 2 turns, and finish cable termination so as not to loosen the shield knitted cord.
B45
sCover
Unit : mm Part Number HIF3-10CVFA HIF3-16CVFA HIF3-20CVFA HIF3-26CVFA HIF3-30CVFA HIF3-34CVFA HIF3-40CVFA HIF3-50CVFA HIF3-64CVFA CL No. 612-0061-4 612-0062-7 612-0063-0 612-0064-2 612-0065-5 612-0066-8 612-0067-0 612-0068-3 612-0070-5 Number of Contacts 10 16 20 26 30 34 40 50 64 A 8.5 7.8 9.0 10.0 9.2 11.0 13.0 14.5 15.4 B 8.0 7.8 8.5 9.5 9.2 10.0 10.0 10.0 10.0 C 31.7 34.9 39.98 47.6 52.68 57.76 65.38 78.08 D E 38.12 17.52 41.32 25.14 46.4 59.1 71.8 84.5 30.22 42.92 55.62 68.32 86.1 54.02 37.84 64.18 48.0
95.86 102.7
B46
sApplicable Socket Connector
Notes1 and 2: The number of polarizing guide and keys change according to products. Unit : mm Part Number HIF3BA-10D-2.54R-CL(21) HIF3BA-16D-2.54R-CL(21) HIF3BA-20D-2.54R-CL(21) HIF3BA-26D-2.54R-CL(21) HIF3BA-30D-2.54R-CL(21) HIF3BA-34D-2.54R-CL(21) HIF3BA-40D-2.54R-CL(21) HIF3BA-50D-2.54R-CL(21) HIF3BB-50D-2.54R-CL(21) HIF3BA-64D-2.54R-CL(21) HIF3BB-64D-2.54R-CL(21) CL No. 610-0190-4-21 610-0192-0-21 610-0193-2-21 610-0194-5-21 610-0195-8-21 610-0196-0-21 610-0197-3-21 610-0198-6-21 610-0201-9-21 610-0200-6-21 610-0203-4-21 Number of Contacts 10 16 20 26 30 34 40 50 50 64 64 A B C D Polarizing guide Polarizing keyway One at center 17.27 10.16 11.43 12.8 24.89 17.78 19.05 20.42 29.97 22.86 24.13 25.5 37.59 30.48 31.75 33.12 42.67 35.56 36.83 38.2 47.75 40.64 41.91 43.28 55.37 48.26 49.53 50.9 68.07 60.96 62.23 63.6 68.07 60.96 62.23 63.6 85.85 78.74 80.01 81.38 One on right and left sides, resp. One at center One at center One on right and left sides, resp. One at center
85.85 78.74 80.01 81.38 One on right and left sides, resp
sPin Header
The pin header applicable to the socket connector HIF series can wholly use the HIF3 series. It is recommended to use following products, considering positioning (protection of mating area) when the connector is engaged. In addition, when the connector is installed, the locking mechanism is removed. If needed, order the product (11) according to the specification (unlock), as shown below. HIF3B -*PA-2.54DS,DSA(11) HIF3BA-*PA-2.54DS,DSA(11) HIF3BB-*PA-2.54DS,DSA(11) Note: HIF3B-*PA-2.54DS, DSA (11) is limited to number of contacts as follows: DSA-20, 30, 34, 40 contacts DSA-26, 50 contacts
B47
sRecommended Panel catouts
Number of Contacts 10 16 20 26 30 34 40 50 64
A
B
C 10.16 17.78 30.48
D 21.8 29.5 34.5 42.2 47.2 52.3 59.9 72.6 90.4
18.52 31.7 26.14 34.9 38.84 47.6 49.0
31.22 39.98 22.86 43.92 52.68 35.56 57.76 40.64 56.62 65.38 48.26 69.32 78.08 60.96 87.1 95.86 78.74
q Right Angle Type
HIF3B-*PA-DS(11) HIF3BA-*PA-DS(11) 3BB
3.45 4.75
B48
sCover Assembling Procedures
4 5 2 1
6
3
1 7
8
3
BAssembling Procedures
1. Insert the connected connector (cable shield cable after termination process) 1 in the adapter metal 2, and connect the assembly to the cover A 3. 2. Insert the cable unit 1 in the clamp slot of cover A 3, and mount the clamp metal 4. Then, tighten the unit by screws. 3. Next, place the lock screw 5 in the right slot, and mount the cover B 7 so as not to bite the cable, and tighten the assembly by screws. At this time, check that no clearance is found between cover A and B.
B49


▲Up To Search▲   

 
Price & Availability of HIF3BB-64D-254R-CL21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X