Part Number Hot Search : 
AN7216 E000769 TXV1N SN66040 LT1160IS FR252G MC330790 CR5D1106
Product Description
Full Text Search
 

To Download HI117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9031 Issued Date : 1998.07.01 Revised Date : 2001.09.14 Page No. : 1/4
HI117
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HI117 is designed for use in general purpose amplifier and low-speed switching applications.
Absolute Maximum Ratings (Ta=25C)
* Maximum Temperatures Storage Temperature .......................................................................................................... -55 ~ +150 C Junction Temperature .................................................................................................. +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Tc=25C) ................................................................................................... 25 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage .................................................................................................. -100 V BVCEO Collector to Emitter Voltage............................................................................................... -100 V BVEBO Emitter to Base Voltage ......................................................................................................... -5 V IC Collector Current (Continue) .......................................................................................................... -4 A IC Collector Current (Peak) ................................................................................................................ -6 A
Characteristics (Ta=25C)
Symbol BVCBO BVCEO ICBO ICEO IEBO *VCE(sat) *VBE(on) *hFE1 *hFE2 Cob Min. -100 -100 1 500 Typ. Max. -1 -2 -2 -2.5 -2.8 200 Unit V V mA mA mA V V K pF Test Conditions IC=-1mA IC=-30mA VCB=-100V VCE=-50V VEB=-5V IC=-2A, IB=-8mA IC=-2A, VCE=-4V IC=-1A, VCE=-4V IC=-2A, VCE=-4V VCB=-10V, f=0.1MHz
*Pulse Test : Pulse Width 380us, Duty Cycle2%
Darlington Schematic
C
B
R1
R2
E
HI117
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
10000 100000
Spec. No. : HE9031 Issued Date : 1998.07.01 Revised Date : 2001.09.14 Page No. : 2/4
Saturation Voltage & Collector Current
hFE @ VCE=3V
Saturation Voltage (mV)
1000 hFE @ VCE=4V
10000
hFE
100
VCE(sat) @ IC=100IB 1000 VCE(sat) @ IC=250IB
10
1 1 10 100 1000 10000
100 100
1000
10000
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
10000 10000
On Voltage & Collector Current
Saturation Voltage (mV)
On Voltage (mV)
VBE(sat) @ IC=250IB
VBE(on) @ VCE=3V 1000 VBE(on) @ VCE=4V
1000
VBE(sat) @ IC=100IB
100 100
100 1000 10000 1 10 100 1000 10000
Collector Current-IC (mA)
Collector Current-IC (mA)
Switching Time & Collector Current
10 VCC=30V, IC=250IB1=-250IB2
Capacitance & Reverse-Biased Voltage
1000
Switching Time (us)
Tstg 1 Tf
Capacitance (pF)
100
Cob
Ton
0.1 1 10
10 0.1 1 10 100
Collector Current (A)
Reverse-Biased Voltage (V)
HI117
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9031 Issued Date : 1998.07.01 Revised Date : 2001.09.14 Page No. : 3/4
Safe Operating Area
10000 PT=1ms PT=100ms
Collector Current-IC (mA)
1000 PT=1s
100
10
1 1 10 100
Forward Voltage-VCE (V)
HI117
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-251 Dimension
Marking:
Spec. No. : HE9031 Issued Date : 1998.07.01 Revised Date : 2001.09.14 Page No. : 4/4
A
B
C D
H 127 Date Code
I
Ink Mark
Control Code
F 3 I E K 2 1
G
Style : Pin 1.Base 2.Collector 3.Emitter
H
J
3-Lead TO-251 Plastic Package HSMC Package Code : I *:Typical
DIM A B C D E F
Inches Min. Max. 0.0177 0.0217 0.0354 0.0591 0.0177 0.0236 0.0866 0.0945 0.2520 0.2677 0.2677 0.2835
Millimeters Min. Max. 0.45 0.55 0.90 1.50 0.45 0.60 2.20 2.40 6.40 6.80 6.80 7.20
DIM G H I J K
Inches Min. Max. 0.2559 *0.1811 0.0354 0.0315 0.2047 0.2165
Millimeters Min. Max. 6.50 *4.60 0.90 0.80 5.20 5.50
Notes : 1.Dimension and tolerance based on our Spec. dated May. 24,1995.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931
HI117
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HI117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X