Part Number Hot Search : 
M39432NC 2SB566AK DS128 R3003 2SK1553 LM100 VUO50 VUO50
Product Description
Full Text Search
 

To Download HI-8120SM-64 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-8020/HI-8120
September 2006
CMOS HIGH VOLTAGE DISPLAY DRIVER
PIN CONFIGURATION (Top View)
S26 S25 S24 S23 S22 S21 S20 DOUT 32 BP S19 S18
6 5 4 3 2 1 44 43 42 41 40
39 38
GENERAL DESCRIPTION
The HI-8020 & HI-8120 high voltage display drivers are functional replacements for the AMI S5420 and Micrel MIC8013/8014 series. These CMOS products are designed to drive liquid crystal displays by converting 5 volt serial data to parallel segment and backplane waveforms with amplitudes up to 30 volts. The HI-8020 & HI-8120 differ from the HI-8010 by only the shift register clock and chip select gating logic. The HI-8020 has TTL logic inputs whereas the HI-8120 has CMOS logic inputs. Both devices can drive up to 38 segments and have 3 possible shift register data taps to provide options to cascade devices for larger displays. Data is clocked into a 38 stage shift register and parallel latched before the output translators by a Load input. The HI-8020 & HI-8120 are available in ceramic leadless chip carriers and plastic PLCC packages.
S27 S28 S29 S30 S31 S32 N/C VSS CS CL LD
7 8 9 10 11 12 13 14 15 16 17
HI-8020J-85 & HI-8120J-85
44 - PIN PLASTIC PLCC
18 19 20 21 22 23 24 25 26 27 28
37 36 35 34 33 32 31 30 29
S17 S16 S15 VEE S14 S13 S12 S11 S10 S9 S8
FEATURES
! 5 volt input translated to 30 volts or less ! Pin-out adaptable to drive 30, 32 or 38 LCD segments ! RC oscillator or high voltage (BP) clock input ! TTL compatible inputs (HI-8020 only) ! CMOS compatible inputs (HI-8120 only) ! Low power consumption ! Industrial (-40C to +85C) & Military (-55C to +125C) temperature ranges ! Pin for pin compatible with the Micrel MIC8010/8011 series and the AMI S4520 series drivers ! Cascadable ! Military level processing available
(See page 4 for additional package pin configurations)
FUNCTIONAL BLOCK DIAGRAM
DIN CL CS
LE DATA IN
DIN LCDO LCDOOPT VDD S1 S2 S3 S4 S5 S6 S7
38 Stage Shift Register
CLK
DOUT 38 DOUT 32 DOUT 30
LD LCDO OPT LCDO
Oscillator Divider Vo l t a g e Tr a n s l a t o r
38 Bit Latch
Vo l t a g e Tr a n s l a t o r s H i g h Vo l t a g e Drivers
APPLICATIONS
! ! ! ! Dichroic Liquid Crystal Displays Standard Liquid Crystal Displays Vacuum Fluorescent Displays MEMS Drivers
H i g h Vo l t a g e B u ff e r
BP
SEGMENTS
(DS8020 Rev. E)
HOLT INTEGRATED CIRCUITS www.holtic.com
09/06
HI-8020/HI-8120 Series
FUNCTIONAL DESCRIPTION
Whenever a Logic "0" is applied to the Chip Select (CS) input, one bit of data is clocked into the shift register from the serial data input (DIN) with each negative transition of the Clock (CL) input. A Logic "1" present at the Load (LD) input will cause a parallel transfer of data from the shift register to the data latch. If the Load (LD) input is held high while data is clocked into the shift register, the latch will be transparent. All four logic inputs are TTL compatible on the HI-8020 and CMOS compatible on the HI-8120. To display segments, a Logic "1" is stored in the appropriate shift register bit position, and the segment output is out-ofphase with the backplane. The backplane output functions in 1 of 2 modes; externally driven or self-oscillating. When the LCDO input is externally driven with the LCDOOPT input open circuit (Figure 2), the backplane output will be in-phase with LCDO. Utilizing the self-oscillating mode, inputs LCDO and LCDOOPT are tied together and connected to an RC circuit (Figure 3). A 150KW resistor with a 470pF capacitor generates an approximate backplane frequency of 100Hz. The LCDO/LCDOOPT oscillator frequency is divided by 256 to determine the backplane output frequency. The resistor value (R) must be at least 30KW for proper self-oscillator operation. For displays having a number of segments greater than 38, two or more of the display drivers may be cascaded together by connecting the serial data output (DOUT) from the first driver, to the serial data input (DIN) of the following driver, etc.(See Figures 2 & 3). Data out (DOUT) will change state
C R
on the rising edge of the Clock (CL). Clock (CL), Load (LD) and Chip Select (CS) should be tied in common with each other, respectively, between all cascaded display drivers.
INTERNAL OSCILLATOR CIRCUIT
/ 256
Q
LCDO LCDO OPT
TO BACKPLANE TRANSLATOR AND DRIVER
Figure 1.
TIMING DIAGRAM
CL INPUT
tCL
DIN INPUT
VALID VALID
tDS tDH
CS INPUT
tCSS
tCSH
LD INPUT
tLCS tCSL
tCDO
DOUT OUTPUT
VALID VALID
tLS
tLW
VALID
HOLT INTEGRATED CIRCUITS 2
HI-8020/HI-8120 Series
ABSOLUTE MAXIMUM RATINGS
Voltages referenced to VSS = 0V Supply Voltage VDD........................ 0V to 7V VEE................VDD-35V to 0V Voltage at any input, except LCDO..-0.3 to VDD+0.3V Voltage at LCDO input...............VDD-35 to VDD+0.3V DC Current any input pin...................................10 mA Power Dissipation......................................................300 mW Operating Temperature Range - Industrial........-40 to +85C Operating Temperature Range - Hi-Temp/Mil..-55 to +125C Storage Temperature Range...........................-65 to +150C
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
VDD = 5V, VEE = -25V, VSS = 0V, TA = Operating Temperature Range (unless otherwise specified).
PARAMETER Operating Voltage Supply Current
SYMBOL VDD IDD IEE
CONDITION Static, No Load Static, No Load fBP=100Hz
MIN 3.0
TYP
MAX 7.0 225 150
UNITS V A A V V V V V V A pF KW W mA mA
Input Low Voltage, HI-8020 (except LCDO) Input High Voltage, HI-8020 (except LCDO) Input Low Voltage, HI-8120 (except LCDO) Input High Voltage, HI-8120 (except LCDO) Input Low Voltage (LCDO) Input High Voltage (LCDO) Input Current Input Capacitance (not tested) Segment Output Impedance Backplane Output Impedance Data Out Current:
VILTTL VIHTTL VILCMOS VIHCMOS VILX VIHX IIN CI RSEG RBP IDOH IDOL IL = 10A IL = 10A Source Current, VOH = 4.5V Sink Current, VOL = 0.5V VIN = 0 to 5V
0 2 0 0.7 VDD VEE 3.5
0.8 VDD 0.3 VDD VDD 3 VDD 1 5 10 450 15 600 -0.6
0.6
AC ELECTRICAL CHARACTERISTICS
VDD = 5V, VEE = -25V, VSS = 0V, TA = Operating Temperature Range (unless otherwise specified).
PARAMETER
Clock Period Clock Pulse Width Data In - Setup Data In - Hold Chip Select - Setup to Clock Chip Select - Hold to Clock Load - Setup to Clock Chip Select - Setup to Load Load Pulse Width Chip Select - Hold to Load
SYMBOL
tCL tCW tDS tDH tCSS tCSH tLS tCSL tLW tLCS
VDD
5V 5V 5V 5V 5V 5V 5V 5V 5V 5V
MIN
1200 520 50 400 200 450 500 300 500 300
TYP
MAX
UNITS
ns ns ns ns ns ns ns ns ns ns
Data Out Valid, from Clock
tCDO
5V
800
ns
HOLT INTEGRATED CIRCUITS 3
HI-8020/HI-8120 Series
CASCADING - EXT. OSCILLATOR
LD CL CS
CS DIN CL LD DOUT CS DIN CL LD DOUT CS DIN CL LD DOUT
CASCADING - RC OSCILLATOR
LD CL CS
CS DIN
150KW
CL
LD DOUT
CS DIN
CL
LD DOUT
CS DIN
CL
LD DOUT
HI-8020J-85
LCDO BP
HI-8020J-85
LCDO BP
HI-8020J-85
LCDO BP
HI-8120J-85
LCDO LCDO OPT BP
HI-8120J-85
LCDO LCDO OPT BP
HI-8120J-85
LCDO LCDO OPT BP
470pf
SEGMENTS 1 - 33
SEGMENTS BACK 33 - 64 PLANE
SEGMENTS 65 - 96
SEGMENTS 1 - 32
SEGMENTS BACK 33 - 64 PLANE
SEGMENTS 65 - 96
Figure 2
Figure 3
PIN DESCRIPTIONS
SYMBOL
VSS CS CL LD DIN LCD0 LCD0OPT VDD VEE DOUT BP Segments
FUNCTION
POWER INPUT INPUT INPUT INPUT INPUT OUTPUT POWER POWER OUTPUT OUTPUT OUTPUT 0 Volts Logic input Logic input Logic input Logic input Analog input Analog output 5 Volts 0 Volts to -30 Volts Logic output Display drive output Display drive output
DESCRIPTION
Chip select Clocks shift register on negative edge and DOUT pins on positive edge Segment outputs equal shift register data if Load is high Shift register data input Display clock input and is always bonded out. Can swing from VEE to VDD Bonded out only if an RC oscillator is required
Selected pinout can provide shift register taps at positions 30, 32, 34, or 38 Low resistance drive for the backplane and swings from VDD to VEE High resistance drive for each segment and swings from VDD to VEE
ADDITIONAL HI-8020/HI-8120 PIN CONFIGURATIONS
(See page 1 for the 44-Pin Plastic PLCC)
S26 S25 S24 S23 S22 S21 S20 DOUT 38 BP S19 S18 S17 S26 S25 S24 S23 S22 S21 S20 DOUT 38 BP S19 S18 S17
S16 S15 VEE S14 S13 S12 S11 S10 S9 S8 S7 S6 S27 S28 S29 S30 S31 S32 S33 S34 S35 S36 VSS CS
7 8 9 10 11 12 13 14 15 16 17
S27 S28 S29 S30 S31 S32 S33 S34 S35 S36 VSS CS
7 8 9 10 11 12 13 14 15 16 17
6
5
4
3
2
1 48 47 46 45 44 43 42
41 40 39 38 37 36 35 34 33 32
6
5
4
3
2
1 48 47 46 45 44 43 42
41 40 39 38 37 36 35 34 33 32
HI-8020S-61 HI-8120S-61 HI-8020SM-62 & HI-8120SM-62
48 - PIN CERAMIC LCC
HI-8020S-63 HI-8120S-63 HI-8020SM-64 & HI-8120SM-64
48 - PIN CERAMIC LCC
18 31 19 20 21 22 23 24 25 26 27 28 29 30
18 31 19 20 21 22 23 24 25 26 27 28 29 30
S16 S15 VEE S14 S13 S12 S11 S10 S9 S8 S7 S6
CL LD DIN
LCDO / LCDOOPT
HOLT INTEGRATED CIRCUITS 4
CL LD DIN LCDO VDD S37 S38 S1 S2 S3 S4 S5
VDD S37 S38 S1 S2 S3 S4 S5
HI-8020/HI-8120 Series
ORDERING INFORMATION
HI - 8XXX J X - 85 (44-pin Plastic J Lead)
PART NUMBER LEAD FINISH
Blank F
PART NUMBER
Tin / Lead (Sn / Pb) Solder 100% Matte Tin (Pb-free, RoHS compliant)
INPUT LOGIC NUMBER OF SEGMENTS MASTER/ SLAVE TEMPERATURE RANGE FLOW BURN IN
8020 8120
TTL CMOS
32 32
BOTH BOTH
-40C TO +85C -40C TO +85C
I I
NO NO
HI - 8XXX XX - XX (48-pin Ceramic Leadless Chip Carrier)
PART NUMBER MASTER/ SLAVE TEMPERATURE RANGE FLOW BURN IN LEAD FINISH
S - 61 SM - 62 S - 63 SM - 64
PART NUMBER
MASTER MASTER SLAVE SLAVE
INPUT LOGIC
-40C TO +85C -55C TO +125C -40C TO +85C -55C TO +125C
NUMBER OF SEGMENTS
I M I M
NO YES NO YES
Gold (Pb-free, RoHS compliant) Tin / Lead (Sn / Pb) Solder Gold (Pb-free, RoHS compliant) Tin / Lead (Sn / Pb) Solder
8020 8120
TTL CMOS
38 38
HOLT INTEGRATED CIRCUITS 5
HI-8020/HI-8120 Series
SEMI-CUSTOM PACKAGING
The above part numbers represent the standard configurations of the HI-8020 & HI-8120 products. They can also be provided with a varied number of output segments (30, 32 and 38), with either industrial or military screening and in a wide variety of packages. Listed below are currently available packages. Please contact the Holt Sales Department for your specific requirements.
PACKAGE DESCRIPTION PLASTIC DUAL-IN-LINE (PDIP)
# LEADS 40 48
PLASTIC QUAD FLAT PACK (PQFP) PLASTIC J-LEAD CHIP CARRIER (PLCC) CERAMIC DUAL-IN-LINE (CDIP)
52 44 40 48
CERAMIC LEADLESS CHIP CARRIER (LCC)
40 48
CERAMIC J-LEAD CHIP CARRIER
44 48
CERAMIC LEADED CHIP CARRIER
40 48
HOLT INTEGRATED CIRCUITS 6
HI-8020/HI-8120 PACKAGE DIMENSIONS
inches (millimeters)
44-PIN PLASTIC PLCC
Package Type: 44J
PIN NO. 1 .045 x 45 PIN NO. 1 IDENT .045 x 45 .050 .005 (1.27 .127) .690 .005 (17.526 .127) SQ. .653 .004 (16.586 .102) SQ. .031.005 (.787 .127) .017 .004 (.432 .102)
SEE DETAIL A .172 .008 (4.369 .203) .610 .020 (15.494.508)
.009 .011
.015 .002 (.381 .051) .020 MIN (.508 MIN) R .025 .045
DETAIL A
48-PIN CERAMIC LEADLESS CHIP CARRIER
Package Type: 48S
PIN 1 IDENT.
.090 MAX. (2.286 MAX.)
.040 .007 (1.016 .178)
PIN 1 IDENT.
.563 .009 (14.300 .228) SQ.
.020 TYP. (.508 TYP.)
.040 TYP. (1.016 TYP.)
HOLT INTEGRATED CIRCUITS 7


▲Up To Search▲   

 
Price & Availability of HI-8120SM-64

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X