Part Number Hot Search : 
CM1638 MPC82 P16N25E EA87FL33 N6631 HFS8N70S 100RJ 8030B
Product Description
Full Text Search
 

To Download HFX6015-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fiber Optic LAN Components
660nm LED For Industrial Bus Systems
FEATURES
* Super bright LED for optical fiber communication * High accuracy by use of special plastic package with centered LED chip * High output at suitable peak wavelength (typ.) for plastic fiber * High frequency cut-off, most suited for high speed data transmissions (fc = typ. 7 MHz) HFX6015-200 only * Metal barrel for high mechanical stability * Separate grounding of barrel for optimum EMI/RFI shielding
HFX6015-XXX
SERCOS Parameter
HFX6015-210
(Fig.1) and
HFX6015-200
(Fig.2)
Test Conditions IF = 50mA *, 1mm fibre
Symbol PC
Min 700
Typ
Max 1400
Units W
Coupled Power
Note: Available for all products with date code 03.05 or later
PROFIBUS Parameter
HFX6015-4xx
Test Conditions 1mm fibre Symbol PC Min -5.5 Typ Max Units dbm
Coupled Power
GENERAL PURPOSE BUS APPLICATIONS Parameter
Coupled Power
Note: * Derate Linearly from 25C: 0.93mA/C DC current
Test Conditions IF = 50mA *, 1mm fibre
Symbol PC
Min 300
Typ
Max
Units W
Other receptacles available. For additional information see please "Mounted LEDs/Transmitters"
Sensing and Control
Fiber Optic LAN Components
660nm LED For Industrial Bus Systems
HFX6015-XXX
Sensing and Control
Fiber Optic LAN Components
660nm LED For Industrial Bus Systems
ABSOLUTE MAXIMUM RATINGS (25 C free air temperature unless otherwise noted) Forward current....................................................................70mA Peak forward current.....................(1ms pulse, 1/20 duty) 300mA Reverse voltage.......................................................................+4V Power dissipation...............................................................140mW Operating temperature..........................................- 30C to +85C Storage temperature.......................................... - 30C to +100C Lead soldering time at 260C................5 sec (3,0 mm from body)
HFX6015-XXX
ELECTRO OPTICAL CHARACTERISTICS Parameter
Peak Wavelength Spectral Line Half Width Forward Voltage Reverse Current Capacitance Response Time
Note: * Derate Linearly from 25C: 0.93mA/C DC current
Test Conditions IF = 30mA * IF = 30mA * IF = 30mA * VR = 4V IF = 30mA *
Symbol P VF IR Co tr , tf
Min
Typ 660 30 2.0 50 50
Max
Units nm nm
2.5 100
V A pF ns
WARRANTY / REMEDY Honeywell warrants goods of its manufacture as being free of defective material and faulty workmanship. Contact your local sales office for warranty information. If warranted goods are returned to Honeywell during that period of coverage, Honeywell will repair or replace without charge those items it finds defective. The foregoing is Buyer's sole remedy and is in lieu of all other warranties, expressed or implied, including those of merchantability and fitness for a particular purpose. While we provide application assistance, personally, through our literature and the Honeywell web site, it is up to the customer to determine the suitability of the product in the application. Specifications may change at any time without notice. The information we supply is believed to be accurate and reliable as of this printing. However, we assume no responsibility for its use.
SALES AND SERVICE Honeywell serves its customers through a worldwide network of sales offices and distributors. For application assistance, current specifications, pricing or name of the nearest Authorized Distributor, contact a nearby sales office or call: TELEPHONE Germany UK USA & Canada International
+ 49-89-35 81 33 10 + 44-1698-481 481 1-800-367-6945 1-815-235-6847
INTERNET http://www.honeywell.com/sensing/ e-mail: info.sc @ honeywell.com
(c) Honeywell 2005. All rights reserved.
Sensing and Control Honeywell GmbH Stuttgarter Strae 5 D-80807 Munich Germany
www.honeywell.com/sensing
02/05


▲Up To Search▲   

 
Price & Availability of HFX6015-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X