Part Number Hot Search : 
50100 24C00IOT LXT901 PCD5003A SDR803 09SRW 50100 91AQ5
Product Description
Full Text Search
 

To Download HFM107M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HFM101M thru HFM107M Surface Mount Ultra Fast Recovery Rectifiers
REVERSE VOLTAGE 50 TO 1000 VOLTS FORWARD CURRENT 1.0 AMPERE
Features:
*For Surface Mount Application *Glass Passivated Chip *Low Reverse Leakage Current *Low Forward Voltage Drop And High Current Capability *Plastic Meterial Has UL Flammability Classification 94V-0
Mechanical Data:
* Case: Molded Plastic, MINI-SMA(Similar to SOD-123F) * Terminals: Solder Plated, Solderable per ML-STD-750 Medthod 2026 * Polarity: Indicated by Cathode Band * Wight: 0.040 grams
MINI-SMA (SOD-123F)
MINI-SMA Outline Dimension
unit:mm
B
C A
MINI-SMA
Dim A B C E H J Min
1.40 3.70 2.80 1.40
Max
1.80 4.10 0.30(TYP) 3.20 0.90(TYP) 1.60
E J H H
WEITRON
http://www.weitron.com.tw
HFM101M thru HFM107M
Maximum Ratings and Electrical Characteristics
Rating 25 C Ambient Temperature Unless Otherwise Specified. Single Phase Half Wave, 60Hz , Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Characteristics
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA=50 C Peak Forward Surge Current, 8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Instantaneous At 1.0A DC Maximum DC Reverse Current @TA=25 C At Rated DC Blocking Voltage @TA=100 C Maximum Reverse Recovery Time Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range
Symbol HFM HFM HFM HFM HFM HFM HFM Unit
101M 102M 103M 104M 105M 106M 107M
V RRM VRMS VDC I F(AV)
50 35 50
100 70 100
200 140 200
400 280 400 1.0
600 420 600
800 1000 560 800 700 1000
V V V A
I FSM VF IR TRR CJ R JA TJ T STG 50 1.0
30 1.3 5.0 150 75 20(TYP) 42(TYP) -55 to+150 -55 to+150 1.7
A
V uA
ns
PF C/W
C
C
NOTES: 1.Measured at 1.0MHz applied reverse voltage of 4.0V DC. 2.Thermal Resistance Junction to Ambient.
Device Marking
Item
HFM101M HFM102M HFM103M HFM104M
Marking
H1 H2 H3 H4
Item
HFM105M HFM106M HFM107M
Marking
H5 H6 H7
WEITRON
http://www.weitron.com.tw
HFM101M thru HFM107M
RATING AND CHARACTERISTIC CURVES
10
1-M ~H FM 10 4-M 3-M ~H FM 10 5-M
AVERAGE FORWARD CURRENT,(A)
1.2 1.0 0.8 0.6 0.4 0.2 0 0
Single Phase Half Wave 60Hz Resistive Or Inductive Load
INSTANTANEOUS FORWARD CURRENT,(A)
HF M1 0
HF M1 0
1.0
.1
Tj=25 C Pulse Width 300us 1% Duty Cycle
H
FM 10
6M ~H
FM 10
7M
25
50
75
100
125
150
175
AMBIENT TEMPERATURE ( C)
.01
FIG.2-Tyical Forward Current Derating Curve
.001 .4
.6
.8
1.0
1.2
1.4
1.6
1.8
PEAK FORWARD SURGE CURRENT,(A)
30
24
FORWARD VOLT AGE,(V)
FIG.1-Typical Forward Characteristics
50W NONINDUCTIVE 10W NONINDUCTIVE
18
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
12
6
(+) 25Vdc (approx.) () 1W NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
FIG.4-Maximum Non-repetitive Forward Surge Current
175 120 100 80 60 40 20
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
trr +0.5A
| | | | | | | |
0 -0.25A
JUNCTION CAPACITANCE,(pF)
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
0 .01 .05 .1 .5 1 5 10 50 100
REVERSE VOLTAGE,(V)
FIG.3- Test Circuit Diagram and Reverse Recovery Time Characteristics
FIG.5-Typical Junction Capacitance
WEITRON
http://www.weitron.com.tw


▲Up To Search▲   

 
Price & Availability of HFM107M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X