Part Number Hot Search : 
T113059 128MP Z86160 120M0 AP89010 06749 7C660X 120M0
Product Description
Full Text Search
 

To Download HFD2012SL2D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HFD2
SUBMINIATURE DIP RELAY
Features
*2
Form C contact,Polarized relay sensitivity 150mW
* High * Fits
standard 16 pin IC socket switching capacity 60W,125VA sealed for automatic wave soldering
* High
* Epoxy
File No.:E133481
and cleaning
CONTACT DATA
Contact Arrangement Initial Contact Resistance 2C 50m Ag-AuAg8, AgPd60 2A 30VDC 1A 125VAC 60W, 125VA 220VDC, 250VAC 2A 10mV 10A
1 x 105OPS (2A 30VDC) 5 x 105OPS (1A 30VDC)
COIL
Sensitive Single side stable Coil power Latching 2 coil Latching 1 coil Temperature Rise Coil Voltage 150mW 150mW 75mW standard 200mW 200mW 100mW Max. 65*C See coil data table
Telecom Relays HFD2
Contact Material Contact Rating (Res. Load) Max. switching power Max. switching voltage Max. switching current Min. Applicable load Electrical life Mechanical life
COIL DATA
Single side stable Order Number 003-M 005-M 006-M 009-M 012-M 015-M 024-M 048-M Nominal Voltage VDC 3 5 6 9 12 15 24 48 standard(200mW) 20 C Pick-up Drop-out allowable Coil Voltage Voltage resistance Voltage VDC VDC VDC ( 10%) (Max.) (Max.) (Min.) 2.30 3.75 4.50 6.75 9.00 11.25 18.0 36.0 0.3 0.5 0.6 0.9 1.2 1.5 2.4 4.8 45 125 180 405 720 1125 2880 11520 6 10 12 18 24 30 48 96
1 x 108 OPS
CHARACTERISTICS
Initial Insulation Resistance Dielectric Strength Contacts to coil Contacts to contact 1000M 500VDC 1500Vrms, 1min(1coil) 1000Vrms, 1min(2coil) 1000Vrms, 1min 4ms 3ms 3ms 3ms 1.5ms -40 C to +85 C 5% to 85%R.H. 196 m/s (20g) 10 to 55Hz 490 m/s2(50g) 980 m/s2(100g) 2.0p 1.5p 5.0p 270 C 80 C 5s 30s
2
Operate time (at nomi. Volt.) Release time (at nomi. Volt.) Set Time (latching) Reset Time (latching) Bounce Time Ambient temperature Humidity Vibration Resistance Shock Resistance Functional Destructive Contact to contact Capacitance Contact set to contact Contact to coil Max.Solder Temp. Time Max.Solvent Temp. Time Termination Unit weight Construction
Single side stable Nominal Order Voltage Number VDC 003-S 005-S 006-S 009-S 012-S 015-S 024-S 3 5 6 9 12 15 24
sensitive(150mW) 20 C Pick-up Drop-out allowable Coil Voltage Voltage resistance Voltage VDC VDC VDC ( 10%) (Max.) (Max.) (Min.) 2.4 4.0 4.8 7.2 9.6 12.0 19.2 0.3 0.5 0.6 0.9 1.2 1.5 2.4 60 167 240 540 960 1500 3840 7.0 11.5 13.8 20.8 27.7 34.6 55.4
DIP & PCB Approx, 4.5g Sealed
HONGFA RELAY ISO9001/QS9000/ISO14000 CERTIFIED
34
COIL DATA
Latching (1 coil) Order Number 003-M-L1 005-M-L1 006-M-L1 009-M-L1 012-M-L1 015-M-L1 024-M-L1 standard(100mW) Coil resistance (*10%) 90 250 360 810 1440 2220 4000 20 C allowable Voltage VDC (Max.) 8.4 14 17 25 34 42 56 Latching (1 coil) Order Number 005-S-L1 006-S-L1 009-S-L1 012-S-L1 015-S-L1 024-S-L1 sensitive(75mW) Set / Reset Voltage VDC(Max.) 4.0 4.8 7.2 9.6 12.0 19.2 Coil resistance ( 10%) 330 480 1080 1920 3000 7680 20 C allowable Voltage VDC (Max.) 16 19 29 39 43 78 Nominal Set / Reset Voltage Voltage VDC(Max.) VDC 3 5 6 9 12 15 24 2.25 3.75 4.5 6.75 9.0 11.25 18.0 Nominal Voltage VDC 5 6 9 12 15 24
Latching (2 coil) Order Number 003-M-L2 005-M-L2 006-M-L2 009-M-L2 012-M-L2 015-M-L2 024-M-L2
standard(200mW) Coil resistance ( 10%) 45 125 180 405 720 1125 2040
20 C allowable Voltage VDC (Max.) 6 10 12 18 24 30 48
Latching (2 coil) Order Number 005-S-L2 006-S-L2 009-S-L2 012-S-L2 015-S-L2 024-S-L2
sensitive(150mW) Set / Reset Voltage VDC(Max.) 4.0 4.8 7.2 9.6 12.0 19.2 Coil resistance ( 10%) 167 240 540 960 1500 3840
20 C allowable Voltage VDC (Max.) 11.5 13.8 20.8 27.7 34.6 55.4
Nominal Set / Reset Voltage Voltage VDC VDC(Max.) 3 5 6 9 12 15 24 2.25 3.75 4.5 6.75 9.0 11.25 18.0
Nominal Voltage VDC 5 6 9 12 15 24
Telecom Relays HFD2
Notes:When user's requirements can't be found in the above table,special order allowed.
TYPICAL CONTACT LIFE EXPECTANCY Voltage
50mV 30VDC 30VDC 30VDC 60VDC 60VDC 60VDC 30VAC 30VAC 30VAC 60VAC 60VAC 60VAC 125VAC 125VAC 125VAC
Power
50uW 20W 30W 60W 20W 30W 60W 40VA 80VA 120VA 40VA 80VA 120VA 40VA 80VA 125VA
Number of operations Resistive Load
5 x 10
7
Inductive Load(coso=0.7)
5 x 107 1 x 106 3 x 105 1.5 x 104 ---1 x 106 3 x 105 1.5 x 104 1 x 106 3 x 105 1.5 x 104 1 x 106 3 x 105 1.5 x 104
3 x 106 1 x 106 1 x 105 3 x 106 5 x 105 1 x 10 3 x 10
5
6
1 x 106 1 x 105 3 x 106 1 x 106 1 x 105 3 x 10
6
1 x 106 1 x 105
35
ORDERING INFORMATION
HFD2 /
Type
012
S
L2
D
Coil voltage 3, 5, 6, 9, 12, 15, 24, 48VDC(Standard Single only) Coil Power Sort
S: sensitive M: standard L1: Latching 1 coil L2: Latching 2 coils
Nil:Single side stable
Contact Material
Nil:AgPd60 / Ag-AuAg8
D: Ag-AuAg8 / Ag-AuAg8
OUTLINE DIMENSIONS, WIRING DIAGRAM AND PC BOARD LAYOUT
Single side stable or latching(1 coil) Latching(2 coils)
20.2 max 10.2ma x
)
Coil Temperature Rise(
Contact Voltage
Telecom Relays HFD2
20.2ma x
10.2ma x
10.6ma
10.6ma
1.2 2.54
Outline Dimensions
x
3
1.2
3
10-O0.9 2.54 2.54
8- O0.9
PCB layout
x
2.54 8 9
900
Matching 16 pin IC socket
Matching 16 pin IC socket
1
4
6
8
1
2
4
6
Wiring Diagram
(Bottom view)
16 13 11 9 16 15 13 11
For latching, diagram shows the "reset" position Energize terminals 1 and 16 to "set" Reverse energize terminals 1 and 16 to "reset"
Diagram shows the "reset" position Energize terminals 1 and 16 to "set" Energize terminals 2 and 15 to "reset"
CHARACTERISTICS CURVE
MAXIMUM SWITCHING POWER
1000 V
AC Resistive Load
COIL TEMPERATURE RISE
+60
+50
Full
100V
+40
Load
DC Resistive Load
No
+30
Load
10V
+20
10m V
10uA 100mA 1A 10A
0
100 200 300 400 500 600 700 800
Contact Current
Coil Power (mW)
36


▲Up To Search▲   

 
Price & Availability of HFD2012SL2D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X