Part Number Hot Search : 
2SD868 473K1 J10025 4032K300 104S1RNZ B0400 CD5530B SH7206
Product Description
Full Text Search
 

To Download HFBR-5805T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HFBR-5805/5805T/5805A/5805AT ATM Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1 x 9 Package Style
Data Sheet
Features * Full compliance with ATM forum UNI SONET OC-3 multimode fiber physical layer specification * Multisourced 1 x 9 package style with choice of duplex SC or duplex ST* receptacle * Wave solder and aqueous wash process compatibility * Manufactured in an ISO 9002 certified facility * Single +3.3 V or +5.0 V power supply Applications * Multimode fiber ATM backbone links * Multimode fiber ATM wiring closet to desktop links Ordering Information The HFBR-5805/5805T/5805A/ 5805AT 1300 nm products are available for production orders through the Agilent Component Field Sales Offices and Authorized Distributors world wide. 0 C to +70 C HFBR-5805/5805T -10 C to +85 C HFBR-5805A/5805AT
*ST is a registered trademark of AT&T Lightguide Cable Connectors. Note: The "T" in the product numbers indicates a transceiver with a duplex ST connector receptacle. Product numbers without a "T" indicate transceivers with a duplex SC connector receptacle.
Description The HFBR-5800 family of transceivers from Agilent provide the system designer with products to implement a range of solutions for multimode fiber SONET OC-3 (SDH STM-1) physical layers for ATM and other services. The transceivers are all supplied in the industry standard 1 x 9 SIP package style with either a duplex SC or a duplex ST* connector interface. ATM 2 km Backbone Links The HFBR-5805/-5805T are 1300 nm products with optical performance compliant with the SONET STS-3c (OC-3) Physical Layer Interface Specification. This physical layer is defined in the ATM Forum User-Network Interface (UNI) Specification Version 3.0. This document references the ANSI T1E1.2 specification for the details of the interface for 2 km multimode fiber backbone links. The ATM 100 Mb/s-125 MBd Physical Layer interface is best implemented with the HFBR5803 family of Fast Ethernet and FDDI Transceivers which are specified for use in this 4B/5B encoded physical layer per the FDDI PMD standard.
Transmitter Sections The transmitter section of the HFBR-5803 and HFBR-5805 series utilize 1300 nm InGaAsP LEDs. These LEDs are packaged in the optical subassembly portion of the transmitter section. They are driven by a custom silicon IC which converts differential PECL logic signals, ECL referenced (shifted) to a +3.3 V or +5.0 V supply, into an analog LED drive current. Receiver Sections The receiver section of the HFBR-5803 and HFBR-5805 series utilize InGaAs PIN photodiodes coupled to a custom silicon transimpedance preamplifier IC. These are packaged in the optical subassembly portion of the receiver. These PIN/preamplifier combinations are coupled to a custom quantizer IC which provides the final pulse shaping for the logic output and the Signal Detect function. The data output is differential. The signal detect output is single-ended. Both data and signal detect outputs are PECL compatible, ECL referenced (shifted) to a 3.3 V or +5.0 V power supply.
Package The overall package concept for the Agilent transceivers consists of three basic elements; the two optical subassemblies, an electrical subassembly and the housing as illustrated in Figure 1 and Figure 1a. The package outline drawing and pin out are shown in Figures 2, 2a and 3. The details of this package outline and pin out are compliant with the multisource definition of the 1 x 9 SIP. The low profile of the Agilent transceiver design complies with the maximum height allowed for the duplex SC connector over the entire length of the package. The optical subassemblies utilize a high volume assembly process together with low cost lens elements which result in a cost effective building block. The electrical subassembly consists of a high volume multilayer printed circuit board on which the IC chips and various surface-mounted passive circuit elements are attached. The package includes internal shields for the electrical and optical subassemblies to ensure low EMI emissions and high immunity to external EMI fields.
The outer housing including the duplex SC connector or the duplex ST ports is molded of filled nonconductive plastic to provide mechanical strength and electrical isolation. The solder posts of the Agilent design are isolated from the circuit design of the transceiver and do not require connection to a ground plane on the circuit board.
The transceiver is attached to a printed circuit board with the nine signal pins and the two solder posts which exit the bottom of the housing. The two solder posts provide the primary mechanical strength to withstand the loads imposed on the transceiver by mating with duplex or simplex SC or ST connectored fiber cables.
ELECTRICAL SUBASSEMBLY DIFFERENTIAL DATA OUT SINGLE-ENDED SIGNAL DETECT OUT QUANTIZER IC PREAMP IC
DUPLEX SC RECEPTACLE PIN PHOTODIODE
OPTICAL SUBASSEMBLIES
DIFFERENTIAL DATA IN DRIVER IC
LED
TOP VIEW
Figure 1. SC Connector Block Diagram
ELECTRICAL SUBASSEMBLY DIFFERENTIAL DATA OUT SINGLE-ENDED SIGNAL DETECT OUT QUANTIZER IC PREAMP IC
DUPLEX ST RECEPTACLE PIN PHOTODIODE
OPTICAL SUBASSEMBLIES
DIFFERENTIAL DATA IN DRIVER IC
LED
TOP VIEW
Figure 1a. ST Connector Block Diagram.
2
Case Temperature Measurement Point
39.12 MAX. (1.540)
12.70 (0.500)
6.35 (0.250)
25.40 MAX. (1.000)
AREA RESERVED FOR PROCESS PLUG
12.70 (0.500)
HFBR-5805 DATE CODE (YYWW) SINGAPORE + 0.08 0.75 - 0.05 3.30 0.38 + 0.003 ) (0.030 (0.130 0.015) - 0.002 AGILENT
5.93 0.1 (0.233 0.004)
10.35 MAX. (0.407)
2.92 (0.115) O 0.46 (9x) (0.018) NOTE 1
18.52 (0.729) 4.14 (0.163
1.27 + 0.25 - 0.05 + 0.010 (0.050 ) - 0.002 NOTE 1
23.55 (0.927)
20.32 [8x(2.54/.100)] (0.800)
16.70 (0.657)
17.32 20.32 (0.682 (0.800)
23.32 (0.918)
0.87 (0.034)
23.24 (0.915)
15.88 (0.625)
NOTE 1: THE SOLDER POSTS AND ELECTRICAL PINS ARE PHOSPHOR BRONZE WITH TIN LEAD OVER NICKEL PLATING. DIMENSIONS ARE IN MILLIMETERS (INCHES).
Figure 2. Package Outline Drawing
3
Case Temperature Measurement Point
39.12 MAX. (1.540)
12.70 (0.500)
6.35 (0.250)
25.40 MAX. (1.000)
AREA RESERVED FOR PROCESS PLUG
12.70 (0.500)
HFBR-5805 DATE CODE (YYWW) SINGAPORE + 0.08 0.75 - 0.05 3.30 0.38 + 0.003 ) (0.030 (0.130 0.015) - 0.002 AGILENT
5.93 0.1 (0.233 0.004)
10.35 MAX. (0.407)
2.92 (0.115) O 0.46 (9x) (0.018) NOTE 1
18.52 (0.729) 4.14 (0.163
1.27 + 0.25 - 0.05 + 0.010 (0.050 ) - 0.002 NOTE 1
23.55 (0.927)
20.32 [8x(2.54/.100)] (0.800)
16.70 (0.657)
17.32 20.32 (0.682 (0.800)
23.32 (0.918)
0.87 (0.034)
23.24 (0.915)
15.88 (0.625)
NOTE 1: THE SOLDER POSTS AND ELECTRICAL PINS ARE PHOSPHOR BRONZE WITH TIN LEAD OVER NICKEL PLATING. DIMENSIONS ARE IN MILLIMETERS (INCHES).
Figure 2a. ST Package Outline Drawing
1 = VEE 2 = RD 3 = RD 4 = SD 5 = VCC 6 = VCC 7 = TD 8 = TD 9 = VEE TOP VIEW
Figure 3. Pin Out Diagram.
N/C Rx
Tx N/C
4
Application Information The Applications Engineering group in the Agilent Fiber Optics Communication Division is available to assist you with the technical understanding and design trade-offs associated with these transceivers. You can contact them through your Agilent sales representative. The following information is provided to answer some of the most common questions about the use of these parts. Transceiver Optical Power Budget versus Link Length Optical Power Budget (OPB) is the available optical power for a fiber optic link to accommodate fiber cable losses plus losses due to in-line connectors, splices, optical switches, and to provide margin for link aging and unplanned losses due to cable plant reconfiguration or repair. Figure 4 illustrates the predicted OPB associated with the transceiver series specified in this data sheet at the Beginning of Life (BOL). These curves
represent the attenuation and chromatic plus modal dispersion losses associated with the 62.5/125 m and 50/ 125 m fiber cables only. The area under the curves represents the remaining OPB at any link length, which is available for overcoming nonfiber cable related losses. Agilent LED technology has produced 1300 nm LED devices with lower aging characteristics than normally associated with these technologies in the industry. The industry convention is 1.5 dB aging for 1300 nm LEDs. The Agilent 1300 nm LEDs are specified to experience less than 1 dB of aging over normal commerical equipment mission life periods. Contact your Agilent sales representative for additional details. Figure 4 was generated for the 1300 nm transceivers with a Agilent fiber optic link model containing the current industry conventions for fiber cable specifications and the draft ANSI T1E1.2. These optical parameters are reflected in the
guaranteed performance of the transceiver specifications in this data sheet. This same model has been used extensively in the ANSI and IEEE committees, including the ANSI T1E1.2 committee, to establish the optical performance requirements for various fiber optic interface standards. The cable parameters used come from the ISO/IEC JTC1/SC 25/WG3 Generic Cabling for Customer Premises per DIS 11801 document and the EIA/TIA-568-A Commercial Building Telecommunications Cabling Standard per SP-2840.
12
HFBR-5805, 62.5/125 m
10
OPTICAL POWER BUDGET (dB)
8 6 4 2 1. 0
HFBR-5805 50/125 m
0
0.3 0.5
1.5
2.0
2.5
FIBER OPTIC CABLE LENGTH (km)
Figure 4. Optical Power Budget at BOL versus Fiber Optic Cable Length.
5
Transceiver Signaling Operating Rate Range and BER Performance For purposes of definition, the symbol (Baud) rate, also called signaling rate, is the reciprocal of the symbol time. Data rate (bits/sec) is the symbol rate divided by the encoding factor used to encode the data (symbols/bit). When used in 155 Mb/s SONET OC-3 applications the performance of the 1300 nm transceivers, HFBR-5805 is guaranteed to the full conditions listed in product specification tables.
2.5
The transceivers may be used for other applications at signaling rates different than 155 Mb/s with some variation in the link optical power budget. Figure 5 gives an indication of the typical performance of these products at different rates. These transceivers can also be used for applications which require different Bit Error Rate (BER) performance. Figure 6 illustrates the typical trade-off between link BER and the receivers input optical power level.
1 x 10-2
Transceiver Jitter Performance The Agilent 1300 nm transceivers are designed to operate per the system jitter allocations stated in Table B1 of Annex B of the draft ANSI T1E1.2 Revision 3 standard. The Agilent 1300 nm transmitters will tolerate the worst case input electrical jitter allowed in Annex B without violating the worst case output jitter requirements. The Agilent 1300 nm receivers will tolerate the worst case input optical jitter allowed in Annex B without violating the worst case output electrical jitter allowed. The jitter specifications stated in the following 1300 nm transceiver specification tables are derived from the values in Tables B1 of Annex B. They represent the worst case jitter contribution that the transceivers are allowed to make to the overall system jitter without violating the Annex B allocation example. In practice the typical contribution of the Agilent transceivers is well below these maximum allowed amounts.
TRANSCEIVER RELATIVE OPTICAL POWER BUDGET AT CONSTANT BER (dB)
2.0
1 x 10-3
1.5
BIT ERROR RATE
1 x 10-4 1 x 10-5 1 x 10-6 1 x 10-7 1 x 10-8 1 x 10-9 1 x 10-10 1 x 10-11 1 x 10-12
HFBR-5805 SERIES
1.0 0.5 0 0.5
CENTER OF SYMBOL
0
25
50
75
100
125
150
175 200
-6
-4
-2
0
2
4
SIGNAL RATE (MBd) CONDITIONS: 1. PRBS 27-1 2. DATA SAMPLED AT CENTER OF DATA SYMBOL. 3. BER = 10-6 4. TA = +25 C 5. VCC = 3.3 V to 5 V dc 6. INPUT OPTICAL RISE/FALL TIMES = 1.0/2.1 ns.
RELATIVE INPUT OPTICAL POWER - dB CONDITIONS: 1. 155 MBd 2. PRBS 27-1 3. CENTER OF SYMBOL SAMPLING 4. TA = +25C 5. VCC = 3.3 V to 5 V dc 6. INPUT OPTICAL RISE/FALL TIMES = 1.0/2.1 ns.
Figure 5. Transceiver Relative Optical Power Budget at Constant BER vs. Signaling Rate.
Figure 6. Bit Error Rate vs. Relative Receiver Input Optical Power.
6
Recommended Handling Precautions Agilent recommends that normal static precautions be taken in the handling and assembly of these transceivers to prevent damage which may be induced by electrostatic discharge (ESD). The HFBR-5800 series of transceivers meet MIL-STD883C Method 3015.4 Class 2 products. Care should be used to avoid shorting the receiver data or signal detect outputs directly to ground without proper current limiting impedance. Solder and Wash Process Compatibility The transceivers are delivered with protective process plugs inserted into the duplex SC or duplex ST connector receptacle. This process plug protects the optical subassemblies during wave solder and aqueous wash processing and acts as a dust cover during shipping. These transceivers are compatible with either industry standard wave or hand solder processes. Shipping Container The transceiver is packaged in a shipping container designed to protect it from mechanical and ESD damage during shipment or storage. Board Layout - Decoupling Circuit and Ground Planes It is important to take care in the layout of your circuit board to achieve optimum performance from these transceivers. Figure 7 provides a good example of a schematic for a power supply decoupling circuit that works well with these parts. It is further recommended that a contiguous ground plane be 7
provided in the circuit board directly under the transceiver to provide a low inductance ground for signal return current. This recommendation is in keeping with good high frequency board layout practices. Board Layout - Hole Pattern The Agilent transceiver complies with the circuit board
"Common Transceiver Footprint" hole pattern defined in the original multisource announcement which defined the 1 x 9 package style. This drawing is reproduced in Figure 8 with the addition of ANSI Y14.5M compliant dimensioning to be used as a guide in the mechanical layout of your circuit board.
Rx
Tx
;; ;; NO INTERNAL CONNECTION
HFBR-5805 TOP VIEW
;;; ;;; NO INTERNAL CONNECTION
;; ;;; ;; ;; ;;; ;; ;; ;; ;;; ;; ;;; ;; ;; ;;; ;; ;; ;; ;;;
C1 C2 VCC TERMINATION AT PHY DEVICE INPUTS L1 VCC R5 R7 C6 R6 R8 L2 R2 R1 C5 TERMINATION AT TRANSCEIVER INPUTS R3 R4
Rx VEE 1
RD 2
RD 3
SD 4
Rx VCC 5
Tx VCC 6
TD 7
TD 8
Tx VEE 9
C3 C4 VCC FILTER AT VCC PINS TRANSCEIVER R9 R10
;; ;;; ;; ;; ;;; ;; ;; ;;; ;; RD RD SD
;; ;; ;; V
CC
;; ;; ;; TD
;; ;; ;; TD
NOTES: THE SPLIT-LOAD TERMINATIONS FOR ECL SIGNALS NEED TO BE LOCATED AT THE INPUT OF DEVICES RECEIVING THOSE ECL SIGNALS. RECOMMEND 4-LAYER PRINTED CIRCUIT BOARD WITH 50 OHM MICROSTRIP SIGNAL PATHS BE USED. R1 = R4 = R6 = R8 = R10 = 130 OHMS FOR +5.0 V OPERATION, 82 OHMS FOR +3.3 V OPERATION. R2 = R3 = R5 = R7 = R9 = 82 OHMS FOR +5.0 V OPERATION, 130 OHMS FOR +3.3 V OPERATION. C1 = C2 = C3 = C5 = C6 = 0.1 F. C4 = 10 F. L1 = L2 = 1 H COIL OR FERRITE INDUCTOR.
Figure 7. Recommended Decoupling and Termination Circuits
Board Layout - Art Work The Applications Engineering group has developed Gerber file artwork for a multilayer printed circuit board layout incorporating the recommendations above. Contact your local Agilent sales representative for details. Board Layout - Mechanical For applications interested in providing a choice of either a duplex SC or a duplex ST connector interface, while utilizing the same pinout on the printed circuit board, the ST port needs to protrude from the chassis panel a minimum of 9.53 mm for sufficient clearance to install the ST connector. Please refer to Figure 8a for a mechanical layout detailing the recommended location of the duplex SC and duplex ST transceiver packages in relation to the chassis panel.
9.53 (NOTE 1)
12.0 0.51
12.09
;; ;; ;; ;; ;; ;; ;; ;; ;; ;; ;; ;; ;; ;; ;; ;; ;;
42.0
24.8
25.4
11.1 6.79 0.75
39.12
25.4
;; ;; ;; ;; NOTE 1: MINIMUM DISTANCE FROM FRONT ;; OF CONNECTOR TO THE PANEL FACE. ;; ;; Figure 8a. Recommended Common Mechanical Layout for SC and ST 1 x 9 Connectored
Transceivers.
20.32 (0.800)
2 x O 1.9 0.1 (0.075 0.004)
20.32 (0.800)
9 x O 0.8 0.1 (0.032 0.004)
2.54 (0.100)
TOP VIEW DIMENSIONS ARE IN MILLIMETERS (INCHES)
Figure 8. Recommended Board Layout Hole Pattern
8
Regulatory Compliance These transceiver products are intended to enable commercial system designers to develop equipment that complies with the various international regulations governing certification of Information Technology Equipment. See the Regulatory Compliance Table for details. Additional information is available from your Agilent sales representative. Electrostatic Discharge (ESD) There are two design cases in which immunity to ESD damage is important. The first case is during handling of the transceiver prior to mounting it on the circuit board. It is important to use normal ESD handling precautions for ESD sensitive devices. These precautions include using grounded wrist straps, work benches, and floor mats in ESD controlled areas.
The second case to consider is static discharges to the exterior of the equipment chassis containing the transceiver parts. To the extent that the duplex SC connector is exposed to the outside of the equipment chassis it may be subject to whatever ESD system level test criteria that the equipment is intended to meet. Electromagnetic Interference (EMI) Most equipment designs utilizing these high speed transceivers from Agilent will be required to meet the requirements of FCC in the United States, CENELEC EN55022 (CISPR 22) in Europe and VCCI in Japan. These products are suitable for use in designs ranging from a desktop computer with a single transceiver to a concentrator or switch product with large number of transceivers. In all well-designed chassis, the two 0.5" holes required for ST connectors to protrude
through will provide 4.6 dB more shielding than one 1.2" duplex SC rectangular cutout. Thus, in a well-designed chassis, the duplex ST 1 x 9 transceiver emissions will be identical to the duplex SC 1 x 9 transceiver emissions.
200 3.0 1.0 160
Dl - TRANSMITTER OUTPUT OPTICAL SPECTRAL WIDTH (FWHM) - nm
180
1.5
140
2.0 2.5 3.0 tr/f - TRANSMITTER OUTPUT OPTICAL RISE/FALL TIMES - ns
120
100 1260
1280
1300
1320
1340
1360
lC - TRANSMITTER OUTPUT OPTICAL RISE/ FALL TIMES - ns HFBR-5805 TRANSMITTER TEST RESULTS OF lC, Dl AND tr/f ARE CORRELATED AND COMPLY WITH THE ALLOWED SPECTRAL WIDTH AS A FUNCTION OF CENTER WAVELENGTH FOR VARIOUS RISE AND FALL TIMES.
Figure 9. Transmitter Output Optical Spectral Width (FWHM) vs. Transmitter Output Optical Center Wavelength and Rise/Fall Times.
Regulatory Compliance Table
Feature Test Method Performance
Meets Class 1 (<1999 Volts). Withstand up to 1500 V applied between electrical pins. Typically withstand at least 25 kV without damage when the Duplex SC Connector Receptacle is contacted by a Human Body Model probe. Transceivers typically provide a 13 dB margin (with duplex SC receptacle) or a 9 dB margin (with duplex ST receptacles) to the noted standard limits when tested at a certified test range with the transceiver mounted to a circuit card without a chassis enclosure. Typically show no measurable effect from a 10 V/m field swept from 10 to 450 MHz applied to the transceiver when mounted to a circuit card without a chassis enclosure. Electrostatic Discharge (ESD) to MIL-STD-883C the Electrical Pins Method 3015.4 Electrostatic Discharge (ESD) to Variation of the Duplex SC Receptacle Electromagnetic Interference (EMI) IEC 801-2 FCC Class B CENELEC CEN55022 Class B (CISPR 22B) Immunity VCCI Class 2 Variation of IEC 801-3
9
Immunity Equipment utilizing these transceivers will be subject to radio-frequency electromagnetic fields in some environments. These transceivers have a high immunity to such fields. For additional information regarding EMI, susceptibility, ESD and conducted noise testing procedures and results on the 1 x 9 Transceiver family, please refer to Applications Note 1075, Testing and Measuring Electromagnetic Compatibility Performance of the HFBR510X/-520X Fiber Optic Transceivers.
Transceiver Reliability and Performance Qualification Data
RELATIVE INPUT OPTICAL POWER (dB)
5
The 1 x 9 transceivers have passed Agilent reliability and performance qualification testing and are undergoing ongoing quality monitoring. Details are available from your Agilent sales representative. These transceivers are manufactured at the Agilent Singapore location which is an ISO 9002 certified facility. Ordering Information The HFBR-5805/-5805T 1300 nm products are available for production orders through the Agilent Component Field Sales Offices and Authorized Distributors world wide.
4
3 HFBR-5805 SERIES 2
1
0 -3 -2 -1 0 1 2 3
EYE SAMPLING TIME POSITION (ns) CONDITIONS: 1. TA = +25 C 2. VCC = 3.3 V to 5 V dc 3. INPUT OPTICAL RISE/FALL TIMES = 1.0/2.1 ns. 4. INPUT OPTICAL POWER IS NORMALIZED TO CENTER OF DATA SYMBOL. 5. NOTE 16 AND 17 APPLY.
Figure 10. Relative Input Optical Power vs. Eye Sampling Time Position.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause catastrophic damage to the device. Limits apply to each parameter in isolation, all other parameters having values within the recommended operating conditions. It should not be assumed that limiting values of more than one parameter can be applied to the product at the same time. Exposure to the absolute maximum ratings for extended periods can adversely affect device reliability.
Parameter
Storage Temperature Lead Soldering Temperature Lead Soldering Time Supply Voltage Data Input Voltage Differential Input Voltage Output Current
Symbol
TS TSOLD tSOLD VCC VI VD IO
Min.
-40
Typ.
Max.
+100 +260 10
Unit
C C sec. V V V mA
Reference
-0.5 -0.5
7.0 VCC 1.4 50
Note 1
10
Recommended Operating Conditions Parameter
Ambient Operating Temperature HFBR-5805/5805T HFBR-5805A/5805AT Supply Voltage Data Input Voltage - Low Data Input Voltage - High Data and Signal Detect Output Load
Symbol
TA TA VCC VCC VIL - VCC VIH - VCC RL
Min.
0 -10 3.135 4.75 -1.810 -1.165
Typ.
Max.
+70 +85 3.5 5.25 -1.475 -0.880
Unit
C C V V V V W
Reference
Note A Note B
50
Note 2
Notes: A. Ambient Operating Temperature corresponds to transceiver case temperature of 0C mininum to +85 C maximum with necessary airflow applied. Recommended case temperature measurement point can be found in Figure 2. B. Ambient Operating Temperature corresponds to transceiver case temperature of -10 C mininum to +100 C maximum with necessary airflow applied. Recommended case temperature measurement point can be found in Figure 2.
Transmitter Electrical Characteristics (HFBR-5805/5805T: TA = 0C to +70C, VCC = 3.135 V to 3.5 V or 4.75 V to 5.25 V) (HFBR-5805A/5805AT: TA = -10C to +85C, VCC = 3.135 V to 3.5 V or 4.75 V to 5.25 V)
Parameter
Supply Current Power Dissipation at VCC = 3.3 V at VCC = 5.0 V Data Input Current - Low Data Input Current - High
Symbol
ICC PDISS PDISS IIL IIH
Min.
Typ.
135 0.45 0.67
Max.
175 0.6 0.9
Unit
mA W W A
Reference
Note 3
-350
-2 18 350
A
Receiver Electrical Characteristics (HFBR-5805/5805T: TA = 0C to +70C, VCC = 3.135 V to 3.5 V or 4.75 V to 5.25 V) (HFBR-5805A/5805AT: TA = -10C to +85C, VCC = 3.135 V to 3.5 V or 4.75 V to 5.25 V
Parameter
Supply Current Power Dissipation at VCC = 3.3 V at VCC = 5.0 V Data Output Voltage - Low Data Output Voltage - High Data Output Rise Time Data Output Fall Time Signal Detect Output Voltage - Low Signal Detect Output Voltage - High Signal Detect Output Rise Time Signal Detect Output Fall Time
Symbol
ICC PDISS PDISS VOL - VCC VOH - VCC tr tf VOL - VCC VOH - VCC tr tf
Min.
Typ.
87 0.15 0.3
Max.
120 0.25 0.45 -1.620 -0.880 2.2 2.2 -1.620 -0.880 2.2 2.2
Unit
mA W W V V ns ns V V ns ns
Reference
Note 4 Note 5
-1.840 -1.045 0.35 0.35 -1.840 -1.045 0.35 0.35
Note 6 Note 6 Note 7 Note 7 Note 6 Note 6 Note 7 Note 7
11
Transmitter Optical Characteristics (HFBR-5805/5805T: TA = 0C to +70C, VCC = 3.135 V to 3.5 V or 4.75 V to 5.25 V) (HFBR-5805A/5805AT: TA = -10C to +85C, VCC = 3.135 V to 3.5 V or 4.75 V to 5.25 V)
Parameter
Output Optical Power 62.5/125 m, NA = 0.275 Fiber Output Optical Power 50/125 m, NA = 0.20 Fiber Optical Extinction Ratio Output Optical Power at Logic "0" State Center Wavelength Spectral Width - FWHM Optical Rise Time Optical Fall Time Systematic Jitter Contributed by the Transmitter Random Jitter Contributed by the Transmitter RJ 0.69 ns p-p Note 13 lC Dl tr tf SJ 0.6 0.6 1270 1310 137 1.9 1.6 3.0 3.0 1.2 1380 nm nm ns ns ns p-p Note 22 Note 22 Note 11, 22 Figure 9 Note 11, 22 Figure 9 Note 12 PO ("0") BOL EOL BOL EOL
Symbol
PO PO
Min.
-19 -20 -22.5 -23.5
Typ.
Max.
-14 -14
Unit
dBm avg. dBm avg. % dBm avg.
Reference
Note 8 Note 8 Note 9 Note 10
0.05
0.2 -45
Receiver Optical and Electrical Characteristics (HFBR-5805/5805T: TA = 0C to +70C, VCC = 3.135 V to 3.5 V or 4.75 V to 5.25 V) (HFBR-5805A/5805AT: TA = -10C to +85C, VCC = 3.135 V to 3.5 V or 4.75 V to 5.25 V)
Parameter
Input Optical Power Minimum at Window Edge Input Optical Power Minimum at Eye Center Input Optical Power Maximum Operating Wavelength Systematic Jitter Contributed by the Receiver Random Jitter Contributed by the Receiver Signal Detect - Asserted Signal Detect - Deasserted Signal Detect - Hysteresis Signal Detect Assert Time (off to on) Signal Detect Deassert Time (on to off)
Symbol
PIN Min. (W) PIN Min. (C) PIN Max. l SJ RJ PA PD PA - PD
Min.
Typ.
-34 -35
Max.
-30 -31
Unit
dBm avg. dBm avg. dBm avg.
Reference
Note 14 Figure 10 Note 15 Figure 10 Note 14
-14 1270 1380 1.2 1.91 PD +1.5 dB -45 1.5 0 0 2 8 100 350 -31
nm ns p-p ns p-p dBm avg. dBm avg. dB s s Note 20 Note 21 Note 16 Note 17 Note 18 Note 19
Notes: 1. This is the maximum voltage that can be applied across the Differential Transmitter Data Inputs to prevent damage to the input ESD protection circuit. 2. The outputs are terminated with 50 W connected to VCC -2 V. 3. The power supply current needed to operate the transmitter is provided to differential ECL circuitry. This circuitry maintains a nearly constant current flow from the power supply. Constant current operation helps to prevent unwanted electrical noise from being generated and conducted or emitted to neighboring circuitry. 4. This value is measured with the outputs terminated into 50 W connected to VCC - 2 V and an Input Optical Power level of -14 dBm average. 5. The power dissipation value is the power dissipated in the receiver itself. Power dissipation is calculated as the sum of the products of supply voltage and currents, minus the sum of the products of the output voltages and currents. 6. This value is measured with respect to VCC with the output terminated into 50 W connected to VCC - 2 V. 7. The output rise and fall times are measured between 20% and 80% levels with the output connected to VCC -2 V through 50 W. 8. These optical power values are measured with the following conditions:
square-wave) input signal, the average optical power is measured. The data "1" peak power is then calculated by adding 3 dB to the measured average optical power. The data "0" output optical power is found by measuring the optical power when the transmitter is driven by a logic "0" input. The extinction ratio is the ratio of the optical power at the "0" level compared to the optical power at the "1" level expressed as a percentage or in decibels. 10. The transmitter will provide this low level of Output Optical Power when driven by a logic "0" input. This can be useful in link troubleshooting. 11. The relationship between Full Width Half Maximum and RMS values for Spectral Width is derived from the assumption of a Gaussian shaped spectrum which results in a 2.35 X RMS = FWHM relationship. The optical rise and fall times are measured from 10% to 90% when the transmitter is driven by a 25 MBd (12.5 MHz square-wave) input signal. The ANSI T1E1.2 committee has designated the possibility of defining an eye pattern mask for the transmitter optical output as an item for further study. Agilent will incorporate this requirement into the specifications for these products if it is defined. The HFBR-5805 products typically comply with the template requirements of CCITT (now ITU-T) G.957 Section 3.2.5, Figure 2 for the STM-1 rate, excluding the optical receiver filter normally associated with single mode fiber measurements which is the likely source for the ANSI T1E1.2 committee to follow in this matter. 12. Systematic Jitter contributed by the transmitter is defined as the combination of Duty Cycle Distortion and Data Dependent Jitter. Systematic Jitter is measured at 50% threshold using a 155.52 MBd (77.5 MHz square-wave), 27 -1 psuedo random data pattern input signal. 13. Random Jitter contributed by the transmitter is specified with a 155.52 MBd (77.5 MHz square-wave) input signal. 14. This specification is intended to indicate the performance of the receiver section of the transceiver when Input Optical Power signal characteristics are present per the following definitions. The Input Optical Power dynamic range from the minimum level (with a window time-width) to the maximum level is the range over which the receiver is guaranteed to provide output data with a Bit Error Ratio (BER) better than or equal to 1 x 10-10.
* * *
At the Beginning of Life (BOL) Over the specified operating temperature and voltage ranges Input is a 155.52 MBd, 223 - 1 PRBS data pattern with 72 "1"s and 72 "0"s inserted per the CCITT (now ITU-T) recommendation G.958 Appendix I. Receiver data window time-width is 1.23 ns or greater for the clock recovery circuit to operate in. The actual test data window time-width is set to simulate the effect of worst case optical input jitter based on the transmitter jitter values from the specification tables. The test window time-width is HFBR-5805 3.32 ns. Transmitter operating with a 155.52 MBd, 77.5 MHz square-wave, input signal to simulate any cross-talk present between the transmitter and receiver sections of the transceiver.
*
*
15. All conditions of Note 14 apply except that the measurement is made at the center of the symbol with no window time-width. 16. Systematic Jitter contributed by the receiver is defined as the combination of Duty Cycle Distortion and Data Dependent Jitter. Systematic Jitter is measured at 50% threshold using a 155.52 MBd (77.5 MHz square-wave), 27 - 1 psuedo random data pattern input signal. 17. Random Jitter contributed by the receiver is specified with a 155.52 MBd (77.5 MHz square-wave) input signal. 18. This value is measured during the transition from low to high levels of input optical power. 19. This value is measured during the transition from high to low levels of input optical power. 20. The Signal Detect output shall be asserted within 100 s after a step increase of the Input Optical Power. 21. Signal detect output shall be de-asserted within 350 s after a step decrease in the Input Optical Power. 22. The HFBR-5805 transceiver complies with the requirements for the trade-offs between center wavelength, spectral width, and rise/ fall times shown in Figure 9. This figure is derived from the FDDI PMD standard (ISO/ IEC 9314-3 : 1990 and ANSI X3.166 - 1990) per the description in ANSI T1E1.2 Revision 3. The interpretation of this figure is that values of Center Wavelength and Spectral Width must lie along the appropriate Optical Rise/Fall Time curve.
*
The Beginning of Life (BOL) to the End of Life (EOL) optical power degradation is typically 1.5 dB per the industry convention for long wavelength LEDs. The actual degradation observed in Agilent's 1300 nm LED products is < 1 dB, as specified in this data sheet. Over the specified operating voltage and temperature ranges. With 25 MBd (12.5 MHz square-wave), input signal. At the end of one meter of noted optical fiber with cladding modes removed.
* * *
The average power value can be converted to a peak power value by adding 3 dB. Higher output optical power transmitters are available on special request. 9. The Extinction Ratio is a measure of the modulation depth of the optical signal. The data "0" output optical power is compared to the data "1" peak output optical power and expressed as a percentage. With the transmitter driven by a 25 MBd (12.5 MHz
www.agilent.com/ semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (408) 654-8675 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152(Domestic/Inter national), or 0120-61-1280(Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2003 Agilent Technologies, Inc. Obsoletes: 5988-9314EN March 1, 2005 5989-2605EN


▲Up To Search▲   

 
Price & Availability of HFBR-5805T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X