Part Number Hot Search : 
SIM508C NJU26101 E0310 RATION 58004 G530167 GZF24C LHLA4
Product Description
Full Text Search
 

To Download HFB50PA60C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD -2.337 rev. C 05/01
HFA50PA60C
HEXFRED
Features
* * * * * Ultrafast Recovery Ultrasoft Recovery Very Low IRRM Very Low Qrr Specified at Operating Conditions
TM
Ultrafast, Soft Recovery Diode
2
VR = 600V VF(typ.)* = 1.3V IF(AV) = 25A Qrr (typ.)= 112nC IRRM(typ.) = 4.5A trr(typ.) = 23ns
Benefits
* Reduced RFI and EMI * Reduced Power Loss in Diode and Switching Transistor * Higher Frequency Operation * Reduced Snubbing * Reduced Parts Count
1
3
di(rec)M/dt (typ.)* = 160A/s
Description
International Rectifier's HFA50PA60C is a state of the art center tap ultra fast recovery diode. Employing the latest in epitaxial construction and advanced processing techniques it features a superb combination of characteristics which result in performance which is unsurpassed by any rectifier previously available. With basic ratings of 600 volts and 25 amps per Leg continuous current, the HFA50PA60C is especially well suited for use as the companion diode for IGBTs and MOSFETs. In addition to ultra fast recovery time, the HEXFRED product line features extremely low values of peak recovery current (IRRM) and does not exhibit any tendency to "snap-off" during the tb portion of recovery. The HEXFRED features combine to offer designers a rectifier with lower noise and significantly lower switching losses in both the diode and the switching transistor. These HEXFRED advantages can help to significantly reduce snubbing, component count and heatsink sizes. The HEXFRED HFA50PA60C is ideally suited for applications in power supplies and power conversion systems (such as inverters), motor drives, and many other similar applications where high speed, high efficiency is needed.
TO-247AC
Absolute Maximum Ratings (per Leg)
Parameter
VR IF @ TC = 25C IF @ TC = 100C IFSM IFRM PD @ TC = 25C PD @ TC = 100C TJ TSTG Cathode-to-Anode Voltage Continuous Forward Current Continuous Forward Current Single Pulse Forward Current Maximum Repetitive Forward Current Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range
Max.
600 25 225 100 150 60 -55 to +150
Units
V A
W C
* 125C
www.irf.com
1
HFA50PA60C
Bulletin PD-2.337 rev. C 05/01
Electrical Characteristics (per Leg) @ TJ = 25C (unless otherwise specified)
Parameter
VBR VFM IRM CT LS Cathode Anode Breakdown Voltage Max Forward Voltage Max Reverse Leakage Current Junction Capacitance Series Inductance
Min. Typ. Max. Units
600 --- --- --- --- --- --- --- --- --- 1.3 1.7 1.5 2.0 1.3 1.7 1.5 20 600 2000 55 100 12 --- V V A pF nH
Test Conditions
IR = 100A IF = 25A See Fig. 1 IF = 50A IF = 25A, TJ = 125C See Fig. 2 VR = VR Rated TJ = 125C, VR = 0.8 x VR RatedD Rated See Fig. 3 VR = 200V Measured lead to lead 5mm from package body
Dynamic Recovery Characteristics @ TJ = 25C (unless otherwise specified)
Parameter
trr trr1 trr2 IRRM1 IRRM2 Qrr1 Qrr2 di(rec)M/dt1 di(rec)M/dt2 Reverse Recovery Time See Fig. 5, 10 Peak Recovery Current See Fig. 6 Reverse Recovery Charge See Fig. 7 Peak Rate of Fall of Recovery Current During tb See Fig. 8
Min Typ Max Units
--- --- --- --- --- --- --- --- --- 23 --- 50 75 ns 105 160 4.5 10 A 8.0 15 112 375 nC 420 1200 250 --- A/s 160 ---
Test Conditions
IF = 1.0A, dif/dt = 200A/s, VR = 30V TJ = 25C TJ = 125C IF = 25A TJ = 25C TJ = 125C VR = 200V TJ = 25C TJ = 125C dif/dt = 200A/s TJ = 25C TJ = 125C
Thermal - Mechanical Characteristics
Parameter
Tlead! RthJC RthJA" RthCS# Wt Lead Temperature Junction-to-Case, Single Leg Conducting Junction-to-Case, Both Legs Conducting Thermal Resistance, Junction to Ambient Thermal Resistance, Case to Heat Sink Weight Mounting Torque
Min
---- ---- ---- ---- ---- ---- ---- 6.0 5.0
Typ
---- ---- ---- ---- 0.25 6.0 0.21 ---- ----
Max
300 0.83 0.42 40 ---- ---- ---- 12 10
Units
C K/W g (oz) Kg-cm lbf*in
! 0.063 in. from Case (1.6mm) for 10 sec "$Typical Socket Mount # Mounting Surface, Flat, Smooth and Greased
2
www.irf.com
HFA50PA60C
Bulletin PD-2.337 rev. C 05/01
100
10000
Reverse Current - IR (A)
1000 100 10 1 0.1 0.01 0
T = 150C J TJ = 125C
Instantaneous Forward Current - IF (A)
TJ = 150C TJ = 125C T = 25C
10 J
TJ = 25C
200 400 600
Reverse Voltage - V R (V)
Fig. 2 - Typical Reverse Current vs. Reverse Voltage, (per Leg)
1000
A
Junction Capacitance -CT (pF)
T = 25C J
100
1 0.6
1.0
1.4
1.8
2.2
2.6
Forward Voltage Drop - V FM (V)
Fig. 1 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current, (per Leg)
10 1 10 100 1000
Reverse Voltage - V R (V)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage, (per Leg)
1
Thermal Response (Z thJC )
D = 0.50
0.20 0.10 0.05 0.02 0.01 PDM t1 SINGLE PULSE (THERMAL RESPONSE) t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.001 0.01 0.1 1
0.1
0.01 0.00001
0.0001
t1 , Rectangular Pulse Duration (sec)
Fig. 4 - Maximum Thermal Impedance Zthjc Characteristics, (per Leg)
www.irf.com
3
HFA50PA60C
Bulletin PD-2.337 rev. C 05/01
140 30 VR = 200V TJ = 125C TJ = 25C 25
120
I F = 50A I F = 25A I F = 10A
I F = 50A
20
100
I F = 25A I F = 10A
trr- (ns)
Irr- ( A)
VR = 200V TJ = 125C TJ = 25C 1000
80
15
60 10 40
20
5
0 100
di f /dt - (A/s)
0 100
di f /dt - (A/s)
1000
Fig. 5 - Typical Reverse Recovery Time vs. dif/dt, (per Leg)
1400 VR = 200V TJ = 125C TJ = 25C
Fig. 6 - Typical Recovery Current vs. dif/dt, (per Leg)
10000 VR = 200V TJ = 125C TJ = 25C
1200
1000
I F = 50A I F = 25A I F = 10A I F = 50A
di (rec) M/dt- (A /s)
I F = 25A I F = 10A
1000
800
Qrr- (nC)
600
400
200
0 100
di f /dt - (A/s)
1000
100 100
di f /dt - (A/s)
1000
Fig. 7 - Typical Stored Charge vs. dif/dt, (per Leg)
Fig. 8 - Typical di(rec)M/dt vs. dif/dt, (per Leg)
4
www.irf.com
HFA50PA60C
Bulletin PD-2.337 rev. C 05/01
3
IF
trr ta tb
4
REVERSE RECOVERY CIRCUIT
VR = 200V
0
Q rr
2
I RRM
0.5 I RRM di(rec)M/dt
5
0.01 L = 70H D.U.T. dif/dt ADJUST D G IRFP250 S
1
0.75 I RRM di f /dt
4. Qrr - Area under curve defined by trr and IRRM trr X IRRM Qrr = 2 5. di(rec)M/dt - Peak rate of change of current during tb portion of trr
1. dif/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
Fig. 9 - Reverse Recovery Parameter Test Circuit
Fig. 10 - Reverse Recovery Waveform and Definitions
Ordering Information Table
Device Code
HF
1
A
2
50
3
PA
4
60
5
C
6
1 2 3 4 5 6
-
Hexfred Family Process Designator Current Rating Package Outline Voltage Rating Configuration A B = subs. elec. irrad. = subs. Platinum
(50 = 50A) (PA = TO-247, 3 pins) (60 = 600V) (C = Center Tap Common Cathode)
www.irf.com
5
HFA50PA60C
Bulletin PD-2.337 rev. C 05/01
Outline Table
15 .90 (0 .626 ) 15 .30 (0 .602 ) 5. 70 (0 .22 5) 5.30 ( 0.208) 20 .30 (0 .800 ) 19 .70 (0 .775 ) 5.50 ( 0.217) 4. 50 (0 .17 7) 1 2 3 (2 PLCS.) 3. 65 (0 .14 4) 3. 55 (0 .13 9)
DIA.
5. 30 (0 .20 9) 4.70 ( 0.185) 2.5 ( 0.098)
1.5 ( 0.059)
2
14. 80 ( 0.583)
14 .20 (0 .559 )
4. 30 (0 .17 0) 3. 70 (0 .14 5) 2. 20 (0 .08 7)
1
2. 40 (0 .09 5) MAX. 0.80 ( 0.032) 0. 40 (0 .21 3)
3
1. 40 (0 .05 6)
M AX.
1. 00 (0 .03 9) 10. 94 ( 0.430) 10 .86 (0 .427 )
Conforms to JEDEC Outline TO-247AC Dimensions in millimeters and inches
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 05/01
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of HFB50PA60C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X