Part Number Hot Search : 
PS12800 2415DA UR860 33899 120N102 AN4233 RT9227A ECCM1
Product Description
Full Text Search
 

To Download HFA135NH40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -2.465 rev. B 03/99
HFA135NH40
HEXFRED
Features
Reduced RFI and EMI Reduced Snubbing Extensive Characterization of Recovery Parameters
TM
Ultrafast, Soft Recovery Diode
LUG TERMINAL ANODE
a
d
BASE CATHODE
V R = 400V VF(typ.) = 1V IF(AV) = 135A Qrr (typ.) = 290nC IRRM(typ.) = 7.5A trr(typ.) = 50ns di(rec)M/dt (typ.)= 270A/s
Description
HEXFRED diodes are optimized to reduce losses and EMI/RFI in high frequency power conditioning systems. An extensive characterization of the recovery behavior for different values of current, temperature and di/dt simplifies the calculations of losses in the operating conditions. The softness of the recovery eliminates the need for a snubber in most applications. These devices are ideally suited for power converters, motors drives and other applications where switching losses are significant portion of the total losses.
TM
HALF-PAK
Absolute Maximum Ratings (per Leg)
Parameter
VR IF @ TC = 25C IF @ TC = 100C IFSM EAS PD @ TC = 25C PD @ TC = 100C TJ TSTG Cathode-to-Anode Voltage Continuous Forward Current Continuous Forward Current Single Pulse Forward Current Non-Repetitive Avalanche Energy Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range
Max.
400 244 122 900 1.4 460 185 -55 to +150
Units
V A mJ W C
Thermal - Mechanical Characteristics
Parameter
RthJC RthCS Wt Junction-to-Case Case-to-Sink, Flat, Greased Surface Weight Mounting Torque Terminal Torque Vertical Pull 2 inch Lever Pull
Min.
15 (1.7) 30 (3.4)
Typ.
0.15 26 (0.9)
Max.
0.27 25 (2.8) 40 (4.6) 35 35
Units
C/W K/W g (oz) lbfin (Nm) lbfin
Note: Limited by junction temperature L = 100H, duty cycle limited by max TJ 125C
Mounting surface must be smooth, flat, free or burrs or other protrusions. Apply a thin even film or thermal grease to mounting surface. Gradually tighten each mounting bolt in 5-10 lbfin steps until desired or maximum torque limits are reached. Module
1
PD-2.465 rev. B 03/99
HFA135NH40
Parameter
VBR V FM Cathode Anode Breakdown Voltage Max Forward Voltage See Fig. 1 IRM CT LS Max Reverse Leakage Current See Fig. 2 Junction Capacitance Series Inductance See Fig. 3
Electrical Characteristics (per Leg) @ TJ = 25C (unless otherwise specified)
Min. Typ. Max. Units
400 1.1 1.4 1.0 1.5 2.3 280 6.0 1.3 1.6 1.2 9.0 12 380 V V A mA pF nH
Test Conditions
IR = 100A IF = 135A IF = 270A IF = 135A, T J = 125C VR = VR Rated TJ = 125C, VR = 320V VR = 200V From top of terminal hole to mounting plane
Dynamic Recovery Characteristics (per Leg) @ TJ = 25C (unless otherwise specified)
Parameter
trr trr1 trr2 IRRM1 IRRM2 Qrr1 Qrr2 di(rec)M /dt1 di(rec)M /dt2 Reverse Recovery Time See Fig. 5 Peak Recovery Current See Fig. 6 Reverse Recovery Charge See Fig. 7 Peak Rate of Fall of Recovery Current During tb See Fig. 8
Min. Typ. Max. Units
Test Conditions
50 IF = 1.0A, dif /dt = 200A/s, VR = 30V 77 120 ns TJ = 25C 290 440 TJ = 125C IF = 135A 7.5 14 TJ = 25C A 16 30 TJ = 125C VR = 200V 290 780 TJ = 25C nC 2300 6300 TJ = 125C dif /dt = 200A/s 320 TJ = 25C A/s 270 TJ = 125C
1/4-20 UNC-2B
30.40 (1.197) 29.90 (1.177)
19.69 (0.775) 18.42 (0.725) 4.11 (0.162) 3.86 (0.152) 12.83 (0.505) DIA. 12.57 (0.495)
4.11 (0.162) DIA. 3.86 (0.152) 19.18 (0.755) SQ. 18.92 (0.745) 1
LEAD ASSIGNMENTS 1 - ANODE 2 - CATHODE
14.10 (0.555) 13.59 (0.535)
15.75 (0.620) 14.99 (0.590)
HALF-PAK
Dimensions in millimeters and inche
2
39.62 (1.560) 38.61 (1.520)
3.30 (0.130) 3.05 (0.120)
2
HFA135NH40
PD-2.465 rev. B 03/99
1000
100000
Reverse Current - I R (A)
10000 1000 100 10 1 0.1 0
TJ = 150C TJ = 125C
Instantaneous Forward Current - IF (A)
100
TJ = 150C TJ = 125C TJ = 25C
TJ = 25C
100
200
300
400
Junction Capacitance - C T (pF)
10
Fig. 2 - Typical Reverse Current vs. Reverse Voltage
10000
Reverse Voltage - VR (V)
A
T = 25C J
1000
1 0.4
0.8
1.2
1.6
2.0
Forward Voltage Drop - V FM (V)
Fig. 1 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
100 1 10 100 1000
Reverse Voltage - VR (V)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
1
Thermal Impedance - Z thJC (K/W)
0.1
D = 0.50 D = 0.33 D = 0.25 D = 0.17
D = 0.08
P DM
t1 t2 Notes: 1. Duty factor D = t / t 12 2. Peak TJ = PDM x Z thJC + TC
0.01 0.1 1 10 100
0.01
Single Pulse (Thermal Resistance)
0.001 0.00001
0.0001
0.001
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
3
t 1, Rectangular Pulse Duration (Seconds)
PD-2.465 rev. B 03/99
500
HFA135NH40
100
VR = 200V TJ = 125C TJ = 25C
400
VR = 200V TJ = 125C TJ = 25C IF = 200A IF = 135A
t rr - (ns)
300
I IRRM - (A)
I F = 50A
10
200
IF = 200A I F =135A
100
I F = 50A
0 100
di f /dt - (A/s)
1000
1 100
di f /dt - (A/s)
1000
Fig. 5 - Typical Reverse Recovery vs. dif/dt
6000
Fig. 6 - Typical Recovery Current vs. dif/dt
10000
VR = 200V TJ = 125C TJ = 25C I F = 200A
4000
VR = 200V TJ = 125C TJ = 25C
I F = 135A IF = 50A
di(rec)M/dt - (A/s)
Q RR - (nC)
1000
I F = 135A IF = 50A IF = 200A
2000
0 100
di f /dt - (A/s)
1000
100 100
di f /dt - (A/s)
1000
Fig. 7 - Typical Stored Charge vs. dif/dt
Fig. 8 - Typical di(rec)M/dt vs. dif/dt
4
HFA135NH40
PD-2.465 rev. B 03/99
3
IF
trr ta tb
4
REVERSE RECOVERY CIRCUIT
VR = 200V
0 Q rr I RRM
2
0.5 I RRM di(rec)M/dt
5
0.01 L = 70H D.U.T. D IRFP250 S
1
0.75 I RRM di f /dt
4. Qrr - Area under curve defined by trr and IRRM trr X IRRM Qrr = 2 5. di(rec)M/dt - Peak rate of change of current during tb portion of trr
dif/dt ADJUST G
1. dif/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
Fig. 9 - Reverse Recovery Parameter Test Circuit
L = 100H HIGH-SPEED SWITCH Rg = 25 ohm CURRENT MONITOR FREE-WHEEL DIODE + Vd = 50V
Fig. 10 - Reverse Recovery Waveform and Definitions
I L(PK)
DUT
DECAY TIME V (AVAL) V R(RATED)
Fig. 11 - Avalanche Test Circuit and Waveforms
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN:
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936.
http://www.irf.com
Fax-On-Demand: +44 1883 733420
Data and specifications subject to change without notice.
5


▲Up To Search▲   

 
Price & Availability of HFA135NH40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X