Part Number Hot Search : 
1N4454 CP2102 1E475 NTE5327W STK6722H B21CV RFBC4 J170A
Product Description
Full Text Search
 

To Download HFA100MD60C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Previous Datasheet
Index
Next Data Sheet
PD-2.442
HFA100MD60C
HEXFRED
Features
* Reduced RFI and EMI * Reduced Snubbing * Extensive Characterization of Recovery Parameters
TM
Ultrafast, Soft Recovery Diode
LUG LUG LUG TERMINAL TERMINAL TERMINAL ANODE 1 CATHODE ANODE 2
VR = 600V VF = 1.4V Qrr * = 780nC
BASE (ISOLATED)
di(rec)M/dt * = 240A/s * 125C
Description
HEXFRED diodes are optimized to reduce losses and EMI/RFI in high frequency power conditioning systems. An extensive characterization of the recovery behavior for different values of current, temperature and di/dt simplifies the calculations of losses in the operating conditions. The softness of the recovery eliminates the need for a snubber in most applications. These devices are ideally suited for power converters, motors drives and other applications where switching losses are significant portion of the total losses.
TM
TO-244AB (ISOLATED) Absolute Maximum Ratings (per Leg)
Parameter
VR IF @ TC = 25C IF @ TC = 100C IFSM IAS EAS PD @ TC = 25C PD @ TC = 100C TJ TSTG Cathode-to-Anode Voltage Continuous Forward Current Continuous Forward Current Single Pulse Forward Current Maximum Single Pulse Avalanche Current Non-Repetitive Avalanche Energy Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range
Max.
600 83 40 400 2.0 220 180 71 -55 to +150
Units
V
A
J W C
Thermal - Mechanical Characteristics
Parameter
RJC RCS Wt Junction-to-Case, Single Leg Conducting Junction-to-Case, Both Legs Conducting Case-to-Sink, Flat , Greased Surface Weight Mounting Torque See Fig. 12 Terminal Torque Limited by junction temperature L = 100H, duty cycle limited by max TJ
Min.
---- ---- ---- ---- 35 (4.0) 50 (5.7)
Typ.
---- ---- 0.10 79 (2.8) ---- ----
Max.
0.70 0.35 ---- ---- 50 (5.7) 75 (8.5)
Units
C/W K/W g (oz) lbf*in (N*m)
Note:
To Order
Revision 0
Previous Datasheet
Index
Next Data Sheet
HFA100MD60C
Electrical Characteristics (per Leg) @ T = 25C (unless otherwise specified) J
Parameter
VBR VFM Cathode Anode Breakdown Voltage Max Forward Voltage
Min. Typ. Max. Units
600 --- --- 1.2 1.4 1.1 4.0 1.0 140 7.0 --- 1.4 1.6 1.3 20 4.0 250 --- V V A mA pF nH
Test Conditions
IR = 100A IF = 50A IF = 100A IF = 50A, TJ = 125C VR = VR Rated TJ = 125C, VR = 480V VR = 200V From top of terminal hole to mounting plane
IRM CT LS
Max Reverse Leakage Current Junction Capacitance Series Inductance --- ---
Dynamic Recovery Characteristics (per Leg) @ T = 25C (unless otherwise specified) J
Parameter
trr trr1 trr2 IRRM1 IRRM2 Qrr1 Qrr2 di(rec)M/dt1 di(rec)M/dt2 Reverse Recovery Time
Min. Typ. Max. Units
--- --- --- --- --- --- --- --- --- 33 --- 76 115 ns 130 200 8.0 15 A 12 22 300 900 nC 780 2200 340 --- A/s 240 ---
Test Conditions
IF = 1.0A, dif/dt = 200A/s, VR = 30V TJ = 25C TJ = 125C IF = 50A TJ = 25C TJ = 125C VR = 200V TJ = 25C TJ = 125C dif/dt = 200A/s TJ = 25C TJ = 125C
Peak Recovery Current Reverse Recovery Charge Peak Rate of Fall of Recovery Current During tb
80.01 (3.150) 40.26 (1.585) 39.75 (1.565)
20.32 (0.800) 17.78 (0.700)
7.49 (0.295) 6.99 (0.275) (2 PLCS.)
DIA. 34.925 (1.375) REF. 63.50 (2.500) 60.96 (2.400)
LEAD ASSIGNMENTS 1 - ANODE 2 - CATHODE 3 - ANODE
1/4-20 SLOTTED HEX
1
23.55 (0.927) 20.42 (0.804)
2
3
OUTLINE TO-244AB (ISOLATED)
Dimensions in Millimeters and (Inches)
15.75 (0.620) 14.99 (0.590)
92.71 (3.650) 90.17 (3.550)
3.35 (0.132) 3.02 (0.119)
To Order
Previous Datasheet
Index
Next Data Sheet
HFA100MD60C
1000 10000
Reverse Current - I R (A)
T = 150C J
1000
100
T = 125C J
Instantaneous Forward Current - I F (A)
10
100
TJ = 150C TJ = 125C TJ = 25C
1
TJ = 25C
0.1 0 200 400 600
Reverse Voltage - VR (V)
Junction Capacitance - C T (pF)
10
Fig. 2 - Typical Reverse Current vs. Reverse Voltage, (per Leg)
10000
A
1000
T = 25C J
1 0.0
100
1.0
2.0
3.0
Forward Voltage Drop - V FM (V)
Fig. 1 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current, (per Leg)
10 1 10 100 1000
Reverse Voltage - VR (V)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage, (per Leg)
1
Thermal Impedance - Z thJC (K/W)
0.1
D = 0.50 D = 0.33 D = 0.25 D = 0.17 D = 0.08
PD M
t
1 t2
0.01
Single Pulse (Thermal Resistance)
N otes: 1. D uty factor D = t / t 12 2. Peak TJ = PD M x Z thJC + T C
0.001 0.00001
0.0001
0.001
0.01
0.1
1
10
100
t 1 , Rectangular Pulse Duration (Seconds)
Fig. 4 - Maximum Thermal Impedance Z Characteristics, (per Leg) thjc
To Order
Previous Datasheet
Index
Next Data Sheet
HFA100MD60C
200 100
VR = 200V TJ = 125C TJ = 25C
160
VR = 200V TJ = 125C TJ = 25C I F = 100A
I IRRM - (A)
I F = 50A IF = 30A
10
t rr - (ns)
120
IF = 100A I F = 50A I F = 30A
80
40 100
di f /dt - (A/s)
1000
1 100
di f /dt - (A/s)
1000
Fig. 5 - Typical Reverse Recovery vs. di f/dt, (per Leg)
3000
Fig. 6 - Typical Recovery Current vs. di f/dt, (per Leg)
10000
VR = 200V TJ = 125C TJ = 25C
VR = 200V TJ = 125C TJ = 25C
2000
IF = 100A IF = 50A I F = 30A
di(rec)M/dt - (A/s)
Q RR - (nC)
I F = 140A
1000
I F = 70A IF = 30A
1000
0 100
di f /dt - (A/s)
1000
100 100
di f /dt - (A/s)
1000
Fig. 7 - Typical Stored Charge vs. di/dt, f (per Leg)
Fig. 8 - Typical di(rec)M/dt vs. dif/dt, (per Leg)
To Order
Previous Datasheet
Index
Next Data Sheet
HFA100MD60C
3
IF
trr ta tb
4
REVERSE RECOVERY CIRCUIT
VR = 200V
0 Q rr
2
I RRM
0.5 I RRM di(rec)M/dt
5
0.01 L = 70H D.U.T. D G IRFP250 S
1
0.75 I RRM di f /dt
dif/dt ADJUST
4. Qrr - Area under curve defined by rtr and IRRM trr X IRRM Qrr = 2. IRRM - Peak reverse recovery current 2 3. trr - Reverse recovery time measured from zero crossing point of negative 5. di(rec)M/dt - Peak rate of change of current during t portion of trr going IF to point where a line passing b through 0.75 IRRM and 0.50 IRRM extrapolated to zero current 1. dif/dt - Rate of change of current through zero crossing
Fig. 9 - Reverse Recovery Parameter Test Circuit
L = 100H HIGH-SPEED SWITCH Rg = 25 ohm CURRENT MONITOR FREE-WHEEL DIODE + Vd = 50V
Fig. 10 - Reverse Recovery Waveform and Definitions
I L(PK)
DUT
DECAY TIME V (AVAL) V R(RATED)
Fig. 11 - Avalanche Test Circuit and Waveforms
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331 EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: (44) 0883 713215 IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 3L1, Tel: (905) 475 1897 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: 6172 37066 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: (39) 1145 10111 IR FAR EAST: K&H Bldg., 2F, 3-30-4 Nishi-Ikeburo 3-Chome, Toshima-Ki, Tokyo 171 Tel: (03)3983 0641 IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, 0316 Tel: 65 221 8371 Data and specifications subject to change without notice.
To Order


▲Up To Search▲   

 
Price & Availability of HFA100MD60C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X