Part Number Hot Search : 
12A01SS SMBJ100C C1411EPA LC104 N4732 W1206 1N540 DS21610
Product Description
Full Text Search
 

To Download HER208G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER201G THRU HER208G
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 2.0 Amperes
Features
Low power loss, high efficiency Low leakage Low forward voltage drop High current capability High speed switching High current surge High reliability
Mechanical Data
Case: Molded plastic Epoxy: UL94V-0 rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting Position: Any Weight: 0.014 ounce, 0.395 gram
DIM ENSIONS DIM A B C D inches Min. 0.228 0.102 0.028 1.000 Max. 0.299 0.142 0.034 Min. 5.8 2.6 0.71 25.40 mm Max. 7.6 3.6 0.86 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Symbols
HER 201G
HER 202G
HER 203G
HER 204G
HER 205G
HER 206G
HER 207G
HER 208G
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=50 Peak forward surge current, 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum instantaneous forward voltage at 2.0A DC Maximum full load reverse current average, full cycle 0.375" (9.5mm) lead length at TL=55 Maximum DC reverse current at rated DC blocking voltage TA=25
VRRM VRMS VDC I(AV) IFSM VF IR(AV) IR Trr CJ TJ, TSTG
50 35 50
100 70 100
200 140 200
300 210 300 2.0 60.0
400 280 400
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps
1.0
1.3 100.0 5.0 50.0 30 -65 to +150
1.5
1.7
Volts A A
Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Operating and storage temperature range
Notes: (1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
75.0 20
nS F
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of HER208G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X