Part Number Hot Search : 
MJE2003 ADT74 ML4741 S6008 UPD799 MC12015 M51954A PE5513
Product Description
Full Text Search
 

To Download HER208G-TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
HER201G - HER208G
Pb
2.0A GLASS PASSIVATED ULTRAFAST DIODE
Features
! ! ! ! ! Glass Passivated Die Construction Low Forward Voltage Drop High Current Capability High Reliability High Surge Current Capability A B A
Mechanical Data
! ! ! ! ! ! ! Case: DO-15, Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: 0.40 grams (approx.) Mounting Position: Any Marking: Type Number Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 4 D
DO-15 Dim Min Max 25.4 -- A 5.50 7.62 B 0.71 0.864 C 2.60 3.60 D All Dimensions in mm
C
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. HER 201G 50 35 HER 202G 100 70
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @TA = 55C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage Reverse Recovery Time (Note 2) Typical Junction Capacitance (Note 3) Operating Temperature Range Storage Temperature Range @IF = 2.0A @TA = 25C @TA = 100C
Symbol VRRM VRWM VR VR(RMS) IO
HER 203G 200 140
HER 204G 300 210
HER 205G 400 280
HER 206G 600 420
HER 207G 800 560
HER 208G 1000 700
Unit
V V A
2.0
IFSM VFM IRM trr Cj Tj TSTG 50 60 1.0
60 1.3 5.0 100 75 40 -65 to +150 -65 to +150 1.7
A V A nS pF C C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case 2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5. 3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
HER201G - HER208G
1 of 4
(c) 2006 Won-Top Electronics
I(AV), AVERAGE FWD RECTIFIED CURRENT (A)
2.0
IF, INSTANTANEOUS FORWARD CURRENT (A)
2.5
10
HER201G - HER204G HER205G
2.0
1.5
1.0
HER206G - HER208G
1.0
0.5
Single phase half-wave 60 Hz resistive or inductive load
0 25
0.01 0.6 0.8 1.0
Tj = 25C Pulse width = 300s
50
75
100
125
150
175
200
1.2
1.4
TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
60 IFSM, PEAK FORWARD SURGE CURRENT (A)
100
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
HER201G - HER205G
Cj, CAPACITANCE (pF)
40
HER206G - HER208G
10
20
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Peak Forward Surge Current 100
1 1 10
Tj = 25C f = 1.0MHz
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
trr +0.5A
50 NI (Non-inductive) Device Under Test 50V DC Approx
10 NI
(-)
Pulse Generator (Note 2)
(+)
0A -0.25A
(-)
1.0 NI
Oscilloscope (Note 1)
(+)
Notes: 1. Rise Time = 7.0ns max. Input Impedance = 1.0M, 22pF. 2. Rise Time = 10ns max. Input Impedance = 50.
-1.0A Set time base for 5/10ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
HER201G - HER208G
2 of 4
(c) 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
0.8mm MAX
5mm
HER20xG
WTE
Cathode HER20xG x WTE
= Polarity Band = Device Number = 1, 2, 3, 4, 5, 6, 7 or 8 = Manufacturer's Logo
1.2mm MAX
6mm 52.4mm Cathode Tape: Red Anode Tape: White
0.8mm MAX
PACKAGING INFORMATION
TAPE & BOX TAPE & REEL
Product ID Label
150mm
Inspection Hole (both ends)
330mm 255mm 75mm
BULK
805mm 25mm 200mm
Product ID Label
85mm
Packaging TAPE & REEL TAPE & BOX BULK
Reel Diameter / Box Size (mm) 330 255 x 75 x 150 200 x 85 x 25
Quantity (PCS) 4,000 3,000 1,000
Carton Size (mm) 370 x 370 x 420 400 x 273 x 415 459 x 214 x 256
Quantity (PCS) 20,000 30,000 40,000
Approx. Gross Weight (KG) 12.0 15.0 17.5
Note: 1. Paper reel, white or gray color. Core material: plastic or metal. 2. Components are packed in accordance with EIA standard RS-296-E.
HER201G - HER208G
3 of 4
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
HER201G-T3 HER201G-TB HER201G HER202G-T3 HER202G-TB HER202G HER203G-T3 HER203G-TB HER203G HER204G-T3 HER204G-TB HER204G HER205G-T3 HER205G-TB HER205G HER206G-T3 HER206G-TB HER206G HER207G-T3 HER207G-TB HER207G HER208G-T3 HER208G-TB HER208G
1. 2. 3.
Package Type
DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15 DO-15
Shipping Quantity
4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box 4000/Tape & Reel 3000/Tape & Box 1000 Units/Box
Products listed in bold are WTE Preferred devices. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, HER201G-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
HER201G - HER208G
4 of 4
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of HER208G-TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X