Part Number Hot Search : 
10330 4N27A 71256 S3U7809 C74LVX BFY56A ST16SF4F 3KP12
Product Description
Full Text Search
 

To Download HER1G7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER1G1 THRU HER1G7
MINIATURE HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 utilizing Flame retardant epoxy molding compound Glass passivated junction in R-1 package 1.0 ampere operation at TA=55 with no thermal runway Ultra fast switching for high efficiency
Mechanical Data
Case: Molded plastic, R-1 Terminals: Axial leads, solderable per MIL-STD-202, method 208 Polarity: Band denotes cathode Mounting Position: Any Weight: 0.007 ounce, 0.205 gram
DIM ENSIONS DIM A B C D inches Min. 0.114 0.095 0.020 1.000 Max. 0.138 0.099 0.024 Min. 2.9 2.42 0.5 25.40 mm Max. 3.5 2.51 0.6 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified. SIngle phase, half wave, 60Hz, resistive or inductive load.
Symbols
HER 1G1
HER 1G2
HER 1G3
HER 1G4
HER 1G5
HER 1G6
HER 1G7
Units
Peak reverse voltage, Repetitive; Maximum RMS voltage DC reverse voltage Average forward current, IO@TA=55 3/8" lead length, 60Hz, resistive or inductive load Peak forward surge current, IFM (surge) 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) Maximum forward voltage @1.0A, 25 Maximum reverse current, @ Rated reverse voltage Reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical thermal resistance (Note 3) Operating and storage temperature range Tj=25 Tj=100
VRM VRMS VDC I(AV) IFSM VF IR Trr CJ R
JA
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30.0
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amp Amps
1.00
1.30 10.0 500.0 50 17.0 60.0 -55 to +150
1.70
Volts A
75
nS F /W
TJ, TSTG
Notes: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0MHz and applied reverse voltage of 4.0 VDC (3) Thermal resistance from junction to ambient and from junction to lead length 0.375 (9.5mm) P.C.B. mounted
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of HER1G7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X