Part Number Hot Search : 
CY7B99 ML4903 EL333ID UZ5218 14014 33660 MKW2547A 120M1T
Product Description
Full Text Search
 

To Download HDSP-513Y-LL000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HDSP-511x/513x 14.22 mm (0.56 inch) General Purpose Seven-Segment Display
Data Sheet
Features * Industry standard size * Industry standard pinout 14.22 mm (0.56 inch) DIP lead on 2.54 mm * Choice of colors High Efficiency Red (HER), Green, AlGaAs Red, and Yellow * Excellent appearance Evenly lighted segments gray package gives optimum contrast 50 viewing angle * Design flexibility Common anode or common cathode Single digit Left and right hand decimal point The choice of colors includes High Efficiency Red (HER), Green, AlGaAs Red, and Yellow. The gray face displays are suitable for indoor use. * Categorized for luminous intensity Green and yellow categorized for color Applications * Suitable for indoor use * Not recommended for industrial application, i.e., operating temperature requirements exceeding +85C or below -25C[1] * Extreme temperature cycling not recommended
Notes: 1. For additional details, please contact your local Agilent sales office or an authorized distributor.
Description This 14.22 mm (0.56 inch) LED seven-segment display uses industry standard size package and pinout. The device is available in either common anode or common cathode.
Devices HER HDSP-511E HDSP-513E Green HDSP-511G HDSP-513G AlGaAs Red HDSP-511A HDSP-513A Yellow HDSP-511Y HDSP-513Y Description Common Anode, Right Hand Decimal Common Cathode, Right Hand Decimal
Part Numbering System
5082 -X X X X-X X X X X HDSP-X X X X-X X X X X Mechanical Options [1] 00: No Mechanical Option Color Bin Options[1,2] 0: No Color Bin Limitation Maximum Intensity Bin[1,2] 0: No Maximum Intensity Bin Limitation Minimum Intensity Bin[1,2] 0: No Minimum Intensity Bin Limitation Device Configuration/Color [1] A: AlGaAs Red E: High Efficiency Red G: Green Y: Yellow Device Specific Configuration[1] Refer to Respective Datasheet Package[1] Refer to Respective Datasheet
Notes: 1. For codes not listed in the figure above, please refer to the respective datasheet or contact your nearest Agilent representative for details. 2. Bin options refer to shippable bins for a part number. Color and Intensity Bins are typically restricted to 1 bin per tube (exceptions may apply). Please refer to respective datasheet for specific bin limit information.
2
Package Dimensions
TOP END VIEW
0.50 0.05 TYP. 10 PLACES (0.020) COUNTRY OF ORIGIN
HDSP-XXXX YWW XZ COO
2.54 x 4 = 10.16 0.1 (0.100 x 4 = 0.400)
DATE CODE
7.90 0.05 (0.311) + 0.05 1.50 0.05 - 0.08 (0.059) 10 0.15
8.0 (0.312)
LUMINOUS INTENSITY CATEGORY
0.30 (0.012)
17.10 0.15 (0.673)
14.22 0.05 (0.560) 1.70 0.05 (0.067)
15.24 (0.600)
4.85 (0.191) 12.40 0.15 (0.488)
5.0 (0.197)
FRONT VIEW
SIDE VIEW
ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
Internal Circuit Diagram
10 9 8 a f b f 7 6 10 9 8 a b PIN g g 1 2 c d DP 1 2 3 4 5 1 2 3 4 DP 5 3 4 5 6 7 8 9 10 7 6 HDSP-511E/511G/511Y/511A COMMON ANODE FUNCTION CATHODE e CATHODE d COMMON ANODE CATHODE c CATHODE DP CATHODE b CATHODE a COMMON ANODE CATHODE f CATHODE g PIN 1 2 3 4 5 6 7 8 9 10 HDSP-513E/513G/513Y/513A COMMON CATHODE FUNCTION ANODE e ANODE d COMMON CATHODE ANODE c ANODE DP ANODE b ANODE a COMMON CATHODE ANODE f ANODE g
e c d
e
COMMON ANODE
COMMON CATHODE
3
Absolute Maximum Ratings at TA = 25C Description Power Dissipation Segment Forward Current Segment Peak Forward Current per Segment (1/10 Duty Factor at 10 KHz) Operating Temperature Range Storage Temperature Range Reverse Voltage per Segment or DP Wavesoldering Temperature for 3 seconds (at 2 mm Distance from the body)
Notes: 1. Derate above 25C at 0.33 mA/C. 2. Derate above 25C at 0.33 mA/C. 3. Derate above 25C at 0.2 mA/C. 4. Derate above 25C at 0.27 mA/C.
HER HDSP-51xE 60 25[1] 100 -35 to +85 -35 to +85 5 250
Green HDSP-51xG 65 25[2] 100 -35 to +85 -35 to +85 5 250
AlGaAs Red HDSP-51xA 30 15[3] 80 -35 to +85 -35 to +85 5 250
Yellow HDSP-51xY 52 20[4] 80 -35 to +85 -35 to +85 5 250
Units mW mA mA C C V C
Electrical/Optical Characteristics at TA = 25C High Efficiency Red (HER) Device HDSP511E 513E Parameter Luminous Intensity/Segment Forward Voltage Peak Wavelength Dominant Wavelength Reverse Voltage Symbol IV VF PEAK d VR Min. 2.001 Typ. 1.73 4.100 2.05 635 620 Max. Units mcd mcd V nm nm V Test Conditions IF = 5 mA IF = 10 mA IF = 20 mA
2.40
5
IR = 100 A
Green Device HDSP511G 513G Parameter Luminous Intensity/Segment Forward Voltage Peak Wavelength Dominant Wavelength Reverse Voltage Symbol IV VF PEAK d VR Min. 2.001 1.80 Typ. 4.100 2.06 2.25 568 573 Max. Units mcd V V nm nm V Test Conditions IF = 10 mA IF = 10 mA IF = 20 mA
2.60
5
IR = 100 A
4
AlGaAs Red Device HDSP511A 513A Parameter Luminous Intensity/Segment Forward Voltage Peak Wavelength Dominant Wavelength Reverse Voltage Symbol IV VF PEAK d VR Min. 3.201 Typ. 4.93 6.500 1.85 660 643 5 Max. Units mcd mcd V nm nm V Test Conditions IF = 5 mA IF = 10 mA IF = 20 mA
2.00
IR = 100 A
Yellow Device HDSP511Y 513Y Parameter Luminous Intensity/Segment Forward Voltage Peak Wavelength Dominant Wavelength Reverse Voltage Intensity Bin Limits (mcd at 10 mA) Bin Name H I J K L HER/Green Min.[1] NA 2.001 3.201 5.051 NA Max.[1] NA 3.200 5.050 8.000 NA Yellow Min.[1] 1.251 2.001 3.201 NA NA Max.[1] 2.000 3.200 5.050 NA NA AlGaAs Red Min.[1] Max.[1] NA NA NA NA 3.201 5.050 5.051 8.000 8.001 12.650 Symbol IV VF PEAK d VR Min. 1.251 Typ. 1.03 2.600 2.15 595 590 Max. Units mcd mcd V nm nm V Test Conditions IF = 5 mA IF = 10 mA IF = 20 mA
2.60
5
IR = 100 A
Note: 1. Tolerance for each bin limit is 10%.
Color Bin Limits (nm at 10 mA) Color Green Bin 3 4 5 1 2 3 Dominant Wavelength (nm) Min.[1] Max.[1] 569.1 571.0 571.1 573.0 573.1 575.0 585.5 588.5 588.5 591.5 591.5 594.5
Yellow
Note: 1. Tolerance for each bin limit is 1 nm.
5
High Efficiency Red (HER)
IF - FORWARD CURRENT PER SEGMENT - mA
MAXIMUM DC CURRENT PER SEGMENT - mA
30 HIGH EFFICIENCY RED (HER) 25 20 15 10 5 0
120 100 80 60 40 20 0
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TA - AMBIENT TEMPERATURE - C
VF - FORWARD VOLTAGE - V
Figure 1. Maximum allowable average or DC current vs. ambient temperature.
Figure 2. Forward current vs. forward voltage.
1.4
RELATIVE EFFICIENCY (NORMALIZED TO 1 AT 10 mA)
1.4
RELATIVE EFFICIENCY (NORMALIZED TO 1 AT 10 mA)
1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35 40 45 50
1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35 40 45 50
IPEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
IPEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
Figure 3. Relative luminous intensity vs. DC forward current.
Figure 4. Relative efficiency (luminous intensity per unit current) vs. peak current.
6
Green
30 GAP GREEN 25 20 15 10 5 0
IF - FORWARD CURRENT PER SEGMENT - mA
MAXIMUM DC CURRENT PER SEGMENT - mA
120 100 80 60 40 20 0
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TA - AMBIENT TEMPERATURE - C
VF - FORWARD VOLTAGE - V
Figure 5. Maximum allowable average or DC current vs. ambient temperature.
Figure 6. Forward current vs. forward voltage.
3.5
RELATIVE LUMINOUS INTENSITY (NORMALIZEDTO 1 AT 10 mA)
1.2
RELATIVE EFFICIENCY (NORMALIZED TO 1 AT 10 mA)
3.0 2.5 2.0 1.5 1.0 0.5 0 0 5 10 15 20 25 30 35 IF - FORWARD CURRENT FOR SEGMENT - mA
1.0 0.8 0.6 0.4 0.2 0
0
5 10 15 20 25 30 35 40 45 50 IPEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
Figure 7. Relative luminous intensity vs. DC forward current.
Figure 8. Relative efficiency (luminous intensity per unit current) vs. peak current.
7
AlGaAs Red
16 14 12 10 8 6 4 2 0 0 20 40 60 80 100 AIGaAs RED
IF - FORWARD CURRENT PER SEGMENT - mA
MAXIMUM DC CURRENT PER SEGMENT - mA
120 100 80 60 40 20 0
0
0.5
1.0
1.5
2.0
2.5
TA - AMBIENT TEMPERATURE - C
VF - FORWARD VOLTAGE - V
Figure 9. Maximum allowable average or DC current vs. ambient temperature.
Figure 10. Forward current vs. forward voltage.
3.0
RELATIVE LUMINOUS INTENSITY (NORMALIZEDTO 1 AT 10 mA)
1.2
RELATIVE EFFICIENCY (NORMALIZED TO 1 AT 10 mA)
0 5 10 15 20 25 30
2.5 2.0 1.5 1.0 0.5 0
1.0 0.8 0.6 0.4 0.2 0
35
0
5 10 15 20 25 30 35 40 45 50 IPEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
IF - FORWARD CURRENT FOR SEGMENT - mA
Figure 11. Relative luminous intensity vs. DC forward current.
Figure 12. Relative efficiency (luminous intensity per unit current) vs. peak current.
8
Yellow
25 YELLOW 20
IF - FORWARD CURRENT PER SEGMENT - mA
MAXIMUM DC CURRENT PER SEGMENT - mA
120 100 80 60 40 20 0
15
10
5
0
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TA - AMBIENT TEMPERATURE - C
VF - FORWARD VOLTAGE - V
Figure 13. Maximum allowable average or DC current vs. ambient temperature.
Figure 14. Forward current vs. forward voltage.
3.5
RELATIVE LUMINOUS INTENSITY (NORMALIZED TO 1 AT 10 mA)
1.4
RELATIVE EFFICIENCY (NORMALIZED TO 1 AT 10 mA)
3.0 2.5 2.0 1.5 1.0 0.5 0
1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15 20 25 30 35 40 45 50 IPEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
0
5
10
15
20
25
30
35
IF - FORWARD CURRENT FOR SEGMENT - mA
Figure 15. Relative luminous intensity vs. DC forward current.
Figure 16. Relative efficiency (luminous intensity per unit current) vs. peak current.
9
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152(Domestic/ International), or 0120-61-1280(Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Obsoletes 5980-2919EN June 30, 2004 5988-2968EN


▲Up To Search▲   

 
Price & Availability of HDSP-513Y-LL000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X