Part Number Hot Search : 
F2514RW ST763 PC1237HA PESD5 DTC014Y TN6411 100M1 SDW85F1C
Product Description
Full Text Search
 

To Download HDS3000-24V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The HDS 3000-24V Power System
Description:
The HDS 3000 series power system combines a compact modular design with intelligent power features and state-of-the-art technology. The HDS 3000-24V power system is capable of providing up to 67.2 kW of reliable DC power. It contains six rectifier shelves for up to 24 rectifiers and converter shelves (in 24V system for -48V DC output), as well as different distribution units with configurable elements for AC, DC distribution, LVDS and power system controller.
Specification
General Efficiency, at 220Vrms Safety EMI, radiated compliant with Input AC connection Voltage range Frequency range Current nominal 89.5 % UL/cUL FCC Part 15 class B EN 55022 class B
220 Vrms 1 or 3 176 ... 275 Vrms 45 ... 65 Hz 64 A@ 67.2kW per shelf, 1 37 A@ 67.2kW per shelf, 3 Inrush current < 84 Apeak per shelf, 1 < 48.5 Apeak per shelf, 3 EMI, conducted compliant with FCC Part 15 class B EN 55022 class B Output Voltage, nominal Voltage adjust range Load sharing DC/DC Converter LVDS Battery Disconnect Power module Rectifier Converter 27 Vdc 20 ... 29 Vdc < 5% Up to 4 converter modules (Optional) 1200 A x 2 on load side (Optional) External Dead Front Fuse, 800A x 2 (Optional) ESR 24 V - 2800W - D DD 55 V -1300W - A - 20 ... + 60 C 95 % max, non condensing - 500 ~ 10000 feet
Features
* * * * * Up to 67.2k W installed power in a 7 ft frame Expandable DC/DC converter shelf for 2nd Vdc output Constant power design Intelligent system controller NEB Level III certified
Environment Operating temperature Relative humidity Altitude Power system controller Intelligent Controller Relay outputs
Up to 24 relay outputs (Optional) Up to 24 relay outputs (Optional)
*Specifications are subject to change


▲Up To Search▲   

 
Price & Availability of HDS3000-24V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X