Part Number Hot Search : 
NTE1913 SRF1015 LC5732 CA139E 00160 P7N60A SDB2301 NPT2018
Product Description
Full Text Search
 

To Download HDM6448ATSC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM6448ATSC
Dimensional Drawing 640 X 480 10.4" VGA Color w/Touch Screen
CONNECTOR INFORMATION: CN1 = Molex 53261-1590 Mating = Molex 51021-1500 CN2 = Molex 53261-1490 Mating = Molex 51021-1400 CCFL = Mitsumi M63M83-04 Mating = Mitsumi M61M73-04
Dimension tolerance: +/-0.3mm
Features Features Backlight............................................................................CCFL Options.....................................................................Color DSTN Built-in Controller................................................................None Physical Data Physical Data Module Size...................................264.0W x 183.0H x 12.0T mm Viewing Area Size.......................................216.0W x 161.5H mm Dot Pitch.........................................................0.33W x 0.33H mm Dot Size..........................................................0.31W x 0.31H mm Weight..................................................................................490g Electrical Characteristics (VDD=3.0 or 5.00.25V, Ta=25C)
PARAMETER SUPPLY VOLTAGE SYM VDD VEE POWER SUPPLY CURRENT CCFL OP. VOLTAGE CCFL OP. CURRENT CCFL START VOLTAGE BRIGHTNESS DRIVE METHOD IDD IEE VFL IFL VFLS L Ta=25C IFL=5.0mA 3.0 VDD=5.0V VEE=23.0V CONDITION Ta=25C MIN 2.7 4.5 22.6 TYP 3.0 5.0 23.0 33.0 12.0 640 5.0 750 88 1/240 DUTY 7.0 1500 MAX 3.3 5.5 23.4 40.0 18.0 UNIT V V mA mA Vrms mArms Vrms NIT
Pin Connections
PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 PIN NO. 1 2 3 4 5 6 7 8 SYMBOL FP N/C DISP LP VSS SCP VSS UD0 UD1 UD2 UD3 UD4 UD5 UD6 UD7 SYMBOL LD0 LD1 LD2 LD3 LD4 LD5 LD6 LD7 VDD VSS VSS VEE VEE VEE SYMBOL VFLG NC NC VFL LEVEL Ground No Connection No Connection Power supply for CCFL H H/L H/L 0V H/L 0V H/L H/L H/L H/L H/L H/L H/L H/L LEVEL H/L H/L H/L H/L H/L H/L H/L H/L +5V 0V 0V LEVEL No connection H=On, L=Off Data latch signal Ground Shift clock Ground Upper screen data input Upper screen data input Upper screen data input Upper screen data input Upper screen data input Upper screen data input Upper screen data input Upper screen data input FUNCTION Lower screen data input Lower screen data input Lower screen data input Lower screen data input Lower screen data input Lower screen data input Lower screen data input Lower screen data input Power supply for logic Ground Ground Contrast control Contrast control Contrast control FUNCTION FUNCTION First Line Marker
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD OPERATING TEMPERATURE STORAGE TEMPERATURE HUMIDITY (NO CONDENSATION) SYMBOL VDD-VSS VEE-VSS TOP TSTG 0 0 -20 10 MIN - 0.3 MAX 6.5 25.0 50 70 85 UNIT V V C C %RH
9 10 11 12 13 14 PIN NO. 1
Touch Panel Connector
PIN NO. 1 2 SYMBOL X1 Y1 FUNCTION RIGHT UP PIN NO. 3 4 SYMBOL X2 Y2 FUNCTION LEFT DOWN
2 3 4
Page 39


▲Up To Search▲   

 
Price & Availability of HDM6448ATSC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X