Part Number Hot Search : 
1N749A FR156G 2SD1730 202160B MAX1304 ISL3243E B80N04S LTC4411
Product Description
Full Text Search
 

To Download HDM6448ATSC-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM6448ATSC-7
Dimensional Drawing
3.0 4.5
2-3.2 MOUNTING HOLE
640 X 480 7.5" Single Scan VGA Color w/Touch Screen
197.0 191.0 158.0 151.66 94.75 3.0 505.0
CONNECTOR INFORMATION: CN1 = Flat Flex Cable 1.0mm Pitch Mating = IL-402-22S-S1L-SA (JAE) CN2 = Flat Flex Cable 1.0mm Pitch CN3 = Mitsumi M63M83-04 Mating = Mitsumi M61M73-04
136.0 126.3 (TOUCH PANEL)
69.0
4 1
CN3
4 1
145.0
118.0
113.74
CN2 0.064
1
0.015
CN1
23.0
0.222
RGBRGB RGBRGB
37.5
22
8.350.5
4.5
12.9
155.7 (Active area of TP) 181.0 (Touch panel)
12.65 7.25 10.26
Dimension tolerance: +/-0.3mm
Features Features Backlight.........................................................................CCFL Options..................................................................Color SSTN Built-in Controller.............................................................None Physical Data Module Size.............................197.0W x 145.0H x 10.26T mm Viewing Area Size...................................158.0W x 118.0H mm Dot Pitch.................................................0.079W x 0.237H mm Dot Size..................................................0.064W x 0.222H mm Weight...............................................................................400g Electrical Characteristics (VDD=3.30.25V 25C)
PARAMETER SUPPLY VOLTAGE SYM VDD VEE POWER SUPPLY CURRENT INPUT HIGH VOLTAGE INPUT LOW VOLTAGE CCFL OP. VOLTAGE CCFL OP. CURRENT CCFL START VOLTAGE BRIGHTNESS DRIVE METHOD IDD IEE VIH VIL VFL IFL VFLS CONDITION Ta=25C Ta=25C VDD =3.3V VEE =36.5V IFL =4mArms VFL =520V Ta=25C VFL = 4.0mA MIN 2.7 4.5 36.1 .8VDD 0 3.0 TYP 3.0 5.0 36.5 16.0 8.0 450 4.0 800 65 MAX 3.3 5.5 36.9 24.0 12.0 VDD .2VDD 5.0 1500 UNIT V V mA mA V V Vrms mAr ms Vrms NIT
Pin Connections
PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 SYMBOL FLM V SS CL1 V SS CL2 V SS D0 D1 D2 D3 D4 D5 D6 D7 DISP V DD V DD V SS V EE V SS TS1 TS2 H H/L H/L H/L H/L H/L H/L H/L H/L H/L H/L H/L H=Display on, L=Display off Power supply for logic Power supply for logic Ground Power supply for LCD Ground Temperature Sensor pin 1 Temperature Sensor pin 2 Display data LEVEL Ground Data latch signal Ground Data Shift clock Ground FUNCTION First Line Marker
Touch Screen Connector
PIN NO. 1 2 SYMBOL LEVEL Right Bottom Left Top FUNCTION
1/240 DUTY
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD CCFL OPERATING VOLTAGE CCFL OPERATING CURRENT OPERATING TEMPERATURE STORAGE TEMPERATURE HUMIDITY (NO CONDENSATION) SYMBOL VDD -V SS VEE -VSS VFL IFL T OP T STG MIN -0.3 0 0 -20 10 MAX 7.0 42.0 1500 7.0 50 70 85 UNIT V V Vrms mArms C C %RH
3 4
CCFL Connector
PIN NO. 1 2 3 4 SYMBOL V FLG NC NC V FL LEVEL Ground No Connection No Connection Power supply for CCFL FUNCTION
Page 36
0.015


▲Up To Search▲   

 
Price & Availability of HDM6448ATSC-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X