Part Number Hot Search : 
7805M LP2951AC HPS3KW X85C33 A5358CA CS814A1 2SC2412 XFGIB10
Product Description
Full Text Search
 

To Download HDM2432TS-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM2432TS-T
Dimensional Drawing
73.28 6.59 6.8 62.16 57.5950.2 7.3 8.6 1.0 CONNECTOR INFORMATION: SUPPLIED WITH 1.0mm FFC MATING: MOLEX 52207-1890
240 X 320 Dots Graphic (Portrait Mode) w/ Touch Screen
12.02
76.7850.2
92.18 81.38
0.225
0.225
0.015
PARTS AREA Dimension tolerance: +/-0.3mm
Features Features Backlight...............................................................................EL Options.................................................Black and White FSTN Extended Temperature Bottom Viewing Built-in Controller..............................................................None Physical Data Module Size.................................73.28W x 92.18H x 7.5T mm Viewing Area Size..................................62.16W x 81.38H mm Dot Pitch.....................................................0.24W x 0.24H mm Dot Size..................................................0.225W x 0.225H mm Weight.................................................................................52g Power Supply
VDD VSS L C M VEE BLE VEL VELG
BLE
7.5 MAX
CONDUCTIVE SURFACE
3.6 MAX
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE SYMBOL VDD-VSS VDD-VEE VIN TOP TSTG 0 0 -20 -30 MIN MAX 7.0 30.0 7.0 70 80 UNIT V V V C C
Pin Connections
+ 3.3V
PIN NO.
SYMBOL
LEVEL
0.015
FUNCTION
DATA
R1 RV +
1 2 3
30V
CL2 CL1 FLM M D0 D1 D2 D3 VEE VDD VSS BLE VELG VEL XP YM XM YP
H/L H/L H/L H/L H/L H/L H/L H/L 3.3V 0V H/L -
Data shift clock Data Latch clock First Line Marker AC signal
4 5 6 7 8 9 10 11
UNIT
R2 3.3V R1+RV+R2 = 10 ~ 20K
+
Display data
Power supply for LCD Power supply for logic Ground H = Enable EL, L = Dissable EL Power supply for EL
Electrical Characteristics (VDD=3.30.25V 25C)
PARAMETER SYM CONDITION MIN TYP MAX
12 13 14 15 16 17 18
INPUT HIGH VOLTAGE INPUT LOW VOLTAGE OUTPUT HIGH VOLTAGE
VIH VIL VOH
-
0.7 VDD -
-
0.3 VDD 0.4 3.6 20.3
V V V V V V
IOH=0.4mA VDD -0.4 IOL=0.4mA 3.0 24.2 3.3 22.7
TOUCH PANEL
Touch panel connections
OUTPUT LOW VOLTAGE VOL SUPPLY VOLTAGE DRIVE METHOD VDD -VEE
1/240 DUTY
Page 24


▲Up To Search▲   

 
Price & Availability of HDM2432TS-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X