Part Number Hot Search : 
FRF10A40 1N5530 AP4501SD SMA28 KA3843 15N65 KV1470 00130
Product Description
Full Text Search
 

To Download HDM240200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM240200
Dimensional Drawing
2.5 88.0 83.0 75.0 2.5 71.97 44.5 5.2 1.6 9.5 MAX
240 X 200 Dots Graphics, 3.3 volt
42.5
LCD CENTER 85.0 80.0 75.0 64.0 59.97 0.02
1 17.5 Dimension tolerance: +/-0.3mm 38.1
16 4-O2.5 18-O1.0 P2.54
Features Features Backlight................................................................EL Optional Options.......................................Gray STN/Yellow STN/FSTN Normal/Extended Temperature Bottom / Top Viewing Built-in Controller.............................................................None Physical Data Module Size....................................88.0W x 85.0H x 9.5T mm Viewing Area Size......................................75.0W x 64.0H mm Dot Pitch....................................................0.30W x 0.30H mm Dot Size.....................................................0.28W x 0.28H mm Weight..............................................................................120g
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE SYMBOL VDD-VSS VDD-VEE VIN TOP TSTG 0 0 -20 MIN 3.1 MAX 3.5 28.0 4.0 50 70 UNIT V V V C C
Power Supply
VDD + RH L C M VLCD VSS VL 3.3V
RL
Pin Connections
PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 SYMBOL VDD VSS FLM CL1 CL2 M DB0 DB1 DB2 DB3 DISPOFF FG VEE VL EL1 EL2 +3.3v H/L H/HL H/HL H/L H/L H/L H/L H/L L Display Off Frame Ground Output # Operating voltage for LC EL Backlight EL Backlight POWER SUPPLY CURRENT POWER SUPPLY FOR LCD FRAME FREQUENCY DRIVE METHOD SUPPLY VOLTAGE Data bus OUTPUT LOW VOLTAGE VOL Ground Frame Pulse Data latch signal Data Shift A/C Control Signal FUNCTION Logic Power Supply
VEE RH+RL = 10 ~ 20K
Electrical Characteristics (VDD=3.30.25V 25C)
PARAMETER INPUT HIGH VOLTAGE INPUT LOW VOLTAGE OUTPUT HIGH VOLTAGE SYM VIH VIL VOH CONDITION IOH=0.4mA IOL=0.4mA VDD=3.0V VEE=-20.2V TA=25C MIN 0.7x VDD VDD -0.4 3.1 65 1/200 DUTY TYP VDD VSS 3.3 22.7 20.2 72 MAX 0.3x VDD 0.4 3.5 10.0 5.0 80 UNIT V V V V V V mA mA V Hz
VDD -VEE IDD -IEE VDD-VL fFP
#Has built-in inverter for negative power supply
Page 22
0.28
0.28 0.02


▲Up To Search▲   

 
Price & Availability of HDM240200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X