Part Number Hot Search : 
000X1 85N10 C5552 SC800 FDP4020 LCE20 C8051F3 00152
Product Description
Full Text Search
 

To Download HD74HC299 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74HC299
8-bit Universal Shift/Storage Register (with 3-state outputs)
Description
The HD74HC299 features multiplexed inputs/outputs to achieve full 8-bit data handling in a single 20-pin package. Due to the large output drive capability and 3-state feature, this device is ideally suited for interfacing with bus lines in a bus oriented system. Two function select inputs and two output control inputs are used to choose the mode of operation as listed in the function table. Synchronous parallel loading is accomplished by taking both function select lines S0 and S 1 high. This places the 3-state outputs in a high impedance state, which permits data applied to the input/output lines to be clocked into the register. Reading out of the register can be done while the outputs are enabled in any mode. A direct overriding clear input is provided to clear the register whether the outputs are enabled or disabled.
Features
* * * * * High Speed Operation High Output Current: Fanout of 15 LSTTL Loads Wide Operating Voltage: VCC = 2 to 6 V Low Input Current: 1 A max Low Quiescent Supply Current: ICC (static) = 4 A max (Ta = 25C)
HD74HC299
Function Table
Inputs Function Select Mode Clear Clear L L Hold H H Shift Right Shift Left Load H H H H H S1 X L L X L L H H H S0 L X L X H H L L H Output Control G1 G2 L L L L L L L L X L L L L L L L L X Serial Inputs/Outputs Outputs QH' L L QH0 QH0 QGn QGn H L h
Clock SL SR A/QA B/QB C/QC D/QD E/QE F/QF G/Q G H/QH QA' X X X L X X X X X X H L X X X X X H L X X X L L QA0 QA0 H L QBn QBn a L L QB0 QB0 QAn QAn QCn QCn b L L QC0 QC0 QBn QBn QDn QDn c L L QD0 QD0 QCn QCn QEn QEn d L L QE0 QE0 QDn QDn QFn QFn e L L QF0 QF0 QEn QEn QGn QGn f L L QG0 QG0 QFn QFn QHn QHn g L L QH0 QH0 QGn QGn H L h L L QA0 QA0 H L QBn QBn a
Notes: 1. a to h; the level of steady-state input at inputs A through H, respectively. These data are loaded into the flip-flop outputs are isolated from the input/output terminals. 2. QA0 to Q H0; the level of QA through QH , respectively, before the indicated steady-state input conditions were established. 3. QAn to Q Hn; the level of QA through QH , respectively, before the most-recent transition of the clock. 4. = ; When one or both output controls are high the eight input/output terminals are desabled to the high-impedance state, however, sequential operation or clearing of the register is not affected. 5. When clear is low, outputs of Q A' and QH' are low, in spite of other inputs.
2
HD74HC299
Pin Arrangement
S0 Output controls G1 G2 G/QC E/QE C/QC A/QA QA Clear
1 2
G S0 S1 SL G/QG E/QE C/QC A/QA QA Clear SR QH H/QH F/QF D/QD B/QB CK
20 VCC 19 S1 18 Shift left SL
3 4 5 6 7 8 9
17 QH 16 H/QH 15 F/QF 14 D/QD 13 B/QB 12 Clock 11 Shift right SR
GND 10 (Top view)
Absolute Maximum Ratings
Item Supply voltage range Input voltage Output voltage Output current DC current drain per VCC, GND DC input diode current DC output diode current Power dissipation per package Storage temperature Symbol VCC VIN VOUT I OUT I CC, I GND I IK I OK PT Tstg Rating -0.5 to +7.0 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 35 75 20 20 500 -65 to +150 Unit V V V mA mA mA mA mW C
3
HD74HC299
Block Diagram
Sift right serial-input S1
Sift left serial-input
S0
D Q
D Q
D Q
D Q
D Q
D Q
D Q
D Q
Clear Clock G2 G1
C C CLR
C C CLR
C C CLR
C C CLR
C C CLR
C C CLR
C C CLR
C C CLR
QA
A QA
B QB
C QC
D QD
E QE
F QF
G QG QH
H QH
4
HD74HC299
DC Characteristics
Ta = 25C Item Input voltage Symbol VIH Ta = -40 to +85C Max -- -- -- 0.5 1.35 1.8 -- -- -- -- -- -- -- 0.1 0.1 0.1 0.33 0.33 0.33 0.33 5.0 1.0 40 A A A QA' & QH' Outputs A/Q A thru I OH = 4 mA I OH = 5.2 mA I OH = 6 mA V QA' & QH' Outputs A/Q A thru I OH = -4 mA I OH = -5.2 mA I OH = -6 mA I OL = 20 A V Vin = VIH or VIL I OH = -20 A V Unit Test Conditions V
VCC (V) Min Typ Max Min 2.0 4.5 6.0 1.5 -- 3.15 -- 4.2 -- -- -- -- -- -- -- -- -- -- 0.5 1.5 3.15 4.2 --
VIL
2.0 4.5 6.0
1.35 -- 1.8 -- 1.9 4.4 5.9 4.13 5.63 4.13 5.63 -- -- --
Output voltage
VOH
2.0 4.5 6.0 4.5 6.0 4.5 6.0
1.9 2.0 -- 4.4 4.5 -- 5.9 6.0 -- 4.18 -- 5.68 -- 4.18 -- 5.68 -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
H/QH Outputs I OH = -7.8 mA Vin = VIH or VIL
VOL
2.0 4.5 6.0 4.5 6.0 4.5 6.0
0.0 0.1 0.0 0.1 0.0 0.1 -- -- -- -- -- -- --
0.26 -- 0.26 -- 0.26 -- 0.26 -- 0.5 -- 0.1 -- 4.0 --
H/QH Outputs I OH = 7.8 mA Vin = VIH or VIL, Vout = VCC or GND Vin = VCC or GND Vin = VCC or GND, Iout = 0 A
Off-state output current Input current Quiescent supply current
I OZ Iin I CC
6.0 6.0 6.0
5
HD74HC299
AC Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25C Item Maximum clock frequency Symbol f max Ta = -40 to +85C Max 4 20 23 240 48 41 275 55 47 240 48 41 275 55 47 200 40 34 200 40 34 -- -- -- -- -- -- -- -- -- -- -- -- ns ns Clear ns Select ns Select ns ns ns Clear to QA - QH ns Clock to QA - QH ns Clear to QA' or QH ' ns Clock to QA' or QH ' Unit MHz Test Conditions
VCC (V) Min Typ Max Min 2.0 4.5 6.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 5 25 29 -- -- --
Propagation delay t PLH time t PHL
2.0 4.5 6.0
190 -- 38 32 -- --
t PHL
2.0 4.5 6.0
220 -- 44 37 -- --
t PLH t PHL
2.0 4.5 6.0
190 -- 38 32 -- --
t PHL
2.0 4.5 6.0
220 -- 44 37 -- --
Output enable time
t ZH t ZL
2.0 4.5 6.0
160 -- 32 27 -- --
Output disable time
t HZ t LZ
2.0 4.5 6.0
160 -- 32 27 -- -- -- -- -- -- -- -- -- -- -- -- -- -- 125 25 21 5 5 5 65 13 11 100 20 17
Setup time
t su
2.0 4.5 6.0
100 -- 20 17 5 5 5 50 10 9 80 16 14 -- -- -- -- -- -- -- -- -- -- --
Hold time
th
2.0 4.5 6.0
Removal time
t rem
2.0 4.5 6.0
Pulse width
tw
2.0 4.5 6.0
6
HD74HC299
AC Characteristics (CL = 50 pF, Input tr = tf = 6 ns) (cont)
Ta = 25C Item Output rise/fall time Symbol t TLH t THL Ta = -40 to +85C Max 75 15 13 95 19 16 10 pF ns QA' & QH' outputs Unit ns Test Conditions A/Q A thru H/QH outputs
VCC (V) Min Typ Max Min 2.0 4.5 6.0 2.0 4.5 6.0 -- -- -- -- -- -- -- -- -- -- -- -- -- 5 60 12 10 75 15 13 10 -- -- -- -- -- -- --
Input capacitance
Cin
--
7
Unit: mm
24.50 25.40 Max 20 11 7.00 Max 6.30 1 0.89
1.27 Max
10 1.30 2.54 Min 5.08 Max 7.62
0.51 Min
2.54 0.25
0.48 0.10
0.25 - 0.05 0 - 15
+ 0.11
Hitachi Code JEDEC EIAJ Weight (reference value)
DP-20N -- Conforms 1.26 g
Unit: mm
12.6 13 Max
20
11
1
10
5.5
0.80 Max
2.20 Max
*0.22 0.05 0.20 0.04
0.20 7.80 + 0.30 -
1.15
0 - 8
0.70 0.20
1.27 *0.42 0.08 0.40 0.06
0.12 M
*Dimension including the plating thickness Base material dimension
0.10 0.10
0.15
Hitachi Code JEDEC EIAJ Weight (reference value)
FP-20DA -- Conforms 0.31 g
Unit: mm
12.8 13.2 Max 20 11 7.50 1 0.935 Max 10
2.65 Max
*0.27 0.05 0.25 0.04
0.25 10.40 + 0.40 -
1.45
0.20 0.10
0 - 8
0.57 0.70 + 0.30 -
1.27
*0.42 0.08 0.40 0.06
0.15 0.12 M
Hitachi Code JEDEC EIAJ Weight (reference value) FP-20DB Conforms -- 0.52 g
*Dimension including the plating thickness Base material dimension
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/indx.htm For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan.


▲Up To Search▲   

 
Price & Availability of HD74HC299

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X