Part Number Hot Search : 
01545 ALD521D L6226N CEP6186 MBRF10 99FKR3 MC34063M 1N5268
Product Description
Full Text Search
 

To Download HD74ALVC2G66USE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74ALVC2G66
2-channel Analog Switch
REJ03D0177-0100Z (Previous ADE-205-630A (Z)) Rev.1.00 Jan.14.2004
Description
The HD74ALVC2G66 has 2-channel analog switch in an 8 pin package. Each switch section has its own enable input control (C). High-level voltage applied to C turns on the associated switch section. Applications include signal gating, chopping, modulation, or demodulation (modem), and signal multiplexing for analog to digital and digital to analog conversion systems. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.
Features
* The basic gate function is lined up as Renesas uni logic series. * Supplied on emboss taping for high-speed automatic mounting. * Supply voltage range : 1.2 to 3.6 V Operating temperature range: -40 to +85C * All control input VIH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V) * Ordering Information
Package Part Name HD74ALVC2G66USE Package Type SSOP-8 pin Package Code TTP-8DBV Abbreviation US Taping Abbreviation (Quantity) E (3,000 pcs/reel)
Rev.1.00, Jan.14.2004, page 1 of 13
HD74ALVC2G66
Outline and Article Indication
* HD74ALVC2G66
Index band Lot No.
YMW A66
SSOP-8 Marking
Y : Year code (the last digit of year) M : Month code W : Week code
Function Table
Control L H H: L: High level Low level Switch OFF ON
Rev.1.00, Jan.14.2004, page 2 of 13
HD74ALVC2G66
Pin Arrangement
IN / OUT1
1
8
VCC
OUT / IN1
2
7
CONT1
CONT2
3
6
OUT / IN2
GND
4
5
IN / OUT2
(Top view)
Rev.1.00, Jan.14.2004, page 3 of 13
HD74ALVC2G66
Absolute Maximum Ratings
Item Supply voltage range Input voltage range *1 Output voltage range Input clamp current Output clamp current Continuous output current Continuous current through VCC or GND Maximum power dissipation *3 at Ta = 25C (in still air) Storage temperature Notes:
*1, 2
Symbol VCC VI VO IIK IOK IO ICC or IGND PT Tstg
Ratings -0.5 to 4.6 -0.5 to 4.6 -0.5 to VCC+0.5 -50 50 50 100 200 -65 to 150
Unit V V V mA mA mA mA mW C
Conditions
Output : H or L VI < 0 VO < 0 or VO > VCC VO = 0 to VCC
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 4.6 V maximum. 3. The maximum package power dissipation was calculated using a junction temperature of 150C.
Recommended Operating Conditions
Item Supply voltage range Input voltage range Input / output voltage range Input transition rise or fall rate Symbol VCC VI VI/O t / v Ta Min 1.2 0 0 0 0 Operating free-air temperature -40 Note: Unused or floating inputs must be held high or low. Max 3.6 3.6 VCC 20 10 85 C Unit V V V ns / V VCC = 1.2 to 2.7 V VCC = 3.30.3 V Conditions
Rev.1.00, Jan.14.2004, page 4 of 13
HD74ALVC2G66
Electrical Characteristics
Ta=25C Item Input voltage Symbol VIH VCC (V) 1.2
1.4 to 1.6 1.65 to 1.95 2.3 to 2.7 3.0 to 3.6
Ta=-40 to 85C Typ Max
VCCx0.25 VCCx0.3 VCCx0.3
Test Unit V conditions Control input only
Min
Typ Max Min 15 27 11 20 9 16 7 12 6 10 300 135 60 19 12 25 35 17 27 10 18 8.5
VCCx0.7 VCCx0.7
VCCx0.75

1.7 2.0
VIL
1.2
1.4 to 1.6 1.65 to 1.95 2.3 to 2.7 3.0 to 3.6
0.7 0.8 30 40 20 30 12 20 9 14.5 350 150 35 20 VI = 0 V, IO = 1 mA VI = 1.2 V, IO = 1 mA VI = 0 V, IO = 2 mA VI = 1.4 V, IO = 2 mA VI = 0 V, IO = 4 mA VI = 1.65 V, IO = 4 mA VI = 0 V, IO = 8 mA VI = 2.3 V, IO = 8 mA VI = 0 V, IO = 24 mA VI = 3.0 V, IO = 24 mA IO = 1 mA IO = 2 mA IO = 4 mA IO = 8 mA IO = 24 mA
On-state switch resistance
RON
1.2




1.4

1.65

2.3

3.0

13.5 250 110 30 18
Peak on resistance
RON (p)
1.2 1.4 1.65 2.3 3.0

Rev.1.00, Jan.14.2004, page 5 of 13
HD74ALVC2G66
Electrical Characteristics (cont)
Ta=25C Item Difference of on-state resistance between switches Symbol RON VCC (V) 1.2 1.4 1.65 2.3 3.0 Off-state switch leakage current IS (OFF) 3.6 Min 12 9 5 3 Ta=-40 to 85C Typ Max 15 12 9 4 1.0 A Unit Test conditions IO = 1 mA IO = 2 mA IO = 4 mA IO = 8 mA IO = 24 mA VIN = VCC, VOUT = GND or VIN = GND, VO = VCC, VC = VIL VIN = VCC or GND VC = VIH VIN = 3.6 V or GND VIN = VCC or GND Typ Max Min 1.0 0.8 0.6 0.5 0.2
0.1
On-state switch leakage current Input current Quiescent supply current Control input capacitance Switch terminal capacitance Feed through capacitance
IS (ON)
3.6
0.1
1.0
A
IIN ICC CIC CIN / OUT CIN-OUT
0 to 3.6 3.6

3.5 5.0 0.4
0.1

1.0 10
A A pF pF pF
Rev.1.00, Jan.14.2004, page 6 of 13
HD74ALVC2G66
Switching Characteristics
(Ta = -40 to 85C) VCC = 1.2 V
Item Propagation *1 delay time Enable time Disable time Symbol tPLH tPHL tZH tZL tHZ tLZ Min Typ 0.4 5.0 4.5 Max Unit ns ns ns Test conditions CL = 15 pF CL = 15 pF CL = 15 pF FROM (Input) TO (Output)
IN/OUT OUT/IN or OUT/IN or IN/OUT
C C
IN/OUT or OUT/IN IN/OUT or OUT/IN
VCC = 1.50.1 V
Item Propagation delay time *1 Enable time Disable time Symbol tPLH tPHL tZH tZL tHZ tLZ Min 2.0 2.0 Typ Max 0.3 6.0 6.0 Unit ns ns ns Test conditions CL = 15 pF CL = 15 pF CL = 15 pF FROM (Input) TO (Output)
IN/OUT OUT/IN or OUT/IN or IN/OUT
C C
IN/OUT or OUT/IN IN/OUT or OUT/IN
VCC = 1.80.15 V
Item Propagation delay time *1 Enable time Disable time Symbol tPLH tPHL tZH tZL tHZ tLZ Min 1.5 1.5 Typ Max 0.48 5.0 5.0 Unit ns ns ns Test conditions CL = 30 pF CL = 30 pF CL = 30 pF FROM (Input) TO (Output)
IN/OUT OUT/IN or OUT/IN or IN/OUT
C C
IN/OUT or OUT/IN IN/OUT or OUT/IN
Rev.1.00, Jan.14.2004, page 7 of 13
HD74ALVC2G66
Switching Characteristics (cont)
VCC = 2.50.2 V
Item Propagation delay time *1 Enable time Disable time Symbol tPLH tPHL tZH tZL tHZ tLZ Min 1.0 1.0 Typ Max 0.35 4.0 4.0 Unit ns ns ns Test conditions CL = 30 pF CL = 30 pF CL = 30 pF FROM (Input) TO (Output)
IN/OUT OUT/IN or OUT/IN or IN/OUT
C C
IN/OUT or OUT/IN IN/OUT or OUT/IN
VCC = 3.30.3 V
Item Propagation delay time *1 Enable time Disable time Note: Symbol tPLH tPHL tZH tZL tHZ tLZ Min 1.0 1.0 Typ Max 0.3 3.0 3.0 Unit ns ns ns Test conditions CL = 30 pF CL = 30 pF CL = 30 pF FROM (Input) TO (Output)
IN/OUT OUT/IN or OUT/IN or IN/OUT
C C
IN/OUT or OUT/IN IN/OUT or OUT/IN
1. The propagation delay time is calculated by the RC (on-resistance and load capacitance) time constant.
Operating Characteristics
(Ta = 25C)
Item Power dissipation capacitance Symbol CPD VCC (V) 1.5 1.8 2.5 3.3 Min Typ 4.5 4.5 5.0 6.0 Max Unit pF Test conditions f = 10 MHz
Rev.1.00, Jan.14.2004, page 8 of 13
HD74ALVC2G66
Test Circuit
* R ON
VCC VC =VIH VCC VIN =VCC (ON) GND VOUT R ON =
VIN-OUT 10 -3
()
+
1.0 mA
-
V
VIN - V OUT
* IS (off), IS (on)
VCC VC =VIL VCC A VIN =VCC or GND (OFF) GND VOUT =GND or VCC VIN =VCC or GND A VC =VIH VCC (ON) GND VOUT OPEN VCC
Rev.1.00, Jan.14.2004, page 9 of 13
HD74ALVC2G66
* tPLH , t PHL
VCC VC =VIH
Switch
tr VCC
input
tf 90% 90% Vref Vref VIH 10% t PHL GND VOH VOL
VIN
(ON) GND CL RL
VOUT
10%
Switch output
t PLH
Vref tr = tf = 3 ns
Vref
Symbol RL CL
V CC = 1.2 V, V = 2.50.2 V, V = 1.80.15 V CC 1.50.1 V CC 3.30.3 V 2.0 k 15 pF 1.0 k 30 pF 500 30 pF
Symbol tr / t f V IH V ref
V CC = 1.2 V, 1.50.1 V, V CC = 2.50.2 V 1.80.15 V 2.0 ns VCC 50% 2.5 ns VCC 50%
V CC = 3.30.3 V 2.5 ns 2.7 V 1.5 V
Rev.1.00, Jan.14.2004, page 10 of 13
HD74ALVC2G66
* tZH ,tZL / tHZ ,tLZ
VCC VCCx2 or 6.0 V VC RL VIN VCC GND VOUT CL RL
Control input
tr 90% Vref t ZL 90% Vref
tf VIH 10% t LZ VOH Vref VL t HZ Vref VH VOH VOL GND
S1
S2 RL
10%
Switch output
VOL
t ZH
tr = tf = 3 ns
S2 S1 V CC = 1.2 V, V CC = 1.2 V, 1.50.1 V, 1.50.1 V, Symbol V = 3.30.3 V V = 3.30.3 V 1.80.15 V, CC 1.80.15 V, CC 2.50.2 V 2.50.2 V tHZ / tZH tLZ / tZL VCC GND VCC GND GND VCCx2 GND 6.0 V
Symbol RL CL
V CC = 1.2 V, V = 2.50.2 V, V = 1.80.15 V CC 1.50.1 V CC 3.30.3 V 2.0 k 15 pF 1.0 k 30 pF 500 30 pF
Symbol tr / t f V IH V ref VH / VL
V CC = 1.2 V, V = 1.80.15 V V CC = 2.50.2 V 1.50.1 V CC 2.0 ns VCC 50% 2.0 ns VCC 50% 2.5 ns VCC 50%
V CC = 3.30.3 V 2.5 ns 2.7 V 1.5 V VH = VOH-0.3 V VL = VOL+0.3 V
VH = VOH-0.1 V VH = VOH-0.15 V VH = VOH-0.15 V VL = VOL+0.1 V VL = VOL+0.15 V VL = VOL+0.15 V
Rev.1.00, Jan.14.2004, page 11 of 13
HD74ALVC2G66
* CIN/OUT , C IN-OUT
CIN-OUT
VC =GND
VCC
VCC (OFF) CIN/OUT GND CIN/OUT
Rev.1.00, Jan.14.2004, page 12 of 13
HD74ALVC2G66
Package Dimensions
2.0 0.2 1.5 0.2 (0.5) (0.5) (0.5)
Unit: mm
(0.4) 2.3 0.1 3.1 0.3
0 - 0.1
8 - 0.2 - 0.05
+ 0.1
(0.17)
0.7 0.1 (0.4)
Package Code JEDEC JEITA Mass (reference value)
TTP-8DBV 0.010 g
Rev.1.00, Jan.14.2004, page 13 of 13
0.13 - 0.05
+ 0.1
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500 Fax: <1> (408) 382-7501 Renesas Technology Europe Limited. Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, United Kingdom Tel: <44> (1628) 585 100, Fax: <44> (1628) 585 900 Renesas Technology Europe GmbH Dornacher Str. 3, D-85622 Feldkirchen, Germany Tel: <49> (89) 380 70 0, Fax: <49> (89) 929 30 11 Renesas Technology Hong Kong Ltd. 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2375-6836 Renesas Technology Taiwan Co., Ltd. FL 10, #99, Fu-Hsing N. Rd., Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. 26/F., Ruijin Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1, Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2004. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .1.0


▲Up To Search▲   

 
Price & Availability of HD74ALVC2G66USE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X