Part Number Hot Search : 
MSM6368 BAV20 54125 NJU3715A AME8845 IZ1242C 4850A BC558
Product Description
Full Text Search
 

To Download HCTS7266MS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCTS7266MS
August 1995
Radiation Hardened Quad 2-Input Exclusive NOR Gate
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE METAL SEAL PACKAGE (SBDIP) MIL-STD-1835 CDIP2-T14 TOP VIEW
A1 1 B1 2 Y1 3 Y2 4 A2 5 B2 6 GND 7 14 VCC 13 B4 12 A4 11 Y4 10 Y3 9 B3 8 A3
Features
* 3 Micron Radiation Hardened CMOS SOS * Total Dose 200K RAD (Si) * SEP Effective LET No Upsets: >100 MEV-cm2/mg * Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ) * Dose Rate Survivability: >1 x 10 * Dose Rate Upset >10
10 12
RAD (Si)/s
RAD (Si)/s 20ns Pulse
* Latch-Up Free Under Any Conditions * Military Temperature Range: -55oC to +125oC * Significant Power Reduction Compared to LSTTL ICs * DC Operating Voltage Range: 4.5V to 5.5V * LSTTL Input Compatibility - VIL = 0.8V Max - VIH = 2.0V Min * Input Current Levels Ii 5A at VOL, VOH
14 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE (FLATPACK) MIL-STD-1835 CDFP3-F14 TOP VIEW
A1 B1 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VCC B4 A4 Y4 Y3 B3 A3
Description
The Intersil HCTS7266MS is a Radiation Hardened quad 2-Input exclusive NOR Gate. A logic level high on either one of the inputs (A or B) will force the output (y) low. A high on both inputs, or a low on both inputs will force the output to a logic high. The HCTS7266MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family with TTL input compatibility. The HCTS7266MS is supplied in a 14 lead Ceramic flatpack (K suffix) or a SBDIP Package (D suffix).
Y1 Y2 A2 B2 GND
Functional Diagram
An
Ordering Information
PART NUMBER HCTS7266DMSR TEMPERATURE RANGE -55oC to +125oC -55oC to +125oC SCREENING LEVEL Intersil Class S Equivalent Intersil Class S Equivalent
Yn
PACKAGE 14 Lead SBDIP 14 Lead Ceramic Flatpack 14 Lead SBDIP 14 Lead Ceramic Flatpack Die A L
Bn
HCTS7266KMSR
TRUTH TABLE INPUTS B L H L H OUTPUTS Y H L L H
HCTS7266D/ Sample HCTS7266K/ Sample
+25oC +25oC
Sample
Sample
L H H
HCTS7266HMSR
+25oC
Die
NOTE: L = Logic Level Low, H = Logic level High
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
Spec Number File Number
1
518627 3384.1
Specifications HCTS7266MS
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VCC +0.5V DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . . . . .10mA DC Drain Current, Any One Output. . . . . . . . . . . . . . . . . . . . . . .25mA (All Voltage Reference to the VSS Terminal) Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC Lead Temperature (Soldering 10sec) . . . . . . . . . . . . . . . . . . +265oC Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Reliability Information
Thermal Resistance JA JC SBDIP Package. . . . . . . . . . . . . . . . . . . . 74oC/W 24oC/W Ceramic Flatpack Package . . . . . . . . . . . 116oC/W 30oC/W Maximum Package Power Dissipation at +125oC Ambient SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.68W Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . . . . 0.43W If device power exceeds package dissipation capability, provide heat sinking or derate linearly at the following rate: SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.5mW/oC Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . 8.6mW/oC
CAUTION: As with all semiconductors, stress listed under "Absolute Maximum Ratings" may be applied to devices (one at a time) without resulting in permanent damage. This is a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. The conditions listed under "Electrical Performance Characteristics" are the only conditions recommended for satisfactory device operation.
Operating Conditions
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V Input Rise and Fall Times at 4.5V VCC (TR, TF) . . . . . . .500ns Max Operating Temperature Range (TA) . . . . . . . . . . . . -55oC to +125oC Input Low Voltage (VIL). . . . . . . . . . . . . . . . . . . . . . . . . 0.0V to 0.8V Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . . . . . .VCC/2 to VCC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS 1 2, 3 Delta ICC ICC VCC = 5.5V, VIN = VCC or GND 1 Input = 2.4V VCC = 4.5V, VIH = 4.5V, VOUT = 0.4V, VIL = 0V (Note 2) VCC = 4.5V, VIH = 4.5V, VOUT = VCC - 0.4V, VIL = 0V (Note 2) VCC = 4.5V, VIH = 2.25V, IOL = 50A, VIL = 0.8V VCC = 5.5V, VIH = 2.75V, IOL = 50A, VIL = 0.80V Output Voltage High VOH VCC = 4.5V, VIH = 2.25V, IOH = -50A, VIL = 0.80V VCC = 5.5V, VIH = 2.75V, IOH = -50A, VIL = 0.80V Input Leakage Current IIN VCC = 5.5V, VIN = VCC or GND 1 2, 3 1 2, 3 1 2, 3 1, 2, 3 LIMITS TEMPERATURE +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC +125oC, -55oC +25oC, +125oC, -55oC MIN 4.8 4.0 -4.8 -4.0 MAX 10 200 1.6 3.2 0.1 UNITS A A mA mA mA mA mA mA V
PARAMETER Quiescent Current
SYMBOL ICC
(NOTE 1) CONDITIONS VCC = 5.5V, VIN = VCC or GND
Output Current (Sink)
IOL
Output Current (Source)
IOH
Output Voltage Low
VOL
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
1, 2, 3
+25oC, +125oC, -55oC
VCC -0.1 VCC -0.1 -
-
V
1, 2, 3
+25oC, +125oC, -55oC
-
V
1 2, 3
+25oC +125oC, -55oC +25oC, +125oC, -55oC
0.5 5.0 -
A A -
Noise Immunity Functional Test NOTES:
FN
VCC = 4.5V, VIH = 2.25V, VIL = 0.80V (Note 3)
7, 8A, 8B
1. All voltages referenced to device GND. 2. Force/Measure functions may be interchanged. 3. For functional tests VO 4.0V is recognized as a logic "1", and VO 0.5V is recognized as a logic "0".
Spec Number 2
518627
Specifications HCTS7266MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS 9 10, 11 TPLH VCC = 4.5V, VIH = 3.0V VIL = 0V 9 10, 11 NOTES: 1. All voltages referenced to device GND. 2. AC measurements assume RL = 500, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V. LIMITS TEMPERATURE +25oC +125oC, -55oC +25oC +125oC, -55oC MIN 2 2 2 2 MAX 20 22 27 29 UNITS ns ns ns ns
PARAMETER Propagation Delay Input to Output
SYMBOL TPHL
(NOTES 1, 2) CONDITIONS VCC = 4.5V, VIH = 3.0V VIL = 0V
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Capacitance Power Dissipation SYMBOL CPD CONDITIONS VCC = 5.0V, VIH = 5.0V, VIL = 0.0V, F = 1MHz NOTES 1 1 Input Capacitance CIN VCC = 5.0V, VIH = 5.0V, VIL = 0.0V, F = 1MHz 1 1 Output Transition Time TTHL TTLH VCC = 4.5V, VIH = 4.5V, VIL = 0.0V 1 1 NOTE: 1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics. TEMPERATURE +25oC +125oC +25oC +125oC +25oC +125oC, -55oC MIN 1 1 MAX 30 45 10 10 15 22 UNITS pF pF pF pF ns ns
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS 200K RAD LIMITS TEMPERATURE +25oC +25oC MIN MAX 0.2 3.2 UNITS mA mA
PARAMETER Quiescent Current Delta ICC
SYMBOL ICC ICC
(NOTES 1, 2) CONDITIONS VCC = 5.5V, VIN = VCC or GND VCC = 5.5V, VIN = VCC or GND 1 Input = 2.4V VCC = 4.5V, VIH = 4.5V, VOUT = 0.4V, VIL = 0V VCC = 4.5V, VIH = 4.5V, VOUT = VCC-0.4V, VIL = 0V VCC = 4.5V and 5.5V, VIH = VCC/2, VIL = 0.8V, IOL = 50A VCC = 4.5V and 5.5V, VIH = VCC/2, VIL = 0.8V, IOH = -50A
Output Current (Sink) Output Current (Source) Output Voltage Low
IOL IOH VOL
+25oC +25oC +25oC
4.0 -4.0 -
0.1
mA mA V
Output Voltage High
VOH
+25oC
VCC -0.1
-
V
Spec Number 3
518627
Specifications HCTS7266MS
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS 200K RAD LIMITS TEMPERATURE +25oC +25oC MIN MAX 5 UNITS A -
PARAMETER Input Leakage Current Noise Immunity Functional Test Propagation Delay Input to Outputt Propagation Delay Input to Output NOTES:
SYMBOL IIN FN
(NOTES 1, 2) CONDITIONS VCC = 5.5V, VIN = VCC or GND VCC = 4.5V, VIH = 2.25V, VIL = 0.80V @ 200K RAD, (Note 3) VCC = 4.5V, VIH = 3.0V, VIL = 0V VCC = 4.5V, VIH = 3.0V, VIL = 0V
TPHL TPLH
+25oC +25oC
2 2
22 29
ns ns
1. All voltages referenced to device GND. 2. AC measurements assume RL = 500, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V. 3. For functional tests VO 4.0V is recognized as a logic "1", and VO 0.5V is recognized as a logic "0".
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC) GROUP B SUBGROUP 5 5
PARAMETER ICC IOL/IOH
DELTA LIMIT 3A -15% of 0 Hour
TABLE 6. APPLICABLE SUBGROUPS CONFORMANCE GROUPS Initial Test (Preburn-In) Interim Test I (Postburn-In) Interim Test II (Postburn-In) PDA Interim Test III (Postburn-In) PDA Final Test Group A (Note 1) Group B Subgroup B-5 Subgroup B-6 Group D NOTE: 1. Alternate Group A in accordance with method 5005 of MIL-STD-883 may be exercised. METHOD 100%/5004 100%/5004 100%/5004 100%/5004 100%/5004 100%/5004 100%/5004 Sample/5005 Sample/5005 Sample/5005 Sample/5005 GROUP A SUBGROUPS 1, 7, 9 1, 7, 9 1, 7, 9 1, 7, 9, Deltas 1, 7, 9 1, 7, 9, Deltas 2, 3, 8A, 8B, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas 1, 7, 9 1, 7, 9 Subgroups 1, 2, 3, 9, 10, 11 READ AND RECORD ICC, IOL/H ICC, IOL/H ICC, IOL/H
Spec Number 4
518627
Specifications HCTS7266MS
TABLE 7. TOTAL DOSE IRRADIATION TEST CONFORMANCE GROUPS Group E Subgroup 2 NOTE: 1. Except FN which will be performed 100% Go/No-Go. METHOD 5005 PRE RAD 1, 7, 9 POST RAD Table 4 READ AND RECORD PRE RAD 1, 9 POST RAD Table 4 (Note 1)
TABLE 8. STATIC AND DYNAMIC BURN-IN TEST CONNECTIONS OSCILLATOR OPEN GROUND 1/2 VCC = 3V 0.5V VCC = 6V 0.5V 50kHz 25kHz
STATIC BURN-IN I TEST CONDITIONS (Note 1) 3, 4, 10, 11 1, 2, 5, 6, 7, 8, 9, 12, 13 14 -
STATIC BURN-IN II TEST CONNECTIONS (Note 1) 3, 4, 10, 11 7 1, 2, 5, 6, 8, 9, 12, 13, 14 -
DYNAMIC BURN-IN TEST CONNECTIONS (Note 2) NOTES: 1. Each pin except VCC and GND will have a resistor of 10K 5% for static burn-in. 2. Each pin except VCC and GND will have a resistor of 1K 5% for dynamic burn-in. 7 3, 4, 10, 11 14 1, 5, 8, 12 2, 6, 9, 13
TABLE 9. IRRADIATION TEST CONNECTIONS OPEN 3, 4, 10, 11 GROUND 7 VCC = 5V 0.5V 1, 2, 5, 6, 8, 9, 12, 13, 14
NOTE: Each pin except VCC and GND will have a resistor of 47K 5% for irradiation testing. Group E, Subgroup 2, sample size is 4 dice/wafer 0 failures.
Spec Number 5
518627
HCTS7266MS Intersil Space Level Product Flow - `MS'
Wafer Lot Acceptance (All Lots) Method 5007 (Includes SEM) GAMMA Radiation Verification (Each Wafer) Method 1019, 4 Samples/Wafer, 0 Rejects 100% Nondestructive Bond Pull, Method 2023 Sample - Wire Bond Pull Monitor, Method 2011 Sample - Die Shear Monitor, Method 2019 or 2027 100% Internal Visual Inspection, Method 2010, Condition A 100% Temperature Cycle, Method 1010, Condition C, 10 Cycles 100% Constant Acceleration, Method 2001, Condition per Method 5004 100% PIND, Method 2020, Condition A 100% External Visual 100% Serialization 100% Initial Electrical Test (T0) 100% Static Burn-In 1, Condition A or B, 24 hrs. min., +125oC min., Method 1015 100% Interim Electrical Test 1 (T1) 100% Delta Calculation (T0-T1) 100% Static Burn-In 2, Condition A or B, 24 hrs. min., +125oC min., Method 1015 100% Interim Electrical Test 2 (T2) 100% Delta Calculation (T0-T2) 100% PDA 1, Method 5004 (Notes 1and 2) 100% Dynamic Burn-In, Condition D, 240 hrs., +125oC or Equivalent, Method 1015 100% Interim Electrical Test 3 (T3) 100% Delta Calculation (T0-T3) 100% PDA 2, Method 5004 (Note 2) 100% Final Electrical Test 100% Fine/Gross Leak, Method 1014 100% Radiographic, Method 2012 (Note 3) 100% External Visual, Method 2009 Sample - Group A, Method 5005 (Note 4) 100% Data Package Generation (Note 5)
NOTES: 1. Failures from Interim electrical test 1 and 2 are combined for determining PDA 1. 2. Failures from subgroup 1, 7, 9 and deltas are used for calculating PDA. The maximum allowable PDA = 5% with no more than 3% of the failures from subgroup 7. 3. Radiographic (X-Ray) inspection may be performed at any point after serialization as allowed by Method 5004. 4. Alternate Group A testing may be performed as allowed by MIL-STD-883, Method 5005. 5. Data Package Contents: * Cover Sheet (Intersil Name and/or Logo, P.O. Number, Customer Part Number, Lot Date Code, Intersil Part Number, Lot Number, Quantity). * Wafer Lot Acceptance Report (Method 5007). Includes reproductions of SEM photos with percent of step coverage. * GAMMA Radiation Report. Contains Cover page, disposition, Rad Dose, Lot Number, Test Package used, Specification Numbers, Test equipment, etc. Radiation Read and Record data on file at Intersil. * X-Ray report and film. Includes penetrometer measurements. * Screening, Electrical, and Group A attributes (Screening attributes begin after package seal). * Lot Serial Number Sheet (Good units serial number and lot number). * Variables Data (All Delta operations). Data is identified by serial number. Data header includes lot number and date of test. * The Certificate of Conformance is a part of the shipping invoice and is not part of the Data Book. The Certificate of Conformance is signed by an authorized Quality Representative.
Spec Number 6
518627
HCTS7266MS AC Timing Diagrams
VIH VS VIL TPLH TPHL VOH VS VOL TTLH 80% VOL 20% 80% 20% TTHL OUTPUT CL = 50pF RL = 500 INPUT CL RL
AC Load Circuit
DUT TEST POINT
VOH
OUTPUT
AC VOLTAGE LEVELS PARAMETER VCC VIH VS VIL GND HCTS 4.50 3.00 1.30 0 0 UNITS V V V V V
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Spec Number 7
518627
HCTS7266MS Die Characteristics
DIE DIMENSIONS: 84 x 84 mils 2.20 x 2.24mm METALLIZATION: Type: SiAl Metal Thickness: 11kA 1kA GLASSIVATION: Type: SiO2 Thickness: 13kA 2.6kA WORST CASE CURRENT DENSITY: <2.0 x 105A/cm2 BOND PAD SIZE: 100m x 100m 4 x 4mm
Metallization Mask Layout
HCTS7266MS
A1 (1) VCC (14) B4 (13)
B1 (2)
(12) A4
(11) Y4 Y1 (3)
Y2 (4)
(10) Y3
A2 (5)
(9) B3
(6) B2
(7) GND
(8) A3
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location. The mask series for the HCTS7266 is TA14436A.
Spec Number 8
518627


▲Up To Search▲   

 
Price & Availability of HCTS7266MS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X