Part Number Hot Search : 
ZQ50A4L3 IDT74F 15000 04030 133BGX 1003F C2510 F2010
Product Description
Full Text Search
 

To Download HCF40109M013TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCF40109B
QUAD LOW-TO-HIGH VOLTAGE LEVEL SHIFTER
s
s
s
s
s
s s
s s
INDIPENDENCE OF POWER SUPPLY SEQUENCE CONSIDERATIONS - VCC CAN EXCEED VDD, INPUT SIGNALS CAN EXCEED BOTH VCC AND VDD UP AND DOWN LEVEL SHIFTING CAPABILITY THREE-STATE OUTPUTS WITH SEPARATE ENABLE CONTROLS STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS QUIESCENT CURRENT SPECIFIED UP TO 20V 5V, 10V, AND 15V PARAMETRIC RATINGS INPUT LEAKAGE CURRENT II = 100nA (MAX) AT VDD = 18V TA = 25C 100% TESTED FOR QUIESCENT CURRENT MEETS ALL REQUIREMENTS OF JEDEC JESD13B "STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIES CMOS DEVICES"
DIP
SOP
ORDER CODES
PACKAGE DIP SOP TUBE HCF40109BEY HCF40109BM1 T&R HCF40109M013TR
DESCRIPTION HCF40109B is a monolithic integrated circuit fabricated in Metal Oxide Semiconductor technology available in DIP and SOP packages. HCF40109B contains four low-to-high voltage level shifting circuits. Each circuit will shift a low-voltage digital-logic input signal (A, B, C, D) with logical 1 = VCC and logical 0 = V SS to a higher voltage output signal (E, F, G, H) with logical 1 = VDD and logical 0 = VSS. HCF40109B, unlike other PIN CONNECTION
low-to-high level-shifting circuits, does not require the presence of the high voltage supply (VDD) before the application of either the low-voltage supply (VCC) or the input signals. There are no restrictions on the sequence of application of VDD, VCC, or the input signals. In addition, there are no restrictions on the relative magnitudes of the supply voltages or input signals within the device maximum ratings; VCC may exceed VDD, and input signals may exceed VCC and VDD. When operated in the mode VCC VDD, HCF40109B will operate as a high-to-low level-shifter. HCF40109B also features individual three-state output capability. A low level on any of the separately enabled three-state output controls produces a high-impedance state in the corresponding output.
September 2002
1/9
HCF40109B
INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 3, 6, 10, 14 4, 5, 11, 13 2, 7, 9, 15 12 1 8 16 SYMBOL A, B, C, D E, F, G, H ENABLE A, B, C, D NC VCC VSS VDD NAME AND FUNCTION Low Input Voltage High Input Voltage Enable Input Not Connected Low Supply Voltage Negative Supply Voltage Positive Supply Voltage
TRUTH TABLE
INPUTS MODE A, B, C, D Low to High Level Shift
X : Don't Care Z : High Impedance
OUTPUT E, F, G, H L H Z
Enable A, B, C, D H H L
L H X
FUNCTIONAL DIAGRAM
2/9
HCF40109B
LOGIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VDD VI II PD Top Tstg Supply Voltage DC Input Voltage DC Input Current Power Dissipation per Package Power Dissipation per Output Transistor Operating Temperature Storage Temperature Parameter Value -0.5 to +22 -0.5 to VDD + 0.5 10 200 100 -55 to +125 -65 to +150 Unit V V mA mW mW C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol VDD VI Top Supply Voltage Input Voltage Operating Temperature Parameter Value 3 to 20 0 to VDD -55 to 125 Unit V V C
3/9
HCF40109B
DC SPECIFICATIONS
Test Condition Symbol Parameter VI (V) 0/5 0/10 0/15 0/20 0/5 0/10 0/15 5/0 10/0 15/0 0.5/4.5 1/9 1.5/13.5 4.5/0.5 9/1 13.5/1.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 VO (V) |IO| VDD (A) (V) 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 10 15 18 TA = 25C Min. Typ. 0.02 0.02 0.02 0.04 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -1.53 -0.52 -1.3 -3.6 0.52 1.3 3.6 -3.2 -1 -2.6 -6.8 1 2.6 6.8 10-5 5 -1.36 -0.44 -1.1 -3.0 0.44 1.1 3.0 3.5 7 11 1.5 3 4 -1.1 -0.36 -0.9 -2.4 0.36 0.9 2.4 Max. 1 2 4 20 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 Value -40 to 85C Min. Max. 30 60 120 600 4.95 9.95 14.95 0.05 0.05 0.05 -55 to 125C Min. Max. 30 60 120 600 Unit
IL
Quiescent Current
A
VOH
High Level Output Voltage Low Level Output Voltage High Level Input Voltage Low Level Input Voltage Output Drive Current
VOL
VIH
VIL
IOH
IOL
Output Sink Current Input Leakage Current Input Capacitance
0/5 0/5 0/10 0/15 0/5 0/10 0/15 0/18
<1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1
V
V
V
V
mA
mA
II
Any Input Any Input
0.1
7.5
1
1
A
pF
CI
The Noise Margin for both "1" and "0" level is: 1V min. with VDD =5V, 2V min. with VDD=10V, 2.5V min. with VDD=15V
4/9
HCF40109B
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25C, CL = 50pF, RL = 200K, tr = tf = 20 ns)
Test Condition Symbol Parameter VCC (V) 5 5 10 10 15 15 5 5 10 10 15 15 5 5 10 10 15 15 5 5 10 10 15 15 5 5 10 10 15 15 5 5 10 10 15 15 5 5 10 10 15 15 VDD (V) 10 15 15 5 5 10 10 15 15 5 5 10 10 15 15 5 5 10 10 15 15 5 5 10 10 15 15 5 5 10 10 15 15 5 5 10 10 15 15 5 5 10 SHITFING MODE L-H Min. Value (*) Typ. 300 220 180 850 850 290 130 120 70 230 230 80 60 50 35 120 120 40 320 230 180 800 800 280 370 300 250 850 850 350 100 80 40 120 120 40 50 40 40 100 100 50 Max. 600 440 360 1600 1600 580 260 240 140 460 460 160 120 100 70 240 240 80 640 460 360 1500 1500 560 740 600 500 1600 1600 700 200 160 80 240 240 80 100 80 80 200 200 100 Unit
tPHL tPLH Propagation Delay Time : (Data input to output) High to Low Level
ns
H-L
Low to High Level
L-H
ns
H-L
tPHZ
3-State Disable DelayTime Output High to High Impedance
L-H
ns
H-L
tPZH
High Impedance to Output High
L-H
ns
H-L
tPLZ
Output Low to High Impedance
L-H
ns
H-L
tPZL
High Impedance to Output Low
L-H
ns
H-L
tTHL,tTLH Transition Time
L-H
ns
H-L
5/9
HCF40109B
TEST CIRCUIT
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
CL = 50pF or equivalent (includes jig and probe capacitance) RL = 200K RT = ZOUT of pulse generator (typically 50)
SWITCH Open VDD VSS
WAVEFORM : PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)
6/9
HCF40109B
Plastic DIP-16 (0.25) MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001C
7/9
HCF40109B
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
PO13H
8/9
HCF40109B
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of HCF40109M013TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X