Part Number Hot Search : 
BC807 W20N60 LBT7026 STB8NC50 CRS0806 LTC4071 GE710 E003332
Product Description
Full Text Search
 

To Download HCD210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OCXO Sine Output
Specifications
HCD210
Parameters
Frequency range: 5.0 ~ 100.0MHz Ageing per day (at despatch): < 1x10-8 < 5x10-9 Frequency stability: < 5x10-7 per year < 1x10-7 per 5% change in VDD < 5x10-10 per 10% change in load A B Product
HCD210
Option Codes
Optional SMA/B/C/BNC/MCX RF connector 10.00 40.00
9
Short term stability: < 5x10-12 over 1 sec (5.0MHz) < 1x10-11 over 1 sec (10.0MHz) Temperature stability: < 1x10-7 < 5x10-8 M N A D F
1
15.00
PIN 50.00 1 2 3 4 5 6 15.90 A A Fixing holes M3 tapped. Penetration 5mm max. 7 8 9
CONNECTION Freq adjust (+ve) Fine adjust Freq adjust (-ve) Isolated RF output Isolated RF output + Supply DO NOT USE - Supply Case
Operating temperature range: 0 to +50C -20 to +60C -20 to +70C Storage temperature range: -40 to +90C Output waveform: Sine wave, 1.5V p-p 0.5V into 50 Frequency adjustment: 2x10-6 (typ) over +0.5 to +6.0V (sufficient for 10 years ageing min) Stabilised +6.0V supply provided Mechanical 5x10-7 Supply voltage (VDD): +12V (0.5V) +15V (0.5V) +18V (0.5V) Power consumption: 4.5W max at switch on 1.0W typ when stabilised at 25C Warm up: < 5x10-8 after 10mins at +25C Phase noise (@ 10.0MHz): < -110 dBc/Hz @ 10Hz < -130 dBc/Hz @ 100Hz < -145 dBc/Hz @ 1kHz < -150 dBc/Hz @ 10kHz < -150 dBc/Hz @ 50kHz External connectors: D9 D9 + single SMA D9 + single SMB Other (single SMC/BNC/MCX) Harmonics: Shock: < -30dB wrt carrier IEC 68-2-27 Test Ea 50G for 11ms
70.00
A
A 15.90
5.90
5.90
N P R
Mechanical frequency adjustment on this face
Scale 1:2
Features

Frequencies up to 100MHz Internal multiplier above 50.0MHz Single oven & oscillator supply 12V supply standard, 15V or 18V optional Custom options available
D A B specify
Vibration: IEC 68-2-06 Test Fc 10-55Hz, 1.5mm. 55-500Hz, 10G Standard. Optional - Please specify required code(s) when ordering
Ordering Information
Product name + option codes (if any) + frequency eg: HCD210 10.0MHz Option code X (eg HCD210/X) denotes a custom specification.
Tel: +44 1460 256 100
30 Jun 2004
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of HCD210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X