Part Number Hot Search : 
HCR4148D N03LS LM111 A8515 0DIM3 C1212 E5020M TDS1I2C1
Product Description
Full Text Search
 

To Download HCC240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Bulletin HCC240 September 1996
Surface Mount Optically Coupled Isolator
Types HCC240, HCC242, TX, TXV, ESA-XN
Features *Surface mountable on ceramic or
printed circuit board *Miniature package saves circuit board area *Electrical performance similar to 4N22A and 4N24A *Hermetically sealed *Screened per MIL-PRF-19500 TX and TXV equivalent levels or per ESA 5000(6)
Absolute Maximum Ratings (TA = 25o C unless otherwise noted)
Input-to-Output Isolation Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0 kVDC(1) Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55o C to +125o C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65o C to +150o C Soldering Temperature (vapor phase reflow for 30 sec.) . . . . . . . . . . . . . . . . . 215o C Soldering Temperature (heated collet for 5 sec.) . . . . . . . . . . . . . . . . . . . . . . . 260o C
Input Diode
Forward DC Current (65o C below) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40 mA Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0 V Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 mW(2)
Output Phototransistor
Continuous Collector Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA Collector-Emitter Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 V(3) Emitter-Collector Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0 V(4) Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300 mW(5)
Notes: (1) Measured with inputs shorted together and outputs shorted together. (2) Derate linearly 1.0 mW/o C above 65o C. (3) HCC240HV and HCC242HV are available rated at 55 V minimum. (4) HCC240HV and HCC242HV are available rated at 7.0 V minimim. (5) Derate linearly 3.0 mW/o C above 25o C. (6) Some deviations from ESA 5000 apply. See page 13-4 for details.
Description
The HCC240 and HCC242 are optically coupled isolators, consisting of a gallium aluminum arsenide LED and a silicon phototransistor mounted and coupled in a miniature surface mount hermetic leadless chip carrier. The HCC240 and HCC242 are identical except for the DC current transfer ratio. Electrical parameters are similar to the JEDEC registered 4N22A and 4N24A. These solid state couplers are ideal for designs where board space and device weight are important design considerations. Typical screening and lot acceptance tests are provided on page 13-4. The burn-in condition is VCE = 9 V, PD = 275 mW, IF = 20-50 mA (adjusted to achieve PD). No HTRB is performed on this device.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006 15-28
(972) 323-2200
Fax (972) 323-2396
Types HCC240, HCC242, TX, TXV, ESA-XN
Electrical Characteristics (TA = 25o C unless otherwise noted) SYMBOL Input Diode
VF
PARAMETER
MIN TYP MAX UNITS
0.80 1.00 0.70 1.5 1.7 1.3 100 30 5.0 100 100 V V V A V V nA A mA 6.0 mA mA mA mA 15.0 mA mA mA 0.30 0.30 10
11
TEST CONDITIONS
IF = 10.0 mA IF = 10.0 mA, TA = -55o C IF = 10.0 mA, TA = 100o C VR = 2.0 V IC = 1.0 mA, IF = 0 IE = 100 A, IF = 0 VCE = 20 V, IF = 0 VCE = 20 V, IF = 0, TA = 100o C VCE = 5.0 V, IF = 2.0 mA VCE = 5.0 V, IF = 10.0 mA VCE = 5.0 V, IF = 10.0 mA, TA = -55o C VCE = 5.0 V, IF = 10.0 mA, TA = 100o C VCE = 5.0 V, IF = 2.0 mA VCE = 5.0 V, IF = 10.0 mA VCE = 5.0 V, IF = 10.0 mA, TA = -55o C VCE = 5.0 V, IF = 10.0 mA, TA = 100o C IC = 2.5 mA, IF = 20.0 mA IC = 10.0 mA, IF = 20.0 mA VI-O = 1000 VDC(1) VI-O = 0.0 V, f = 1.0 MHz(1) VCC = 10.0 V, IF = 10.0 mA, RL = 100
Forward Voltage
IR V(BR)CEO V(BR)ECO IC(OFF)
Reverse Current Collector-Emitter Breakdown Voltage(3) Emitter-Collector Breakdown Voltage Collector-Emitter Dark Current
(4)
Output Phototransistor
Coupled
On-State Collector Current HCC240 0.15 2.5 1.0 1.0 IC(ON) HCC242 0.40 10.0 4.0 4.0 VCE(SAT) RI-O CI-O tr Collector-Emitter Saturation Voltage HCC240 HCC242 Resistance (Input to Output) Capacitance (Input to Output) Output Rise Time HCC240 HCC242 tf Output Fall Time HCC240 HCC242
V V
5.0 15.0 20.0 15.0 20.0
pF s s s s
VCC = 10.0 V, IF = 10.0 mA, RL = 100
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible. Optek Technology, Inc. 1215 W. Crosby Road Carrollton, Texas 75006 (972) 323-2200 Fax (972) 323-2396 15-29


▲Up To Search▲   

 
Price & Availability of HCC240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X