Part Number Hot Search : 
GMPSA94S E712531 31M10 3728LX TDA8010 IL78L05 MAX232AC MPF102RL
Product Description
Full Text Search
 

To Download HBP2907S6R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
General Purpose PNP Epitaxial Planar Transistors
Spec. No. : C317S6R Issued Date : 2006.11.08 Revised Date : Page No. : 1/5
(dual transistors)
HBP2907S6R
Features
* Two BTP2907 chips in a SOT-363 package. * Mounting possible with SOT-323 automatic mounting machines. * Transistor elements are independent, eliminating interference. * Mounting cost and area can be cut in half. * Excellent HFE linearity. * Complementary to HBN2222S6R. * Pb-free package
Equivalent Circuit
HBP2097S6R
Outline
SOT-363R
Tr1
Tr2
The following characteristics apply to both Tr1 and Tr2 Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC Pd Tj Tstg Limits -60 -60 -5 -600 200(total) 150 -55~+150 Unit V V V mA mW C C
(Note)
Note: 150mW per element must not be exceeded.
HBP2907S6R
CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO ICEX *VCE(sat) *VCE(sat) *VBE(sat) *VBE(sat) *hFE 1 *hFE 2 *hFE 3 *hFE 4 *hFE 5 fT Cob Min. -60 -60 -6 75 100 100 100 50 200 Typ. -0.2 -0.5 Max. -10 -50 -0.4 -1.6 -1.3 -2.6 300 8 Unit V V V nA nA V V V V MHz pF
Spec. No. : C317S6R Issued Date : 2006.11.08 Revised Date : Page No. : 2/5
Test Conditions IC=-100A IC=-10mA IE=-10A VCB=-50V VCE=-30V, VBE(OFF)=-0.5V IC=-150mA, IB=-15mA IC=-500mA, IB=-50mA IC=-150mA, IB=-15mA IC=-500mA, IB=-50mA VCE=-10V, IC=-100A VCE=-10V, IC=-1mA VCE=-10V, IC=-10mA VCE=-10V, IC=-150mA VCE=-10V, IC=-500mA VCE=-20V, IC=-50mA, f=100MHz VCB=-30V, IE=0A,f=1MHz
*Pulse Test: Pulse Width 380s, Duty Cycle2%
Ordering Information
Device HBP2907S6R Package SOT-363 (Pb-free) Shipping 3000 pcs / Tape & Reel Marking 2F
HBP2907S6R
CYStek Product Specification
CYStech Electronics Corp.
Characteristic curves
Current Gain vs Collector Current
1000 Saturation Voltage---(mV)
HFE@VCE=3V
Spec. No. : C317S6R Issued Date : 2006.11.08 Revised Date : Page No. : 3/5
Saturation Voltage vs Collector Current
1000
Current Gain---HFE
VCE(SAT)@IC=10IB
100
100
10 0.1 1 10 100 1000 Collector Current---IC(mA)
10 1 10 100 1000 Collector Current---IC(mA)
Saturation Voltage vs Collector Current
1000 Saturation Voltage---(mV) 1
Cutoff Frequency vs Collector Current
VBE(SAT)@IC=10IB
Cutoff Frequency-FT(GHZ)
FT@VCE=5V
100 0.1 1 10 100 Collector Current---IC(mA) 1000
0.1 1 10 Collector Current---IC(mA) 100
Power Derating Curves
250
Power Dissipation---PD(mW)
200 150 100 50 0 0 50
Dual Single
100
150
200
Ambient Temperature --- Ta( )
HBP2907S6R
CYStek Product Specification
CYStech Electronics Corp.
Reel Dimension
Spec. No. : C317S6R Issued Date : 2006.11.08 Revised Date : Page No. : 4/5
Carrier Tape Dimension
HBP2907S6R
CYStek Product Specification
CYStech Electronics Corp.
SOT-363R Dimension
Spec. No. : C317S6R Issued Date : 2006.11.08 Revised Date : Page No. : 5/5
Style: Pin 1. Emitter1 (E1) Pin 2. Base1 (B1) Pin 3. Collector2 (C2) Pin 4. Emitter2 (E2) Pin 5. Base2 (B2) Pin 6. Collector1 (C1)
Marking:
2F
6-Lead SOT-363R Plastic Surface Mounted Package CYStek Package Code: S6R
*:Typical
DIM A B C D G H
Inches Min. Max. 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026BSC 0.004
Millimeters Min. Max. 1.8 2.2 1.15 1.35 0.8 1.1 0.1 0.3 0.65BSC 0.1
DIM J K N S Y
Inches Min. Max. 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087 0.012 0.016
Millimeters Min. Max. 0.1 0.25 0.1 0.30 0.20 REF 2.00 2.40 0.30 0.40
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
HBP2907S6R
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of HBP2907S6R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X