Part Number Hot Search : 
PC250 74LS76N AX6640 2SB14 WC32KTE 2SJ485 WC32KTE SD242P0
Product Description
Full Text Search
 

To Download HBC114ES6R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Dual NPN Digital Transistors
Spec. No. : C351S6R Issued Date : 2003.05.22 Revised Date : Page No. : 1/4
HBC114ES6R
Features
* Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). * The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. * Only the on/off conditions need to be set for operation, making device design easy. *Two DTC114E chips in a SOT-363 package. *Mounting by SOT-323 automatic mounting machines is possible. *Mounting cost and area can be cut in half. *Transistor elements are independent, eliminating interference *Complements the HBA114ES6R
Equivalent Circuit
HBC114ES6R SOT-363R
RBE2 RB2 TR1 RB1 RBE1 TR2
RB1=10k , RB2=10 k RBE1=10k , RBE2=10 k
HBC114ES6R
CYStek Product Specification
CYStech Electronics Corp.
Absolute Maximum Ratings (Each Transistor, Ta=25)
Parameter Supply Voltage Input Voltage Output Current Power Dissipation Junction Temperature Storage Temperature
Note:*1.150mW per element must not be exceeded.
Spec. No. : C351S6R Issued Date : 2003.05.22 Revised Date : Page No. : 2/4
Symbol VCC VIN IO IO(max.) Pd Tj Tstg
Limits 50 -10~+40 50 100 200 *1 150 -55~+150
Unit V V mA mA mW C C
Characteristics (Each Transistor, Ta=25)
Parameter Input Voltage Output Voltage Input Current Output Current DC Current Gain Input Resistance Resistance Ratio Transition Frequency Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Min. 3 30 7 0.8 Typ. 0.1 10 1 250 Max. 0.5 0.3 0.88 0.5 13 1.2 Unit V V V mA A k MHz Test Conditions VCC=5V, IO=100A VO=0.3V, IO=10mA IO/II=10mA/0.5mA VI=5V VCC=50V, VI=0V VO=5V, IO=5mA VCE=10V, IC=5mA, f=100MHz*
* Transition frequency of the device
HBC114ES6R
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
DC Current Gain vs Output Current 1000 Output Voltage---Vo(on)(mV) 1000
Spec. No. : C351S6R Issued Date : 2003.05.22 Revised Date : Page No. : 3/4
Output Voltage vs Output Current
Current Gain---HFE
100
100
Vo=5V
Io/Ii=20
10 1 10 Output Current ---Io(mA) 100
10 1 10 Output Current ---Io(mA) 100
Input Voltage vs Output Current (ON Characteristics) 10 Input Voltage --- Vi(on)(V) Output Current --- Io(mA) Vo=0.3V 100
Output Current vs Input Voltage (OFF Characteristics)
Vcc=5V 10
1
1 0.1 1 10 100 Output Current --- Io(mA)
0.1 0.1 1 Input Voltage --- Vi(off)(V) 10
Power Derating Curves
250
Power Dissipation---(mW)
Dual
200 150 100 50 0 0 50
S ingle
100
150
200
CYStek Product Specification
Ambient Temperature---TA()
HBC114ES6R
CYStech Electronics Corp.
SOT-363R Dimension
Spec. No. : C351S6R Issued Date : 2003.05.22 Revised Date : Page No. : 4/4
Style: Pin 1. Emitter1 (E1) Pin 2. Base1 (B1) Pin 3. Collector2 (C2) Pin 4. Emitter2 (E2) Pin 5. Base2 (B2) Pin 6. Collector1 (C1)
Marking:
7A
6-Lead SOT-363R Plastic Surface Mounted Package CYStek Package Code: S6R
*:Typical
DIM A B C D G H
Inches Min. Max. 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026BSC 0.004
Millimeters Min. Max. 1.8 2.2 1.15 1.35 0.8 1.1 0.1 0.3 0.65BSC 0.1
DIM J K N S Y
Inches Min. Max. 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087 0.012 0.016
Millimeters Min. Max. 0.1 0.25 0.1 0.30 0.20 REF 2.00 2.20 0.30 0.40
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
HBC114ES6R
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of HBC114ES6R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X