Part Number Hot Search : 
CM1638 MPC82 P16N25E EA87FL33 N6631 HFS8N70S 100RJ 8030B
Product Description
Full Text Search
 

To Download HAS600-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducers HAS 50..600-P
For the electronic measurement of currents: DC, AC, pulsed, mixed, with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN
= 50..600 A
VOUT = 4 V
Electrical data
Primary nominal current rms IPN (A) 50 100 200 300 400 500 600 Primary current, measuring range IPM (A) 150 300 600 900 900 900 900 Type RoHS since date code 46065 46062 planned planned 46131 46216 planned
HAS HAS HAS HAS HAS HAS HAS
50-P 100-P 200-P 300-P 400-P 500-P 600-P
Features
* Hall effect measuring principle * Galvanic isolation between primary * Isolation voltage 3000 V~ * Low power consumption * Extended measuring range (3 x IPN) * Insulated plastic case made of
polycarbonate PBT recognized according to UL 94-V0 * Right angle pins for direct PCB mounting and secondary circuit
VC IC IP Vd Vb RIS VOUT ROUT RL
Supply voltage ( 5 %) Current consumption Overload capability Rms voltage for AC isolation test, 50 Hz, 1 min Rated isolation voltage rms, safe separation Isolation resistance @ 500 VDC Output voltage (Analog)@ IPN, RL = 10 k, TA = 25C Output internal resistance approx. Load resistance 6)
15 V 15 mA 30,000 At 3 kV 5001) V > 1000 M 4 V 40 mV 100 >1 k
Accuracy - Dynamic performance data
X
Advantages
<1 % < 1 % of IPN < 20 mV < 20 mV <2 mV/K <1 mV/K < 0.1 %/K <3 s > 50 A/s DC .. 50 kHz
L
VOE VOH TCVOE TCVOUT tr di/dt BW
Accuracy @ IPN, TA = 25C (excluding offset) Linearity error 2) (0 .. IPN) Electrical offset voltage, TA = 25C Hysteresis offset voltage @ IP = 0, after an excursion of 1 x IPN Temperature coefficient of VOE HAS 50-P HAS 100..600-P Temperature coefficient of VOUT (% of reading) Response time to 90% of IPN step di/dt accurately followed Frequency bandwidth (small signal, -3dB) 3) 4)
* Easy mounting * Small size and space saving * Only one design for wide current * High immunity to external
interference. ratings range
Applications
* AC variable speed drives * Static converters for DC motor drives * Battery supplied applications * Uninterruptible Power Supplies * Switched Mode Power Supplies * Power supplies for welding
applications. (SMPS) (UPS)
General data
TA TS m Notes :
1) 2) 3)
Ambient operating temperature Ambient storage temperature Mass Standards 5)
- 10 .. + 80 C - 25 .. + 85 C approx. 80 g EN 50082-2
4) 5)
6)
Pollution class 2, overvoltage category III. Linearity data exclude the electrical offset. Please refer to derating curves in the technical file to avoid excessive core heating at high frequency. Amorphous core option for high frequency application. Please consult characterisation report for more technical details and application advice. If the customer uses 1k of the load resistor, the primary current has to be limited as the nominal.
Application Domain
* Industrial
Page 1/2
061019/3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Dimensions HAS 50..600-P (in mm. 1 mm = 0.0394 inch)
PINS ARRANGEMENT 1. 2. 3. 4. +15V -15V OUTPUT 0V
4-
0.64
3
Mechanical characteristics
* General tolerance
0.5 mm
Safety
This transducer must be used in electric/electronic equipment with respect to applicable standards and safety requirements in accordance with the following manufacturer's operating instructions.
Caution, risk of electrical shock When operating the transducer, certain parts of the module can carry hazardous voltage (eg. primary busbar, power supply). Ignoring this warning can lead to injury and/or cause serious damage. This transducer is a built-in device, whose conducting parts must be inaccessible after installation. A protective housing or additional shield could be used. Main supply must be able to be disconnected.
Page 2/2 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
061019/3
www.lem.com


▲Up To Search▲   

 
Price & Availability of HAS600-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X