Part Number Hot Search : 
LVG32643 FP205 BGY88 SB1020 7808V 29152 80N6F M5321
Product Description
Full Text Search
 

To Download HA2-2600-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
HA-2600
Data Sheet January 16, 2006 FN2902.7
12MHz, High Input Impedance Operational Amplifier
HA-2600 is an internally compensated bipolar operational amplifier that features very high input impedance (500M) coupled with wideband AC performance. The high resistance of the input stage is complemented by low offset voltage (0.5mV) and low bias and offset current (1nA) to facilitate accurate signal processing. Input offset can be reduced further by means of an external nulling potentiometer. 12MHz unity gain-bandwidth, 7V/s slew rate and 150kV/V open-loop gain enables the HA-2600 to perform high-gain amplification of fast, wideband signals. These dynamic characteristics, coupled with fast settling times, make this amplifier ideally suited to pulse amplification designs as well as high frequency (e.g. video) applications. The frequency response of the amplifier can be tailored to exact design requirements by means of an external bandwidth control capacitor. In addition to its application in pulse and video amplifier designs, the HA-2600 is particularly suited to other high performance designs such as high-gain low distortion audio amplifiers, high-Q and wideband active filters and highspeed comparators.
Features
* Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12MHz * High Input Impedance . . . . . . . . . . . . . . . . . . . . . 500M * Low Input Bias Current. . . . . . . . . . . . . . . . . . . . . . . . 1nA * Low Input Offset Current . . . . . . . . . . . . . . . . . . . . . . 1nA * Low Input Offset Voltage . . . . . . . . . . . . . . . . . . . . 0.5mV * High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150kV/V * Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V/s * Output Short Circuit Protection * Unity Gain Stable
Applications
* Video Amplifier * Pulse Amplifier * Audio Amplifiers and Filters * High-Q Active Filters * High-Speed Comparators * Low Distortion Oscillators
Ordering Information
PART NUMBER PART MARKING TEMP. RANGE (C) -55 to 125 PACKAGE PKG. DWG. #
Pinout
HA-2600 (METAL CAN) TOP VIEW
COMP 8 BAL 1 -IN 2 3 4 V7 V+ 6 OUT 5 BAL
HA2-2600-2 HA2-2600-2
8 Pin Metal Can T8.C
+
-
+IN
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2002, 2006. All Rights Reserved
HA-2600
Absolute Maximum Ratings
Supply Voltage Between V+ and V- Terminals . . . . . . . . . . . . . 45V Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V Peak Output Current . . . . . . . . . . . . . . . Full Short Circuit Protection
Thermal Information
Thermal Resistance (Typical, Note 1) JA (C/W) JC (C/W) Metal Can Package . . . . . . . . . . . . . . . 165 80 Maximum Junction Temperature (Hermetic Package) . . . . . . . . 175C Maximum Storage Temperature Range . . . . . . . . . -65C to 150C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300C
Operating Conditions
Temperature Range HA-2600-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55C to 125C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
VSUPPLY = 15V, Unless Otherwise Specified TEMP. (C) MIN TYP MAX UNITS
PARAMETER INPUT CHARACTERISTICS Offset Voltage
25 Full
100 11
0.5 2 5 1 10 1 5 500 11 0.16 12
4 6 10 30 10 30 -
mV mV V/C nA nA nA nA M nV/Hz pA/Hz V
Average Offset Voltage Drift Bias Current
Full 25 Full
Offset Current
25 Full
Differential Input Resistance (Note 11) Input Noise Voltage Density (f = 1kHz) Input Noise Current Density (f = 1kHz) Common Mode Range TRANSFER CHARACTERISTICS Large Signal Voltage Gain (Notes 2, 5)
25 25 25 Full
25 Full
100 70 80 1 -
150 100 12
-
kV/V kV/V dB V/V MHz
Common Mode Rejection Ratio (Note 3) Minimum Stable Gain Gain Bandwidth Product (Note 4) OUTPUT CHARACTERISTICS Output Voltage Swing (Note 2) Output Current (Note 5) Full Power Bandwidth (Notes 5, 12) TRANSIENT RESPONSE (Note 11) Rise Time (Notes 2, 6, 7, 8) Overshoot (Notes 2, 6, 7, 9) Slew Rate (Notes 2, 6, 8, 13) Settling Time (Notes 2, 6, 14)
Full 25 25
Full 25 25
10 15 50
12 22 75
-
V mA kHz
25 25 25 25
4 -
30 25 7 1.5
60 40 -
ns % V/s s
2
FN2902.7 January 16, 2006
HA-2600
Electrical Specifications
VSUPPLY = 15V, Unless Otherwise Specified (Continued) TEMP. (C) MIN TYP MAX UNITS
PARAMETER POWER SUPPLY CHARACTERISTICS Supply Current Power Supply Rejection Ratio (Note 10) NOTES: 2. RL = 2k. 3. VCM = 10V. 4. VOUT < 90mV. 5. VOUT = 10V. 6. CL = 100pF. 7. VOUT = 200mV. 8. AV = +1. 9. See Transient Response Test Circuits and Waveforms. 10. VS = 5V.
25 Full
80
3 90
3.7 -
mA dB
11. This parameter value guaranteed by design calculations. Slew Rate 12. Full Power Bandwidth guaranteed by slew rate measurement: FPBW = --------------------------- . 2V PEAK = 5V 13. V
OUT
14. Settling time is characterized at AV = -1 to 0.1% of a 10V step.
Test Circuits and Waveforms
200mV INPUT 0V 200mV 90% OUTPUT 10% 0V +5V INPUT -5V +5V 90% OUTPUT 10% -5V t V SLEW RATE =V/t
RISE TIME
NOTE: Measured on both positive and negative transitions from 0V to +200mV and 0V to -200mV at the output. FIGURE 1. TRANSIENT RESPONSE
FIGURE 2. SLEW RATE
V+ 100k RT
IN IN + OUT 2k 100pF
BAL
OUT COMP VCC
-
NOTE: Tested offset adjustment range is |VOS + 1mV| minimum referred to output. Typical ranges are 10mV with RT = 100k. FIGURE 3. SLEW RATE AND TRANSIENT RESPONSE TEST CIRCUIT FIGURE 4. SUGGESTED VOS ADJUSTMENT AND COMPENSATION HOOK UP
3
FN2902.7 January 16, 2006
HA-2600 Schematic Diagram
COMPENSATION V+ BAL R1 1K Q1 Q3 Q4 Q2 Q40 R2 4.18K R3 1.56K R4 1.56K BAL Q39 Q38 Q37 Q6 Q7 Q11 Q9 Q10 Q13 Q12 Q17 Q18 Q15 R7 1.35 R19 2.5K RP1 R8 1K Q20 R9 4.5K R10 2.0K Q27 Q24 Q46 Q19 Q21 Q22 Q23 Q49 C1 16pF R12 1.6K R13 1.6K R11 4.0K Q48 Q50 R14 2.1K R15 800 Q51 R16 15 VQ45 Q47 Q52 Q26 Q25 C4 4pF C2 9pF Q41 Q42 R5 600 Q60 Q61 R6 15
C3 16pF
Q59 Q58
Q5 +INPUT Q8
Q30 Q29
Q31 Q28
Q36 Q32
Q35 Q33 Q43
Q57 R18 30 R17 30 OUT
Q44
Q55
Q54
Q56 Q53
Q16
-INPUT
Typical Applications
5pF +5V SILICON PHOTO DIODE IP = 50A IB = 1nA 6V + R = 40k IN + HA-2600 OUT +15V
HA-2600 + BAL
VO = -R(IP IB) 50pF (NOTE) +6V 1s DIGITAL CONTROL +2V MULTIPLEXER
C
-
50pF (NOTE) -15V
FEATURES: 1. Constant cell voltage. 2. Minimum bias current error.
V+
DRIFT RATE =
IBIAS C
If C = 1000pF Then DRIFT = 0.01V/s (Max)
NOTE: A small load capacitance is recommended in all applications where practical to prevent possible high frequency oscillations resulting from external wiring parasitics. Capacitance up to 100pF has negligible effect on the bandwidth or slew rate. FIGURE 5. PHOTO CURRENT TO VOLTAGE CONVERTER FIGURE 6. SAMPLE AND HOLD
4
FN2902.7 January 16, 2006
HA-2600 Typical Applications
R2 R1 HA-2600 + VREF IBIAS V+ -15V BAL
(Continued)
+15V
-
R 2 V O = 1 + ------ V REF R 1
50pF (NOTE)
IN
+ HA-2600
OUT
-
50pF (NOTE)
FEATURES: 1. Minimum bias current in reference cell. 2. Short Circuit Protection.
FEATURES 1. ZIN = 1012 (Min). 2. ZOUT = 0.01 (Max), B.W. = 12MHz (Typ). 3. Slew Rate = 4V/s (Min), Output Swing = 10V (Min) to 50kHz.
NOTE: A small load capacitance is recommended in all applications where practical to prevent possible high frequency oscillations resulting from external wiring parasitics. Capacitance up to 100pF has negligible effect on the bandwidth or slew rate. FIGURE 7. REFERENCE VOLTAGE AMPLIFIER FIGURE 8. VOLTAGE FOLLOWER
Typical Performance Curves
15 10 5 0 -5 BIAS -10 -15 OFFSET
VS = 15V, TA = 25C, Unless Otherwise Specified
100 EQUIVALENT INPUT NOISE vs BANDWIDTH
EQUIVALENT INPUT NOISE (V)
CURRENT (nA)
10
10k SOURCE RESISTANCE
1
0 SOURCE RESISTANCE
THERMAL NOISE OF 10K RESISTOR 0.1 100Hz 1kHz 10kHz 100kHz 1MHz 10MHz
-50
-25
0
25
50
75
100 125
TEMPERATURE (C)
UPPER 3dB FREQUENCY (LOWER 3dB FREQUENCY = 10Hz)
FIGURE 9. INPUT BIAS CURRENT AND OFFSET CURRENT vs TEMPERATURE
FIGURE 10. BROADBAND NOISE CHARACTERISTICS
120 OPEN LOOP VOLTAGE GAIN (dB) 100 80 GAIN 60 40 20 0 -20 10Hz 100Hz PHASE 60 100 140 180 PHASE ANGLE (DEGREES) 0 20 1000 800 IMPEDANCE (M) 600 400 200 0 -55
1kHz
10kHz 100kHz FREQUENCY
1MHz 10MHz 100MHz
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (C)
FIGURE 11. OPEN LOOP FREQUENCY RESPONSE
FIGURE 12. INPUT IMPEDANCE vs TEMPERATURE (100Hz)
5
FN2902.7 January 16, 2006
HA-2600 Typical Performance Curves
VS = 15V, TA = 25C, Unless Otherwise Specified
120 100 80 60 40 20 0 -20 10Hz 100pF 300pF 1000pF 0pF 10pF 30pF
(Continued)
20 10 PEAK VOLTAGE SWING (V)
1 20V SUPPLY 15V SUPPLY 10V SUPPLY 5V SUPPLY
0.1
OPEN LOOP VOLTAGE GAIN (dB)
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
FREQUENCY (Hz) 0.01 10kHz 100kHz 1MHz FREQUENCY 10MHz 100MHz
1. External compensation components are not required for stability, but may be added to reduce bandwidth if desired. If External Compensation is used, also connect 100pF capacitor from output to ground. FIGURE 14. OPEN LOOP FREQUENCY RESPONSE FOR VARIOUS VALUES OF CAPACITORS FROM COMPENSATION PIN TO GROUND
FIGURE 13. OUTPUT VOLTAGE SWING vs FREQUENCY
20 COMMON MODE RANGE (V) -55C TO 125C
120
20V SUPPLY 15 GAIN (dB) 15V SUPPLY 10V SUPPLY
10
100
5V SUPPLY 5
5
10 15 SUPPLY VOLTAGE (V)
20
80 -55
-35
-15
5 25 45 65 TEMPERATURE (C)
85
105
125
FIGURE 15. COMMON MODE VOLTAGE RANGE vs SUPPLY VOLTAGE
FIGURE 16. OPEN LOOP VOLTAGE GAIN vs TEMPERATURE
6
FN2902.7 January 16, 2006
HA-2600 Typical Performance Curves
120 COMMON MODE REJECTION RATIO (dB) 100 80 60 40 20 0 100Hz INPUT NOISE VOLTAGE (nV/Hz)
VS = 15V, TA = 25C, Unless Otherwise Specified
1000
(Continued)
10 INPUT NOISE CURRENT (pA/Hz)
100
INPUT NOISE CURRENT
1
10 INPUT NOISE VOLTAGE
0.1
1kHz
10kHz FREQUENCY
100kHz
1MHz
1
1
10
100 1K FREQUENCY (Hz)
10K
0.01 100K
FIGURE 17. COMMON MODE REJECTION RATIO vs FREQUENCY
FIGURE 18. NOISE DENSITY vs FREQUENCY
7
FN2902.7 January 16, 2006
HA-2600 Die Characteristics
SUBSTRATE POTENTIAL (Powered Up): Unbiased TRANSISTOR COUNT: 140 PROCESS: Bipolar Dielectric Isolation
Metallization Mask Layout
HA-2600
+IN -IN
BAL
V-
COMP
BAL
V+
OUT
8
FN2902.7 January 16, 2006
HA-2600 Metal Can Packages (Can)
REFERENCE PLANE A L L2 L1 A A OD OD1 Oe 2 1 Ob1 F Q Ob BASE AND SEATING PLANE BASE METAL LEAD FINISH N k1 OD2
T8.C MIL-STD-1835 MACY1-X8 (A1)
e1 8 LEAD METAL CAN PACKAGE INCHES SYMBOL A Ob Ob1 Ob2 OD OD1
k C L
MILLIMETERS MIN 4.19 0.41 0.41 0.41 8.51 7.75 2.79 MAX 4.70 0.48 0.53 0.61 9.40 8.51 4.06 NOTES 1 1 2 1 1 1 3 3 4 Rev. 0 5/18/94
MIN 0.165 0.016 0.016 0.016 0.335 0.305 0.110
MAX 0.185 0.019 0.021 0.024 0.375 0.335 0.160
OD2 e e1 F k k1 L L1 L2 Q
0.200 BSC 0.100 BSC 0.027 0.027 0.500 0.250 0.010 45o BSC 45o BSC 8 0.040 0.034 0.045 0.750 0.050 0.045 -
5.08 BSC 2.54 BSC 1.02 0.86 1.14 19.05 1.27 1.14
0.69 0.69 12.70 6.35 0.25
Ob1
Ob2
SECTION A-A
NOTES: 1. (All leads) Ob applies between L1 and L2. Ob1 applies between L2 and 0.500 from the reference plane. Diameter is uncontrolled in L1 and beyond 0.500 from the reference plane. 2. Measured from maximum diameter of the product. 3. is the basic spacing from the centerline of the tab to terminal 1 and is the basic spacing of each lead or lead position (N -1 places) from , looking at the bottom of the package. 4. N is the maximum number of terminal positions. 5. Dimensioning and tolerancing per ANSI Y14.5M - 1982. 6. Controlling dimension: INCH.
N
45o BSC 45o BSC 8
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 9
FN2902.7 January 16, 2006


▲Up To Search▲   

 
Price & Availability of HA2-2600-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X