Part Number Hot Search : 
MCZ33 SP3232E TK13A60D RM126 1H681 03EDK3 P6KE47 UPRA2C5P
Product Description
Full Text Search
 

To Download H2N5366 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6275-A Issued Date : 1999.02.01 Revised Date : 2000.09.15 Page No. : 1/3
H2N5366
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The H2N5366 is designed for general purpose applications requiring high breakdown voltages.
Features
* This device was designed for use as general purpose amplifier and switches.
Absolute Maximum Ratings
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature ................................................................................... +150 C Maximum * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ............................................................................... 400 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ....................................................................................... -40 V VCEO Collector to Emitter Voltage .................................................................................... -40 V VEBO Emitter to Base Voltage ............................................................................................ -4 V IC Collector Current ...................................................................................................... -500 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat)1 *VCE(sat)2 *VBE(sat)1 *VBE(sat)2 *hFE1 *hFE2 *hFE3 fT Cob Min. -40 -40 -4 80 100 40 Typ. Max. -100 -100 -250 -1 -1.1 -2 10 Unit V V V nA nA mV V V V Test Conditions IC=-100uA, IE=0 IC=-1mA, IB=0 IE=-10uA, IC=0 VCB=-45V, IE=0 VEB=-3V. IC=0 IC=-50mA, IB=-5mA IC=-300mA, IB=-30mA IC=-50mA, IB=-5mA IC=-300mA, IB=-30mA VCE=-1V, IC=-2mA VCE=-1V, IC=-50mA VCE=-5V, IC=-300mA VCE=-10V, IC=-10mA, f=100MHz VCB=-10V, f=1MHz
*Pulse Test : Pulse Width 380us, Duty Cycle2%
MHz PF
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 10000
Spec. No. : HE6275-A Issued Date : 1999.02.01 Revised Date : 2000.09.15 Page No. : 2/3
Saturation Voltage & Collector Current
VCE=5V 100 VCE=1V
Saturation Voltage (mV)
1000
hFE
10
100
VCE(sat) @ IC=10IB 1 1 10 100 1000 10 1 10 100 1000
Collector Current (mA)
Collector Current (mA)
Saturation Voltage & Collector Current
10000 100
Capacitance & Reverse-Biased Voltage
Saturation Voltage (mV)
Capacitance (Pf)
1000
10
VBE(sat) @ IC=10IB
Cob
100 1 10 100 1000
1 1 10 100
Collector Current (mA)
Reverse Biased Voltage (V)
Safe Operating Area
10 PT=1ms 450 400
PD-Ta
Collector Current (mA)
1
PT=100ms PT=1s
Power Dissipation-PD(mW)
350 300 250 200 150 100 50
0.1
0.01 1 10 100
0 0 50 100
o
150
200
Forward Voltage (V)
Ambient Temperature-Ta( C)
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-92 Dimension
A B
12 3
Spec. No. : HE6275-A Issued Date : 1999.02.01 Revised Date : 2000.09.15 Page No. : 3/3
2
Marking :
HSMC Logo Part Number Date Code Rank Product Series
3
Laser Mark
HSMC Logo Product Series
C
D
Part Number
H I E F
G
Ink Mark Style : Pin 1.Emitter 2.Collector 3.Base
1
3-Lead TO-92 Plastic Package HSMC Package Code : A
*:Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes : 1.Dimension and tolerance based on our Spec. dated Apr. 25,1996.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of H2N5366

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X