Part Number Hot Search : 
FSS104 00111 P6KE200C HZK11A A1603 SMTHDT80 CEFB202 5KP45
Product Description
Full Text Search
 

To Download H11A5M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4NXXM, H11AXM General Purpose 6-Pin Phototransistor Optocouplers
March 2007
4N25M, 4N26M, 4N27M, 4N28M, 4N35M, 4N36M, 4N37M, H11A1M, H11A2M, H11A3M, H11A4M, H11A5M General Purpose 6-Pin Phototransistor Optocouplers
Features
UL recognized (File # E90700, Volume 2) VDE recognized (File # 102497)
tm
Description
The general purpose optocouplers consist of a gallium arsenide infrared emitting diode driving a silicon phototransistor in a 6-pin dual in-line package.
- Add option V (e.g., 4N25VM)
Applications
Power supply regulators Digital logic inputs Microprocessor inputs
Functional Block Diagram
1 6
6
2 5
1
6 1
3
NC
4
6
PIN 1. ANODE 2. CATHODE 3. NO CONNECTION 4. EMITTER 5. COLLECTOR 6. BASE
1
(c)2005 Fairchild Semiconductor Corporation 4NXXM, H11AXM Rev. 1.0.0
www.fairchildsemi.com
4NXXM, H11AXM General Purpose 6-Pin Phototransistor Optocouplers
Absolute Maximum Ratings (TA = 25C unless otherwise specified)
Symbol
TOTAL DEVICE TSTG TOPR TSOL PD EMITTER IF VR IF(pk) PD DETECTOR VCEO VCBO VECO PD Collector-Emitter Voltage Collector-Base Voltage Emitter-Collector Voltage Detector Power Dissipation @ TA = 25C Derate above 25C 30 70 7 150 1.76 V V V mW mW/C DC/Average Forward Input Current Reverse Input Voltage Forward Current - Peak (300s, 2% Duty Cycle) LED Power Dissipation @ TA = 25C Derate above 25C 60 6 3 120 1.41 mA V A mW mW/C Storage Temperature Operating Temperature Wave solder temperature (see page 8 for reflow solder profile) Total Device Power Dissipation @ TA = 25C Derate above 25C -55 to +150 -55 to +100 260 for 10 sec 250 2.94 C C C mW
Parameter
Value
Units
Electrical Characteristics (TA = 25C unless otherwise specified)
Individual Component Characteristics Symbol
EMITTER VF IR DETECTOR BVCEO BVCBO BVECO ICEO ICBO CCE Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Dark Current Collector-Base Dark Current Capacitance IC = 1.0mA, IF = 0 IC = 100A, IF = 0 IE = 100A, IF = 0 VCE = 10V, IF = 0 VCB = 10V VCE = 0V, f = 1 MHz 8 30 70 7 100 120 10 1 50 20 V V V nA nA pF Input Forward Voltage Reverse Leakage Current IF = 10mA VR = 6.0V 1.18 0.001 1.50 10 V A
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
Isolation Characteristics Symbol
VISO RISO CISO
Characteristic
Input-Output Isolation Voltage Isolation Resistance Isolation Capacitance
Test Conditions
f = 60Hz, t = 1 sec VI-O = 500 VDC VI-O = &, f = 1MHz
Min.
7500 1011
Typ.* Max.
Units
Vac(pk)
0.2
2
pF
*Typical values at TA = 25C
(c)2005 Fairchild Semiconductor Corporation 4NXXM, H11AXM Rev. 1.0.0 www.fairchildsemi.com 2
4NXXM, H11AXM General Purpose 6-Pin Phototransistor Optocouplers
Electrical Characteristics (Continued) (TA = 25C unless otherwise specified)
Transfer Characteristics Symbol
CTR
Parameter
Current Transfer Ratio, Collector to Emitter
Test Conditions
IF = 10mA, VCE = 10V
Device
4N35M, 4N36M, 4N37M H11A1M H11A5M 4N25M, 4N26M H11A2M, H11A3M 4N27M, 4N28M H11A4M
Min. Typ.* Max.
100 50 30 20 10 40 40 0.5 0.3 0.4
Unit
%
DC CHARACTERISTICS
IF = 10mA, VCE = 10V, TA = -55C IF = 10mA, VCE = 10V, TA = +100C VCE (SAT) Collector-Emitter Saturation Voltage IC = 2mA, IF = 50mA IC = 0.5mA, IF = 10mA
4N35M, 4N36M, 4N37M 4N35M, 4N36M, 4N37M 4N25M, 4N26M, 4N27M, 4N28M, 4N35M, 4N36M, 4N37M H11A1M, H11A2M, H11A3M, H11A4M, H11A5M
V
AC CHARACTERISTICS TON Non-Saturated Turn-on Time IF = 10mA, VCC = 10V, RL = 100 (Fig. 11) 4N25M, 4N26M, 4N27M, 4N28M, H11A1M, H11A2M, H11A3M, H11A4, H11A5M 4N35M, 4N36M, 4N37M 4N25M, 4N26M, 4N27M, 4N28M, H11A1M, H11A2M, H11A3M, H11A4M, H11A5M 4N35M, 4N36M, 4N37M 2 s
IC = 2mA, VCC = 10V, RL = 100 (Fig. 11) TOFF Turn-off Time IF = 10mA, VCC = 10V, RL = 100 (Fig. 11)
2 2
10
s s
IC = 2mA, VCC = 10V, RL = 100 (Fig. 11) * Typical values at TA = 25C
2
10
(c)2005 Fairchild Semiconductor Corporation 4NXXM, H11AXM Rev. 1.0.0
www.fairchildsemi.com 3
4NXXM, H11AXM General Purpose 6-Pin Phototransistor Optocouplers
Typical Performance Curves
Fig. 1 LED Forward Voltage vs. Forward Current
1.8 1.6
Fig.2 Normalized CTR vs. Forward Current
VCE = 5.0V TA = 25C Normalized to IF = 10 mA
1.7
1.4
VF - FORWARD VOLTAGE (V)
1.6
1.2
1.5
NORMALIZED CTR
100
1.0
1.4
TA = -55C
0.8
1.3 TA = 25C 1.2 TA = 100C 1.1
0.6
0.4
0.2
1.0 1 10
0.0 0 2 4 6 8 10 12 14 16 18 20
IF - LED FORWARD CURRENT (mA)
IF - FORWARD CURRENT (mA)
Fig. 3 Normalized CTR vs. Ambient Temperature
1.4 1.0
Fig. 4 CTR vs. RBE (Unsaturated)
NORMALIZED CTR ( CTRRBE / CTRRBE(OPEN))
0.9 0.8 IF = 10 mA 0.7 IF = 5 mA 0.6 0.5 0.4 0.3 0.2 VCE= 5.0 V 0.1 0.0 IF = 20 mA
1.2 IF = 5 mA
NORMALIZED CTR
1.0 IF = 10 mA 0.8
0.6
IF = 20 mA
0.4
Normalized to IF = 10 mA TA = 25C
0.2 -60
-40
-20
0
20
40
60
80
100
10
100
1000
TA - AMBIENT TEMPERATURE (C)
RBE- BASE RESISTANCE (k)
Fig. 5 CTR vs. RBE (Saturated)
1.0
Fig. 6 Collector-Emitter Saturation Voltage vs. Collector Current
100
NORMALIZED CTR ( CTRRBE / CTRRBE(OPEN))
0.9 VCE= 0.3 V 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 10 100 1000 0.001 0.01 IF = 5 mA IF = 10 mA IF = 20 mA
VCE (SAT) - COLLECTOR-EMITTER SATURATION VOLTAGE (V)
TA = 25C
10
1 IF = 2.5 mA
0.1
0.01
IF = 5 mA IF = 10 mA
IF = 20 mA
0.1
1
10
RBE- BASE RESISTANCE (k )
IC - COLLECTOR CURRENT (mA)
(c)2005 Fairchild Semiconductor Corporation 4NXXM, H11AXM Rev. 1.0.0
www.fairchildsemi.com 4
4NXXM, H11AXM General Purpose 6-Pin Phototransistor Optocouplers
Fig. 7 Switching Speed vs. Load Resistor
1000 IF = 10 mA VCC = 10 V TA = 25C 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 10
Fig. 8 Normalized ton vs. RBE
SWITCHING SPEED - (s)
100
10
Toff
Tf
Ton
1
Tr
0.1 0.1 1 10 100
NORMALIZED ton - (ton(RBE) / ton(open))
VCC = 10 V IC = 2 mA RL = 100
100
1000
10000
100000
R-LOAD RESISTOR (k)
RBE- BASE RESISTANCE (k )
Fig. 9 Normalized toff vs. RBE
1.4 1.3
Fig. 10 Dark Current vs. Ambient Temperature
ICEO - COLLECTOR -EMITTER DARK CURRENT (nA)
10000
VCE = 10 V TA = 25C
NORMALIZED toff - (toff(RBE) / toff(open))
1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 10 100 1000 10000 100000 VCC = 10 V IC = 2 mA RL = 100
1000
100
10
1
0.1
0.01
0.001
0
20
40
60
80
100
RBE- BASE RESISTANCE (k )
TA - AMBIENT TEMPERATURE (C)
TEST CIRCUIT
VCC = 10V
WAVE FORMS
INPUT PULSE
IF INPUT RBE
IC
RL
10% 90% tr ton Adjust IF to produce IC = 2 mA tf toff OUTPUT PULSE
OUTPUT
Figure 11. Switching Time Test Circuit and Waveforms
(c)2005 Fairchild Semiconductor Corporation 4NXXM, H11AXM Rev. 1.0.0
www.fairchildsemi.com 5
4NXXM, H11AXM General Purpose 6-Pin Phototransistor Optocouplers
Package Dimensions
Through Hole
0.350 (8.89) 0.320 (8.13) Pin 1 ID
Surface Mount
0.350 (8.89) 0.320 (8.13) PIN 1 ID
0.260 (6.60) 0.240 (6.10)
0.260 (6.60) 0.240 (6.10)
0.390 (9.90) 0.332 (8.43)
SEATING PLANE
0.070 (1.77) 0.040 (1.02)
SEATING PLANE
0.014 (0.36) 0.010 (0.25)
0.320 (8.13)
0.070 (1.77) 0.040 (1.02) 0.014 (0.36) 0.010 (0.25)
0.320 (8.13)
0.200 (5.08) 0.115 (2.93)
0.200 (5.08) 0.115 (2.93)
0.012 (0.30) 0.008 (0.20)
0.100 (2.54) 0.015 (0.38) 0.020 (0.50) 0.016 (0.41) 0.100 (2.54) 15 0.012 (0.30)
0.025 (0.63) 0.020 (0.51) 0.020 (0.50) 0.016 (0.41)
0.100 [2.54] 0.035 (0.88) 0.006 (0.16)
0.4" Lead Spacing
0.350 (8.89) 0.320 (8.13) PIN 1 ID
Recommended Pad Layout for Surface Mount Leadform
0.070 (1.78)
0.060 (1.52)
0.260 (6.60) 0.240 (6.10)
0.425 (10.79)
0.070 (1.77) 0.040 (1.02) SEATING PLANE
0.100 (2.54) 0.305 (7.75) 0.030 (0.76)
0.014 (0.36) 0.010 (0.25)
0.200 (5.08) 0.115 (2.93)
0.100 (2.54) 0.015 (0.38) 0.020 (0.50) 0.016 (0.41) 0.100 [2.54] 0.012 (0.30) 0.008 (0.21) 0.425 (10.80) 0.400 (10.16)
Note: All dimensions are in inches (millimeters)
(c)2005 Fairchild Semiconductor Corporation 4NXXM, H11AXM Rev. 1.0.0
www.fairchildsemi.com 6
4NXXM, H11AXM General Purpose 6-Pin Phototransistor Optocouplers
Ordering Information
Option
No option S SR2 T V TV SV SR2V
Order Entry Identifier (Example)
4N25M 4N25SM 4N25SR2M 4N25TM 4N25VM 4N25TVM 4N25SVM 4N25SR2VM
Description
Standard Through Hole Device Surface Mount Lead Bend Surface Mount; Tape and Reel 0.4" Lead Spacing VDE 0884 VDE 0884, 0.4" Lead Spacing VDE 0884, Surface Mount VDE 0884, Surface Mount, Tape and Reel
Marking Information
1
4N25 V
3 4
2 6
X YY Q
5
Definitions
1 2 3 4 5 6 Fairchild logo Device number VDE mark (Note: Only appears on parts ordered with VDE option - See order entry table) One digit year code, e.g., `7' Two digit work week ranging from `01' to `53' Assembly package code
*Note - Parts that do not have the `V' option (see definition 3 above) that are marked with date code `325' or earlier are marked in portrait format.
(c)2005 Fairchild Semiconductor Corporation 4NXXM, H11AXM Rev. 1.0.0
www.fairchildsemi.com 7
4NXXM, H11AXM General Purpose 6-Pin Phototransistor Optocouplers
Carrier Tape Specification
12.0 0.1 4.5 0.20 2.0 0.05 0.30 0.05 4.0 0.1 O1.5 MIN 1.75 0.10
11.5 1.0 21.0 0.1 9.1 0.20 24.0 0.3
0.1 MAX
10.1 0.20
O1.5 0.1/-0
User Direction of Feed
Reflow Profile
300 280 260 240 220 200 180 160 C 140 120 100 80 60 40 20 0 0
260C >245C = 42 Sec
Time above 183C = 90 Sec 1.822C/Sec Ramp up rate
33 Sec 60 120 180 270 360
Time (s)
(c)2005 Fairchild Semiconductor Corporation 4NXXM, H11AXM Rev. 1.0.0
www.fairchildsemi.com 8
4NXXM, H11AXM General Purpose 6-Pin Phototransistor Optocouplers
TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACEx Across the board. Around the world. ActiveArray Bottomless Build it Now CoolFET CROSSVOLT CTLTM Current Transfer LogicTM DOME 2 E CMOS (R) EcoSPARK EnSigna FACT Quiet SeriesTM (R) FACT (R) FAST FASTr FPS (R) FRFET GlobalOptoisolator GTO
(R)
HiSeC i-Lo ImpliedDisconnect IntelliMAX ISOPLANAR MICROCOUPLER MicroPak MICROWIRE MSX MSXPro OCX OCXPro (R) OPTOLOGIC (R) OPTOPLANAR PACMAN POP (R) Power220 (R) Power247 PowerEdge PowerSaver (R) PowerTrench
Programmable Active Droop (R) QFET QS QT Optoelectronics Quiet Series RapidConfigure RapidConnect ScalarPump SMART START (R) SPM STEALTHTM SuperFET SuperSOT -3 SuperSOT -6 SuperSOT -8 SyncFETTM TCM (R) The Power Franchise
TM
TinyLogic TINYOPTO TinyPower TinyWire TruTranslation SerDes (R) UHC UniFET VCX Wire
(R)
TinyBoost TinyBuck
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild Semiconductor. The datasheet is printed for reference information only.
Rev. I24
2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2005 Fairchild Semiconductor Corporation 4NXXM, H11AXM Rev. 1.0.0
www.fairchildsemi.com 9


▲Up To Search▲   

 
Price & Availability of H11A5M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X