Part Number Hot Search : 
AN2213 FQA26N30 AN7703F AM79C970 02040 ETCD24 100AXC 7447A
Product Description
Full Text Search
 

To Download H10A32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT MICROPROCESSOR CRYSTAL
SERIES H10A
FEATURES LOW PROFILE HIGH ACCURACY AND STABILITY WIDE FREQUENCY RANGE FROM 10.00 MHz TO 200.00 MHz SPECIFICATIONS
PARAMETER FREQUENCY RANGE FREQUENCY TOLERANCE AT 25C FREQUENCY STABILITY OVER TEMPERATURE OPERATING TEMPERATURE RANGE STORAGE TEMPERATURE RANGE AGING EQUIVALENT SERIES RESISTANCE LOAD CAPACITANCE SHUNT CAPACITANCE DRIVE LEVEL REFLOW CONDITIONS VALUE 10.00 MHz TO 200.00 MHz 10, 30, 50, 100 PPM 4, 10, 30, 50, 100 PPM -10C TO +60C STANDARD -40C TO +85C EXTENDED -40C TO +85C 2 PPM PER YEAR 130 OHMS MAX 10 pF TO 32 pF OR SERIES 7.0 pF MAXIMUM 1.0 0.2 mA TYPICAL SEE SOLDER REFLOW PROFILE
OUTLINE DRAWING
Scale none Dimension in mm inch
SOLDER REFLOW PROFILE
MARKING AREA 3.5 0.20 ..138 .007 6.0 0.20 .236 .007 1.00 .039
SOLDER PATTERN 1.7 .067 1.8 .071
1.4 ..055
CARRIER TAPE DIMENSIONS
1.5 DIA .059 DIA 1.75 .069 7.5 .295 16 .630 4.0 .16 8.0 .315 1.5 .059 2.0 .079 4.0 .16
1.0 0.20 .039 .008
3.6 .142
PART NUMBERING SYSTEM
HOLDER TYPE H10A IN MHz FREQUENCY LOAD CAPACITANCE 16 TO 32 pF FOR PARALLEL S FOR SERIES MODE
PACKAGING 250 mm REEL DIAMETER 16 mm TAPE WIDTH, 8 mm PITCH QUANTITY: 1000 PIECES PER REEL
TOLERANCE / STABILITY (PPM/PPM) EXAMPLES: 1030, 3030 EXT EXTENDED TEMPERATURE TR TAPE AND REEL
F FUNDAMENTAL 3OT THIRD OVERTONE 5OT FIFTH OVERTONE
EXAMPLE: H10A-20.000-32-FUND-TR
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A. Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com


▲Up To Search▲   

 
Price & Availability of H10A32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X