Part Number Hot Search : 
P5630 P5630 P4KE220 0BGXC FFIV1 AD5222 NCP1423 YRT187M
Product Description
Full Text Search
 

To Download GWM160-0055P3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GWM 160-0055P3
Three phase full bridge
with Trench MOSFETs in DCB isolated high current package
Preliminary data
L+ G3 G1 S3 S1 L1 L2 L3 G4 G2 S4 S2 LG6 S6 S5 G5
VDSS = 55 V = 160 A ID25 RDSon typ. = 2.3 m
MOSFETs Symbol VDSS VGS ID25 ID90 IF25 IF90 TC = 25C TC = 90C TC = 25C (diode) TC = 90C (diode) Conditions TVJ = 25C to 150C Maximum Ratings 55 20 160 120 135 90 V V A A A A
Applications AC drives * in automobiles - electric power steering - starter generator * in industrial vehicles - propulsion drives - fork lift drives * in battery supplied equipment Features * MOSFETs in trench technology: - low RDSon - optimized intrinsic reverse diode * package: - high level of integration - high current capability - auxiliary terminals for MOSFET control - terminals for soldering or welding connections - isolated DCB ceramic base plate with optimized heat transfer
Symbol
Conditions
Characteristic Values (TVJ = 25C, unless otherwise specified) min. typ. max. TVJ = 25C TVJ = 125C 2 0.1 0.2 86 18 25 25 50 70 40 0.9 100 1.7 1.4 2.3 3.8 2.9 m m 4 1 V A mA A nC nC nC ns ns ns ns V ns 0.85 K/W K/W
RDSon VGSth IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf VF t rr RthJC RthJH
on chip level at VGS = 10 V
VDS = 20 V; ID = 1 mA VDS = VDSS; VGS = 0 V; TVJ = 25C TVJ = 125C VGS = 20 V; VDS = 0 V VGS= 10 V; VDS = 44 V; ID = 25 A
VGS= 10 V; VDS = 30 V; ID = 25 A; RG = 10 (diode) IF = 80 A; VGS= 0 V (diode) IF = 20 A; -di/dt = 100 A/s; VDS = 30 V with heat transfer paste
IXYS reserves the right to change limits, test conditions and dimensions. (c) 2004 IXYS All rights reserved
1-3
447
GWM 160-0055P3
Component Symbol IRMS TVJ Tstg VISOL FC Symbol IISOL 1 mA; 50/60 Hz; t = 1 min Mounting force with clip Conditions Conditions
per pin in main current paths (P+, N-, L1, L2, L3) may be additionally limited by external connections
Equivalent Circuits for Simulation Maximum Ratings 300 -40...+175 -55...+125 1000 50 - 250 A C C V~ N
junction - case (typ.) Cth1 = 0.039 J/K; Rth1 = 0.28 K/W Cth2 = 0.069 J/K; Rth2 = 0.57 K/W Thermal Response
Characteristic Values (TVJ = 25C, unless otherwise specified) min. typ. max. 0.6 m pF g
Rpin to chip CP Weight coupling capacity between shorted pins and mounting tab in the case typ.
160 25
Dimensions in mm (1 mm = 0.0394")
IXYS reserves the right to change limits, test conditions and dimensions. (c) 2004 IXYS All rights reserved
2-3
447
GWM 160-0055P3
1.2 V 0.9 VDS 0.6 VGS = 8 V 10 V 12 V 1.5 RDSon RDSon(25C) 1.0 2.0
0.3 TVJ = 25C
0.5
0.0 0 100 200 ID 300 A
0.0 -50
0
50
100 TVJ
150 C
Fig. 1: typ. output characteristics [VDS = ID (RDSon + 2x Rpin to chip)]
300 A 250 ID 200 6 VGS 10 V 8
Fig. 2: typ. dependence of RDSon on temperature
ID = 25 A
VDS = 14 V 150 4 100 TVJ = 125C TVJ = 25C 0 0 1 2 3 4 5 67 VGS V 8 0 0 20 40 60 QG 80 100 nC 2 VDS = 44 V
50
Fig. 3: typ.transfer characteristics
400 A VGS = 0 V 350 300 -ID 250 200 150 TVJ = 125C 100 50 TVJ = 25C 0 0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 V VSD
Fig. 4: typ. gate charge characteristics
1
K/W
0.1
ZthJC
0.01
0.001
0.0001
0.00001 0.0001 0.001 0.01 0.1 1
s
10
t
IXYS reserves the right to change limits, test conditions and dimensions. (c) 2004 IXYS All rights reserved
3-3
447
Fig. 5: typ. conduction characteristics of body diode
Fig. 6: typ. transient thermal impedance


▲Up To Search▲   

 
Price & Availability of GWM160-0055P3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X