Part Number Hot Search : 
H2072Z01 C101K CZ1W15V 89000 K2607 1N4154 100K254 ZTBF500E
Product Description
Full Text Search
 

To Download GT8Z-24DS-2C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Antenna, Sensor, and Communications Trunk Line Connections
GT8 Series
-- High-Pressure Connectors --
Features
Crimp Terminals Use of an air-tight dimple construction at the contact portion serves to prevent oxidation of the contact portion. F Connector Housing Terminal number markings appear in a large size in consideration of insertion processing. Form designed to prevent erroneous insertion. M Connectors Designed with escape holes for washing liquid to escape so that secondary soiling may be prevented when the board has been washed. The surrounding wall of the terminal has been constructed higher than the terminal so as to prevent terminal bending. Miscellaneous The F connector housing fits entirely inside of the M connector to prevent incomplete insertion and prevents [?GOSHIRI=?twisting] and other problems. The F connector is guarded so that there is no slanting nor contact movement, and the connector is resistant to vibration. The color of the F connector housing and the M connector have been changed to prevent incomplete insertion.
Applications
Internal connections of mobile units.
2003.7
F Connectors
Terminals
Part Number GT8-2428SCF GT8-2428SC
CL No. 758-0001-8 758-0002-0
Material Phosphor bronze Phosphor bronze
Finish Tin plating Tin plating
Packaging 10,000 pcs. per reel 100 pcs. per bag
Housing (Without Flange)
Lock Part Number GT8-14DS-2C GT8-20DS-2C GT8-24DS-2C GT8A-20DS-2C GT8A-24DS-2C CL No. 758-0018-0 758-0003-3 758-0005-9 758-0011-1 758-0012-4 Material Color Number of positions A dimension 14 15.8 20 21.8 24 25.8 20 21.8 24 25.8
Lock Terminal No.
With lock
PBT
Dark gray
Without lock
Housing (With Flange)
Part Number GT8Z-14DS-2C GT8Z-20DS-2C GT8Z-24DS-2C
CL No. 758-0009-0 758-0007-4 758-0008-7
Material PBT
Color Dark gray
Number of positions A dimension 14 15.8 20 21.8 24 25.8
B dimension 22 28 32
2
Note: This product mates with GT8- or GT8A-*DP-2DSA.
M Connectors
Board Type
Cleaning liquid escape hole With incorrect insertion B-B cross-section prevention key (GT8A only)
Part Number GT8 -14DP-2DSA GT8 -20DP-2DSA GT8 -24DP-2DSA GT8A-14DP-2DSA GT8A-20DP-2DSA GT8A-24DP-2DSA
Number of potions Under development 14 758- 0004- 6 20 758 - 0006- 1 24 758- 0010- 9 14 758- 0013- 7 20 758- 0014- 0 24 CL No.
A dimension ---23.8 27.8 17.8 Incorrect 23.8 insertion prevention key 27.8
BRecommended PCB Mounting Pattern
Material Finish PBT Color: Light gray Brass Tin plating
With incorrect insertion prevention key (GT8A only)
Type With Feed-through Capacitor
Terminal position specification Lot No. printing
BRecommended PCB Mounting Pattern
Part Number GT8C- 20DP-2DSA
CL No. 758- 0015-2
* Capacitor value of 1,000 pF is standard. * Should you have other requirements, please contact a Hirose Electric account representative.
3
B Termination Tools
User's manuals are available. Please contact a Hirose Electric account representative.
Automatic Crimping Machine
Specifications
Item Specification Stroke length Number of strokes Wight Motor Crimping speed Specification 1.5ton 30mm 200 spm (50 Hz) 75 kg 0.2kw 2,000 to 4,000 pcs. per Hour AC100V 240 spm (60 Hz) Remarks
Part number CM-105
Hand Tool
* Crimp height setting tables are available for each cable type. Please contact your nearest Hirose Electric account representative. Different cables will requires different crimp height settings.
4


▲Up To Search▲   

 
Price & Availability of GT8Z-24DS-2C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X