Part Number Hot Search : 
SMC30CA XR2003 DBCCDM15 10164 ON0353 C5451 P6KE250A 6OPZV420
Product Description
Full Text Search
 

To Download GS25T48-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GS25/30T48 Family
25/30 W DC-DC CONVERTER FAMILY
Type GS25T48-5 GS25T48-12 GS25T48-15 Vin 36 to 72 V 36 to 72 V 36 to 72 V Vout 5V 12 V 15 V Iout 5A 2,5 A 2A
FEATURES MTBF in excess of 1M hours at +45C ambient temperature Wide input voltage range (36 to 72V) No external component required High efficiency (see data) Non latching permanent short-circuit protection Overvoltage protection Redundant operation Remote output voltage sense Remote INHIBIT/ENABLE Soft-start Minimized reflected input current Reverse input polarity protection Peak input overvoltage withstand No derating over the temperature range 500VDC minimum isolation between input and output PCB or chassis mountable DESCRIPTION The GS25T48-5, GS30T48-12 and GS30T48-15 are isolated DC-DC converters designed for general purpose application. ABSOLUTE MAXIMUM RATINGS
Symbol Vi Vipk Vir Tstg Top DC Input Voltage Input Transient Overvoltage (t 1sec.) Input Reverse Voltage Storage Temperature Range Operating Temperature Range Parameter Value 34 to 72V 90 100 -55 to +105 -25 to +71 Unit V V V C C
The output power is in the range of 25W to 30W. To ensure very long life, these converters do not use electrolytic aluminum capacitors or optoelectronic feedback systems.
December 1993
1/5
GS25/30T48 FAMILY
ELECTRICAL CHARACTERISTICS (Tamb = 25C unless otherwise specified)
Symbol Vi Ii Parameter Input Voltage Input Current Test Conditions Full Load GS25T48-5 GS30T48-12 GS30T48-15 Iir Iisc Input Reflected Current Input Short-circuit Current Vi = 48V GS25T48-5 Vi = 48V GS30T48-12 Vi = 48V GS30T48-15 Vi = 48V liq Vinhl Vinhh linh Vo Input Quiescent Current Low Inhibit Voltage High Inhibit Voltage Input Inhibit Current Output Voltage Vi = 48V Converter OFF Vi = 48V Vi = 48V Vi = 48V GS25T48-5 Vi = 48V GS30T48-12 Vi = 48V GS30T48-15 Vi = 48V Vor Vo Vo Voov Output Ripple and Noise Voltage Line Regulation Load Regulation Output Overvoltage Protection Vi = 48V Full Load Vi = 36 to 72V Full Load Vi = 48V Full Load to No Load GS25T48-5 Vi = 48V GS30T48-12 Vi = 48V GS30T48-15 Vi = 48V Vo Tc Remote Sense per Leg Temperature Coefficient Vi = 36V Vi = 48V Full Load Operating Temperature Range Full Load Full Load Full Load Full Load Full Load Full Load 4.95 Full Load 11.88 Full Load 14.85 Full Load 10 0.001 0.05 6.8 15 18 0.5 +0.02 V %/C mVpp % % V 15.00 15.15 12.00 12.12 1.8 (open) 1 5.00 5.05 Full Load Full Load Full Load Full Load Min 36 Typ 48 640 730 730 50 710 820 820 5 1.2 mA V V mA V mApp mA Max 72 Unit V mA
2/5
GS25/30T48 FAMILY
ELECTRICAL CHARACTERISTICS (Tamb = 25C unless otherwise specified) (cont'd)
Symbol Io Parameter Output Current Test Conditions GS25T48-5 Vi = 36 to 72V GS30T48-12 Vi = 36 to 72V GS30T48-15 Vi = 36 to 72V Iosck Output Current Limit GS25T48-5 Vi = 48V GS30T48-12 Vi = 48V GS30T48-15 Vi = 48V tss trt Vis R is fs Soft-start Time Transient Recovery Time Isolation Voltage Isolation Resistance Switching Frequency Efficiency GS25T48-5 Vi = 48V GS30T48-12 Vi = 48V GS30T48-15 Vi = 48V Rthc Thermal Resistance Case to Ambient Full Load 86 Full Load 86 Full Load 4 C/W Vi = 48V Overload 2.75 Overload 2.2 Overload Full Load 30 75 500 10
9
Min 0 0 0
Typ
Max 5 2.5 2 5.5
Unit A
A
ms s Vdc
Vi = 48V Step Load Change Io = 25%
150 81
kHz %
3/5
GS25/30T48 FAMILY
CONNECTION DIAGRAM AND MECHANICAL DATA
Package F. Dimensions in mm. (inches)
PIN DESCRIPTION
Pin 1 2 - IN + IN Function Negative input voltage. Positive input voltage. Unregulated input voltage (typically 48V) must be applied between pins 1-2. The input section of the DC-DC converter is protected against reverse polarity by a series diode. No external fuse is required. Input is filtered by a Pi network. Logically compatible with CMOS or open collector TTL. The converter is ON (Enable) when the voltage applied to this pin with reference to pin 1 is higher than 1.8V. The converter is OFF (Inhibit) for a control voltage lower than 1.2V. When the pin is unconnected the converter is ON (Enable). Senses the remote load high side. To be connected to pin 6 when remote sense is not used. Senses the remote load return. To be connected to pin 7 when remote sense is not used. Output voltage. Output voltage return. Description
3
ON/OFF
4 5 6 7
+ SENSE - SENSE + OUT - OUT
4/5
GS25/30T48 FAMILY
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
5/5


▲Up To Search▲   

 
Price & Availability of GS25T48-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X