Part Number Hot Search : 
MM3S0520 0200CT CP150 F71883 RT6N430C 15DAF1 100CL NTX2N67
Product Description
Full Text Search
 

To Download GPAF807 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GPAF801 THRU GPAF807
Isolation 8.0 AMPS. Glass Passivated Rectifiers
Voltage Range 50 to 1000 Volts Current 8.0 Amperes
Features
.185(4.7)
ITO-220AC
.406(10.3) .390(9.90) .13 4(3. 4)D IA . 11 3(3. 0)D IA . 112 (2. 85) . 100 (2.5 5)
.173(4.4) .124(3.16) .118(3.00)
Low forward voltage drop High current capability High reliability High surge current capability
.2 72( 6. 9) .2 48( 6. 3)
. 606(1 5.5 ) . 583(1 4.8 )
Mechanical Data
Cases: ITO-220AC molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Leads solderable per MIL-STD202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260/ 0.25",(6.35mm) from case for 10 seconds. Mounting torque: 5 in - 1bs. max. Weight: 2.24 grams
.0 63 (1 .6 ) MA X
.161(4.1) .146(3.7)
.110( 2.8) .0 98(2 .5)
. 071 (1. 8) MA X
. 543( 13. 8) . 512( 13. 2)
2
PIN 1 PIN 2 Case Positive
. 10 0( 2 . 55)
. 100 (2.5 5)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol GPAF GPAF GPAF GPAF GPAF GPAF GPAF Units Type Number
801 802 803 804 805 806 807 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @TC = 100 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @8.0A Maximum DC Reverse Current @ TC=25 at Rated DC Blocking Voltage Typical Junction Capacitance ( Note 1) Typical Thermal Resistance (Note 2)
VRRM VRMS VDC I(AV) IFSM VF IR
50 35 50
100 70 100
200 140 200
400 280 400 8.0 150 1.1 5.0
600 420 600
800 1000 560 700 800 1000
V V V A A V uA
50 pF /W 5.0 Operating and Storage Temperature Range TJ ,TSTG - 65 to + 150 Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 2. Thermal Resistance from Junction to Case Mounted on Heatsink size 2" x 3" x 0.25" Al-Plate
RJC
Cj
- 548 -
RATINGS AND CHARACTERISTIC CURVES (GPAF801 THRU GPAF807)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
10 175
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
150 125 100 75 50 25 0 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
8
6
4
2
Single Phase Half Wave 60Hz Resistive of Inductive Load
0 0 50 CASE TEMPERATURE. ( C)
o
100
150
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
400 200 100
FIG.4- TYPICAL REVERSE CHARACTERISTICS
100
40
INSTANTANEOUS FORWARD CURRENT. (A)
40 20 10
INSTANTANEOUS REVERSE CURRENT. ( A)
10
Tj=125 0C
4 2 1
4 2 1 Tj=25oC Pulse Width=300 s 1% Duty Cycle
Tj=25 0C
0.4 0.2 0.1
0.4 0.2 0.1
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
20
40
60
80
100
120
140
FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
120
JUNCTION CAPACITANCE.(pF)
100
80
60
40
f=10 MHz Vsig 50Mvp-p
Tj=25 0C
20
0 0.1 0.5 1 4 10 40 100 400 1000 REVERSE VOLTAGE. (V)
- 549 -


▲Up To Search▲   

 
Price & Availability of GPAF807

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X