Part Number Hot Search : 
BH7634AS H332M MKP1841 ICOND 065HN SD200N C3398 28000
Product Description
Full Text Search
 

To Download GP1S59J0000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP1S59J0000F
GP1S59J0000F
Gap : 4.2mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
Description
GP1S59J0000F is a standard, phototransistor output, transmissive photointerrupter with opposing emitter and detector in a case, providing non-contact sensing. For this family of devices, the emitter and detector are inserted in a case, resulting in a through-hole design. This device is unique because it has a horizontal slit and a position pin to insure accurate placement on the PCB and prevent miss-orientation.
Agency approvals/Compliance
1. Compliant with RoHS directive
Applications
1. General purpose detection of object presence or motion. 2. Example : Printer, FAX, Optical storage unit
Features
1. Transmissive with phototransistor output 2. Highlights : * Horizontal Slit for alternate motion detection * Positioning Pin to prevent misalignment 3. Key Parameters : * Gap Width : 4.2mm * Slit Width (detector side): 0.5mm * Package : 13.5x9.3x5.2mm 4. Lead free and RoHS directive compliant
Notice The content of data sheet is subject to change without prior notice. In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
Sheet No.: D3-A02901EN Date Oct. 3. 2005 (c) SHARP Corporation
GP1S59J0000F
Internal Connection Diagram
Top view
3 2 1 2 4 1
Anode Cathode
3 4
Collector Emitter
Outline Dimensions
Top view Model No. 5.2
S59
(Unit : mm)
SHARP' mark "S" 13.5 AA' section 0.5
1 C
0.3
4.20.2 BA 20.2 9.3
BB'section 0.5
Date code (Both side) 6.8 MIN 10 1.3
B'
A'
(2.54)
4
(10)
1
3
1.8
2
* Unspecified tolerance shall be as follows ;
Dimensions (d) d4 4* ( ) : Reference dimensions
Tolerance 0.1 0.2
Product mass : approx. 0.5g Dip soldering material : Sn-3Ag-0.5Cu
1.65
Sheet No.: D2-A02701EN
2
GP1S59J0000F
Date code (2 digit)
1st digit Year of production A.D. Mark 2000 0 2001 1 2002 2 2003 3 2004 4 2005 5 2006 6 2007 7 2008 8 2009 9 2010 0 : : 2nd digit Month of production Month Mark 1 1 2 2 3 3 4 4 5 5 6 6 7 7 8 8 9 9 10 X 11 Y 12 Z
repeats in a 10 year cycle
Country of origin
Japan, Indonesia or Philippines (Indicated on the packing case)
Sheet No.: D2-A02701EN
3
GP1S59J0000F
Absolute Maximum Ratings
Parameter Symbol Rating 1 Forward current IF 50 1, 2 Peak forward current IFM 1 Input Reverse voltage VR 6 Power dissipation P 75 Collector-emitter voltage VCEO 35 Emitter-collector voltage VECO 6 Output Collector current IC 20 1 Collector power dissipation PC 75 Operating temperature Topr -25 to +85 Storage temperature Tstg -40 to +100 3 Soldering temperature Tsol 260

(Ta=25C) Unit mA A V mW V V mA mW C C C
1 Refer to Fig. 1, 2, 3 2 Pulse width 100s, Duty ratio=0.01 3 For 5s or less
Electro-optical Characteristics
Parameter Forward voltage Input Peak forward voltage Reverse current Output Collector dark current Collector current Transfer Collector-emitter saturation voltage characRise time teristics Response time Fall time Symbol VF VFM IR ICEO IC VCE(sat) tr tf Condition IF=20mA IFM=0.5A VR=3V VCE=20V VCE=5V, IF=20mA IF=40mA, IC=0.5mA VCE=2V, IC=2mA, RL=100 MIN. - - - 0.5 - - - TYP. 1.25 3 - 1 - - 3 4
(Ta=25C) MAX. Unit 1.4 V 4 V 10 A 100 nA 10 mA 0.4 V 15 s 20
Sheet No.: D2-A02701EN
4
GP1S59J0000F
Fig.1 Forward Current vs. Ambient Temperature
60
Fig.2 Collector Power Dissipation vs. Ambient Temperature
120 Collector power dissipation PC (mW) 100 80 75 60 40 20 15 -25 0 25 50 75 85 100
50 Forward current IF (mA) 40 30
20 10 0 -25
0 25 50 75 85 Ambient temperature Ta (C)
100
Ambient temperature Ta (C)
Fig.3 Peak Forward Current vs. Duty Ratio
Pulse width100s Ta=25C Peak forward current IFM (mA) 1 000
Fig.4 Forward Current vs. Forward Voltage
Ta =75C
50C 25C 0C -25C
100
Forward current IF (mA)
100
10
10 10-2 10-1 Duty ratio 1
1 0 0.5 1 1.5 2 2.5 3 3.5 Foward voltage VF (V)
Fig.5 Collector Current vs. Forward Current
5 VCE= 5V Ta =25C 4 Collector current IC (mA)
Fig.6 Collector Current vs. Collector-emitter Voltage
5 Ta=25C 4 Collector current IC (mA) IF =50mA
40mA 30mA
3
3
2
2
20mA
1
1
10mA
0 0 10 20 30 40 Forward current IF (mA) 50
0
0
1
2
3
4
5
6
7
8
9
10
Collector-emitter VCE (V)
Sheet No.: D2-A02701EN
5
GP1S59J0000F
Fig.7 Collector Current vs. Ambient Temperature
3 IF =20mA V C E =5V Collector current IC (mA)
Fig.8 Collector-emitter Saturation Voltage vs. Ambient Temperature
0.25 Collector-emitter saturation voltage VCE(sat) (V) IF =40mA IC =0.5mA 0.2
2
0.15
0.1
1
0.05
0 -25
0 25 50 75 Ambient temperature Ta (C)
100
0 -25
0 25 50 75 Ambient temperature Ta (C)
100
Fig.9 Response Time vs. Load Resistance
100
Fig.10 Test Circuit for Response Time
VCE= 2V IC = 2mA Ta =25C RD Input tf td tr
VCC RL Output
Input 10% 90% td tr ts tf
Response time (s)
10
Output
1
ts
0.1 0.01
0.1 1 Load resistance RL (k)
10
Fig.11 Frequency Response
5 VCE=2V IC = 2mA Ta=25C
Fig.12 Collector Dark Current vs. Ambient Temperature
10-6 VCE=20V
Collector dark current ICEO (A)
0 Voltage gain AV (dB)
10-7
-5 RL =10k 1k 100
10-8
-10
10-9
-15
-20 102
103
104
105
106
10-10 -25
Frequency f (Hz)
0 25 50 75 Ambient temperature Ta (C)
100
Sheet No.: D2-A02701EN
6
GP1S59J0000F
Fig.13 Detecting Position Characteristics (1)
100 90 Relative collector current (%) 80 70 60 50 40 30 20 10 0 -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 Shield moving distance L (mm) - 0 Sensor + IF=20mA, VCE=5V Ta=25C L Shield
Fig.14 Detecting Position Characteristics (2)
100 90 Relative collector current (%) 80 70 60 50 40 30 20 10 0 -2 -1.5 -1 -0.5 0 0.5 1 1.5 2 Shield moving distance L (mm) Sensor + L IF=20mA, VCE=5V Ta=25C Shield - 0
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
Sheet No.: D2-A02701EN
7
GP1S59J0000F
Design Considerations Design guide
1) Prevention of detection error To prevent photointerrupter from faulty operation caused by external light, do not set the detecting face to the external light. 2) Position of opaque board Opaque board shall be installed at place 4mm or more from the top of elements. (Example)
4mm or more
This product is not designed against irradiation and incorporates non-coherent IRED.
Degradation
In general, the emission of the IRED used in photocouplers will degrade over time. In the case of long term operation, please take the general IRED degradation (50% degradation over 5 years) into the design consideration.
Parts
This product is assembled using the below parts.
* Photodetector (qty. : 1)
Category Phototransistor Material Silicon (Si) Maximum Sensitivity wavelength (nm) 800 Sensitivity wavelength (nm) 400 to 1 200 Response time (s) 3
* Photo emitter (qty. : 1)
Category Infrared emitting diode (non-coherent) Material Gallium arsenide (GaAs) Maximum light emitting wavelength (nm) 950 I/O Frequency (MHz) 0.3
* Material
Case Black Polysulfone resin (UL94 V-0) Lead frame plating Solder dip. (Sn-3Ag-0.5Cu)
Sheet No.: D2-A02701EN
8
GP1S59J0000F
Manufacturing Guidelines Soldering Method Flow Soldering:
Soldering should be completed below 260C and within 5 s. Please take care not to let any external force exert on lead pins. Please don't do soldering with preheating, and please don't do soldering by reflow.
Hand soldering
Hand soldering should be completed within 3 s when the point of solder iron is below 350C. Please solder within one time. Please don't touch the terminals directly by soldering iron. Soldered product shall treat at normal temperature.
Other notice
Please test the soldering method in actual condition and make sure the soldering works fine, since the impact on the junction between the device and PCB varies depending on the cooling and soldering conditions.
Flux
Some flux, which is used in soldering, may crack the package due to synergistic effect of alcohol in flux and the rise in temperature by heat in soldering. Therefore, in using flux, please make sure that it does not have any influence on appearance and reliability of the photointerrupter.
Sheet No.: D2-A02701EN
9
GP1S59J0000F
Cleaning instructions Solvent cleaning :
Solvent temperature should be 45C or below. Immersion time should be 3 minutes or less.
Ultrasonic cleaning :
The affect to device by ultrasonic cleaning is different by cleaning bath size, ultrasonic power output, cleaning time, PCB size or device mounting condition etc. Please test it in actual using condition and confirm that doesn't occur any defect before starting the ultrasonic cleaning.
Recommended solvent materials :
Ethyl alcohol, Methyl alcohol and Isopropyl alcohol.
Presence of ODC
This product shall not contain the following materials. And they are not used in the production process for this product. Regulation substances : CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform) Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all. This product shall not contain the following materials banned in the RoHS Directive (2002/95/EC). *Lead, Mercury, Cadmium, Hexavalent chromium, Polybrominated biphenyls (PBB), Polybrominated diphenyl ethers (PBDE).
Sheet No.: D2-A02701EN
10
GP1S59J0000F
Package specification Case package Package materials
Anti-static plastic bag : Polyethtylene Moltopren : Urethane Partition : Corrugated fiberboard Packing case : Corrugated fiberboard
Package method
100 pcs of products shall be packaged in a plastic bag, Ends shall be fixed be by stoppers. The bottom ot the packing case is covered with moltopren, and the partition is set in the packing case. Each partition should have 1 plastic bag. The 10 plastic bags containing a product are put in the packing case. Moltopren should be located after all product are settled (1 packing contains 1 000 pcs).
Packing composition
Moltopren
Partition
Anti-static plastic bag
Packing case
Sheet No.: D2-A02701EN
11
GP1S59J0000F
Important Notices
* The circuit application examples in this publication are provided to explain representative applications of SHARP devices and are not intended to guarantee any circuit design or license any intellectual property rights. SHARP takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of SHARP's devices. * Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. SHARP reserves the right to make changes in the specifications, characteristics, data, materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. Manufacturing locations are also subject to change without notice. * Observe the following points when using any devices in this publication. SHARP takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) The devices in this publication are designed for use in general electronic equipment designs such as: --- Personal computers --- Office automation equipment --- Telecommunication equipment [terminal] --- Test and measurement equipment --- Industrial control --- Audio visual equipment --- Consumer electronics (ii) Measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when SHARP devices are used for or in connection with equipment that requires higher reliability such as: --- Transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- Traffic signals --- Gas leakage sensor breakers --- Alarm equipment --- Various safety devices, etc. (iii) SHARP devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: --- Space applications --- Telecommunication equipment [trunk lines] --- Nuclear power control equipment --- Medical and other life support equipment (e.g., scuba). * If the SHARP devices listed in this publication fall within the scope of strategic products described in the Foreign Exchange and Foreign Trade Law of Japan, it is necessary to obtain approval to export such SHARP devices. * This publication is the proprietary product of SHARP and is copyrighted, with all rights reserved. Under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of SHARP. Express written permission is also required before any use of this publication may be made by a third party. * Contact and consult with a SHARP representative if there are any questions about the contents of this publication.
[H154]
Sheet No.: D2-A02701EN
12


▲Up To Search▲   

 
Price & Availability of GP1S59J0000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X